MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
4 - 5
MC022
MICROCOUPLER, SMALL TRANSISTOR OUTPUT
Rev A 8/2/02
ELECTRICAL CHARACTERISTICS
TA = 25°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Input Diode Reverse Current
IR
100
µA
VR = 2V
Input-to-Output Internal Resistance
RIO
10
11
Ω
VIN-OUT = 1kV
1
Input-to-Output Capacitance
CIO
2.5
5
pF
VCC = 5.5V, IF = 20mA
Input Forward Voltage
VF
1.5
1.75
V
IF = 20mA
Collector-Emitter Saturation Voltage
VCE(SAT)
0.3
V
IF = 20mA, IC = 10µA, IB = 0
Collector-Base Breakdown Voltage
VBRCBO
50
V
IC = 100µA, IB = 0, IF = 0
Collector-Emitter Breakdown Voltage
VBRCEO
50
V
IC = 1mA, IB = 0, IF = 0
Emitter-Base Breakdown Voltage
VBREBO
7
V
IC = 0, IE =10 0µA, IF = 0
On State Collector Current
IC(ON)
10
25
mA
IF = 10mA, VCE = 5V, IB = 0
Off-State Collector Current
ID
100
nA
IF = 0mA, VCE = 30V, IB = 0
Rise Time (Phototransistor Mode)
tr
10
25
µs
IF = 5mA, VCE = 10V, RL = 100Ω
Fall Time (Phototransistor Mode)
tf
10
25
µs
IF = 5mA, VCE = 10V, RL = 100Ω
NOTE 1: These parameters are measured between all phototransistor leads shorted together and both input diode leads shorted together.
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Current
IF
1
50
mA
Supply Voltage
VCE
5
30
V
Operating Temperature
TA
-55
125
°C