công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PD075-HL3 bảng dữ liệu(PDF) 2 Page - ANADIGICS, Inc

tên linh kiện PD075-HL3
Giải thích chi tiết về linh kiện  Low Cost Analog Photodiode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ANADIGICS [ANADIGICS, Inc]
Trang chủ  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

PD075-HL3 bảng dữ liệu(HTML) 2 Page - ANADIGICS, Inc

  PD075-HL3 Datasheet HTML 1Page - ANADIGICS, Inc PD075-HL3 Datasheet HTML 2Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PD075-HL3
Rev 1.0
2
Table 2: Absolute Maximum Ratings
PARAMETER
MIN
MAX
UNIT
Forward Current
-
5
mA
Reverse Current
-
250
μA
Reverse Voltage
-
30
V
Optical input power
-
5
mW
Operating Case Temperature
-40
+85
ºC
Storage Temperature
-40
+85
ºC
Soldering temperature (10 seconds)
-
+250
ºC
Stresses in excess of the absolute ratings may cause permanent damage. Functional operation is not implied
under these conditions. Exposure to absolute ratings for extended periods of time may adversely affect reliability.
PIN LOCATIONS – Standard
Dimensions: INCHES [mm]
ORDERING INFORMATION
Table 3: Standard
Part Number
Options
PD075-HL3-300
SC/APC pigtail, 1 meter SMF-28 fiber, 3 pin
PD075-HL3-520
SC/APC receptacle, 3 pin
Table 4: Custom
Part Number
Options
PD075-HL3-3xx
Number of pins: 2, 3
Fiber length: 0.5 meter, 1.0 meter
Fiber type: Single mode (SMF-28) or custom supplied
Connector Type: SC, ST or FC. APC or UPC
PD075-HL3-5xx
Number of pins: 2, 3
Connector Type: SC, ST or FC. Aligned for APC or UPC
Please contact Anadigics for the specific part number and pinout that suits your needs
ANADIGICS, Inc.
829 Flynn Road
Camarillo, California 93012, U.S.A.
Tel: +1 (805) 445-4500
Fax: +1 (805) 445-4502
URL: http://www.anadigics.com
E-mail: Mktg@anadigics.com
IMPORTANT NOTICE
ANADIGICS, Inc. reserves the right to make changes to its products or discontinue any product at any
time without notice. The product specifications contained in Advanced Product Information sheets and
Preliminary Data sheets are subject to change prior to a product’s formal introduction. Information in
Data Sheets have been carefully checked and are assumed to be reliable; however, ANADIGICS
assumes no responsibility for inaccuracies. ANADIGICS strongly urges customers to verify that the
information they are using is current before placing orders.
WARNING
ANADIGICS products are not intended for use in life support appliances, devices, or systems. Use of
an ANADIGICS product in any such application without written consent is prohibited.


Số phần tương tự - PD075-HL3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ANADIGICS, Inc
PD075-003-0XX ANADIGICS-PD075-003-0XX Datasheet
180Kb / 2P
   75關m InGaAs Photodiode
PD075-003-100 ANADIGICS-PD075-003-100 Datasheet
180Kb / 2P
   75關m InGaAs Photodiode
PD075-003-105 ANADIGICS-PD075-003-105 Datasheet
180Kb / 2P
   75關m InGaAs Photodiode
PD075-003-1XX ANADIGICS-PD075-003-1XX Datasheet
180Kb / 2P
   75關m InGaAs Photodiode
PD075-003-3XX ANADIGICS-PD075-003-3XX Datasheet
180Kb / 2P
   75關m InGaAs Photodiode
More results

Mô tả tương tự - PD075-HL3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD633JRZ AD-AD633JRZ Datasheet
610Kb / 16P
   Low Cost Analog Multiplier
Rev. I
AD633JRZ-R7 AD-AD633JRZ-R7 Datasheet
610Kb / 16P
   Low Cost Analog Multiplier
Rev. I
AD633 AD-AD633 Datasheet
144Kb / 8P
   Low Cost Analog Multiplier
REV. B
AD633ARZ-REEL7 AD-AD633ARZ-REEL7 Datasheet
903Kb / 21P
   Low Cost Analog Multiplier
Rev. J
AD633 AD-AD633_15 Datasheet
959Kb / 21P
   Low Cost Analog Multiplier
Rev. J
logo
List of Unclassifed Man...
C30724P ETC1-C30724P Datasheet
174Kb / 2P
   LOW COST SILICON AVALANCHE PHOTODIODE (Plastic Encapsulated Package)
logo
Eudyna Devices Inc
FID3S1HX EUDYNA-FID3S1HX Datasheet
270Kb / 6P
   Analog PIN Photodiode
FID3S2KX EUDYNA-FID3S2KX Datasheet
153Kb / 4P
   Analog PIN Photodiode
logo
ANADIGICS, Inc
PD070-HL2 ANADIGICS-PD070-HL2 Datasheet
178Kb / 2P
   High Performance Analog Photodiode
logo
Analog Devices
DAC1009 AD-DAC1009_15 Datasheet
1Mb / 4P
   Low Cost Multipurpose Digitalt To Analog Converter
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com