công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADM1068ACP bảng dữ liệu(PDF) 10 Page - Analog Devices

tên linh kiện ADM1068ACP
Giải thích chi tiết về linh kiện  Super Sequencer??and Monitor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADM1068ACP bảng dữ liệu(HTML) 10 Page - Analog Devices

Back Button ADM1068ACP Datasheet HTML 6Page - Analog Devices ADM1068ACP Datasheet HTML 7Page - Analog Devices ADM1068ACP Datasheet HTML 8Page - Analog Devices ADM1068ACP Datasheet HTML 9Page - Analog Devices ADM1068ACP Datasheet HTML 10Page - Analog Devices ADM1068ACP Datasheet HTML 11Page - Analog Devices ADM1068ACP Datasheet HTML 12Page - Analog Devices ADM1068ACP Datasheet HTML 13Page - Analog Devices ADM1068ACP Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADM1068
Preliminary Technical Data
Rev. PrB | Page 10 of 28
POWERING THE ADM1068
The ADM1068 is powered from the highest voltage input on
either the positive-only supply inputs (VPn) or the high voltage
supply input (VH). This technique offers improved redundancy
as the device is not dependent on any particular voltage rail to
keep it operational. The same pins are used for supply fault
detection (discussed later in the next section). A VDD arbitrator
on the device chooses which supply to use. The arbitrator can
be considered an OR’ing of four LDOs together. A supply
comparator chooses which of the inputs is highest and selects
this one to provide the on-chip supply. There is minimal
switching loss with this architecture (~0.2 V), resulting in the
ability to power the ADM1068 from a supply as low as 3.0 V.
Note that the supply on the VXn pins cannot be used to power
the device.
An external capacitor to GND is required to decouple the on-
chip supply from noise. This capacitor should be connected to
the VDDCAP pin, as shown in Figure 14. The capacitor has
another use during brownouts (momentary loss of power).
Under these conditions, when the input supply (VPn or VH)
dips transiently below VDD, the synchronous rectifier switch
immediately turns off so that it does not pull VDD down. The
VDD cap can then act as a reservoir to keep the device active
until the next highest supply takes over the powering of the
device. 10 µF is recommended for this reservoir/decoupling
function.
Note that when two or more supplies are within 100 mV of each
other, the supply that takes control of VDD first keeps control.
For example, if VP1 is connected to a 3.3 V supply, then VDD
powers up to approximately 3.1 V through VP1. If VP2 is then
connected to another 3.3 V supply, VP1 still powers the device,
unless VP2 goes 100 mV higher than VP1.
SUPPLY
COMPARATOR
IN
EN
OUT
4.75V
LDO
IN
EN
OUT
4.75V
LDO
IN
EN
OUT
4.75V
LDO
IN
EN
OUT
4.75V
LDO
VH
VP3
VP2
VP1
VDDCAP
INTERNAL
DEVICE
SUPPLY
Figure 14. VDD Arbitrator Operation


Số phần tương tự - ADM1068ACP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM1068 AD-ADM1068_15 Datasheet
385Kb / 24P
   Super Sequencer and Monitor
REV. C
More results

Mô tả tương tự - ADM1068ACP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM1065 AD-ADM1065_15 Datasheet
369Kb / 28P
   Super Sequencer and Monitor
REV. D
ADM1068 AD-ADM1068_15 Datasheet
385Kb / 24P
   Super Sequencer and Monitor
REV. C
ADM1065ASUZ AD-ADM1065ASUZ Datasheet
369Kb / 28P
   Super Sequencer and Monitor
Rev. D
ADM1065 AD-ADM1065 Datasheet
664Kb / 28P
   Super Sequencer-TM and Monitor
REV. 0
ADM1168 AD-ADM1168 Datasheet
402Kb / 28P
   Super Sequencer and Monitor with Nonvolatile Fault Recording
REV. 0
ADM1185 AD-ADM1185_07 Datasheet
320Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. 0
ADM1185 AD-ADM1185 Datasheet
233Kb / 12P
   Quad Voltage Monitor and Sequencer
Rev. PrK June 2006
ADM1185 AD-ADM1185_15 Datasheet
299Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. B
logo
Maxim Integrated Produc...
MAX34461 MAXIM-MAX34461 Datasheet
3Mb / 59P
   PMBus 16-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
MAX34460 MAXIM-MAX34460 Datasheet
3Mb / 65P
   PMBus 12-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com