công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADM1068ACP bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện ADM1068ACP
Giải thích chi tiết về linh kiện  Super Sequencer??and Monitor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADM1068ACP bảng dữ liệu(HTML) 6 Page - Analog Devices

Back Button ADM1068ACP Datasheet HTML 2Page - Analog Devices ADM1068ACP Datasheet HTML 3Page - Analog Devices ADM1068ACP Datasheet HTML 4Page - Analog Devices ADM1068ACP Datasheet HTML 5Page - Analog Devices ADM1068ACP Datasheet HTML 6Page - Analog Devices ADM1068ACP Datasheet HTML 7Page - Analog Devices ADM1068ACP Datasheet HTML 8Page - Analog Devices ADM1068ACP Datasheet HTML 9Page - Analog Devices ADM1068ACP Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ADM1068
Preliminary Technical Data
Rev. PrB | Page 6 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
24
25
32
8
9
17
16
VX1
VX2
VX3
VX4
VP1
VP2
VP3
VH
PDO1
PDO2
PDO3
PDO4
PDO5
PDO6
PDO7
PDO8
NC = NO CONNECT
PIN 1
INDICATOR
ADM1068
TOP VIEW
(Not to Scale)
Figure 3. LQFP Pin Configuration
Table 2. Pin Function Descriptions
Pin No.
Mnemonic
Description
11, 13-16
NC
No connection.
1–4
VX1–4
High Impedance Inputs to Supply Fault Detectors. Fault thresholds can be set from 0.573 V to 1.375 V.
Alternatively, these pins can be used as general-purpose digital inputs.
5–7
VP1–3
Low Voltage Inputs to Supply Fault Detectors. Three input ranges can be set by altering the input attenuation
on a potential divider connected to these pins, the output of which connects to a supply fault detector. These
pins allow thresholds from 2.5 V to 6.0 V, 1.25 V to 3.00 V, and 0.573 V to 1.375 V.
8
VH
High Voltage Input to Supply Fault Detectors. Three input ranges can be set by altering the input attenuation
on a potential divider connected to this pin, the output of which connects to a supply fault detector. This pin
allows thresholds from 6.0 V to 14.4 V and 2.5 V to 6.0 V.
9
AGND
Ground Return for Input Attenuators.
10
REFGND
Ground Return for On-Chip Reference Circuits.
12
REFOUT
2.048 V Reference Output.
17-24
PDO8–1
Programmable Output Drivers.
25
PDOGND
Ground Return for Output Drivers.
26
VCCP
Central Charge-Pump Voltage of 5.25 V. A reservoir capacitor must be connected between this pin and GND.
27
A0
Logic Input. This pin sets the seventh bit of the SMBus interface address.
28
A1
Logic Input. This pin sets the sixth bit of the SMBus interface address.
29
SCL
SMBus Clock Pin. Open-drain output requires external resistive pull-up.
30
SDA
SMBus Data I/O Pin. Open-drain output requires external resistive pull-up.
31
VDDCAP
Device Supply Voltage. Linearly regulated from the highest of the VP1–3, VH pins to a typical of 4.75 V.
32
GND
Supply Ground.


Số phần tương tự - ADM1068ACP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM1068 AD-ADM1068_15 Datasheet
385Kb / 24P
   Super Sequencer and Monitor
REV. C
More results

Mô tả tương tự - ADM1068ACP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADM1065 AD-ADM1065_15 Datasheet
369Kb / 28P
   Super Sequencer and Monitor
REV. D
ADM1068 AD-ADM1068_15 Datasheet
385Kb / 24P
   Super Sequencer and Monitor
REV. C
ADM1065ASUZ AD-ADM1065ASUZ Datasheet
369Kb / 28P
   Super Sequencer and Monitor
Rev. D
ADM1065 AD-ADM1065 Datasheet
664Kb / 28P
   Super Sequencer-TM and Monitor
REV. 0
ADM1168 AD-ADM1168 Datasheet
402Kb / 28P
   Super Sequencer and Monitor with Nonvolatile Fault Recording
REV. 0
ADM1185 AD-ADM1185_07 Datasheet
320Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. 0
ADM1185 AD-ADM1185 Datasheet
233Kb / 12P
   Quad Voltage Monitor and Sequencer
Rev. PrK June 2006
ADM1185 AD-ADM1185_15 Datasheet
299Kb / 16P
   Quad Voltage Monitor and Sequencer
REV. B
logo
Maxim Integrated Produc...
MAX34461 MAXIM-MAX34461 Datasheet
3Mb / 59P
   PMBus 16-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
MAX34460 MAXIM-MAX34460 Datasheet
3Mb / 65P
   PMBus 12-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com