công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC13820 bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc |
|
MC13820 bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc |
3 / 38 page Electrical Specifications MC13820 Technical Data, Rev. 1.1 Freescale Semiconductor 3 2 Electrical Specifications Table 1. Maximum Ratings Ratings Symbol Value Unit Supply Voltage VCC 3.3 V Storage Temperature Range Tstg -65 to 150 °C Operating Ambient Temperature Range TA -30 to 85 °C RF Input Power Prf 10 dBm Power Dissipation Pdis 100 mW Thermal Resistance, Junction to Case RθJC 24 C/W Thermal Resistance, Junction to Ambient, 4 layer board RθJA 90 C/W NOTES: 1. Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the limits in the Recommended Operating Conditions and Electrical Characteristics tables. 2. ESD (electrostatic discharge) immunity meets Human Body Model (HBM) ≤200 V, Charge Device Model (CDM) ≤450 V, and Machine Model (MM) ≤50 V. Additional ESD data available upon request. Table 2. Recommended Operating Conditions Characteristic Symbol Min Typ Max Unit RF Frequency range fRF 1000 2400 MHz Supply Voltage VCC 2.7 2.75 3 V Logic Voltage Input High Voltage Input Low Voltage 1.25 0 - - VCC 0.8 V Table 3. Electrical Characteristics (VCC = 2.75 V, TA = 25°C, unless otherwise noted.) Characteristic Symbol Min Typ Max Unit Insertion Gain R1=1.2 k Ω, Freq=1.575 GHz R1=1.2 k Ω, Freq=2.14 GHz R1=2 k Ω, Freq=1.575 GHz R1=2 k Ω, Freq=2.14 GHz |S21|2 16 14.5 14.3 13 17.1 15.6 15.3 14.2 - - - - dB Maximum Stable Gain and/or Maximum Available Gain1 R1=1.2 k Ω, Freq=1.575 GHz R1=1.2 k Ω, Freq=2.14 GHz R1=2 k Ω, Freq=1.575 GHz R1=2 k Ω, Freq=2.14 GHz MSG, MAG 21.5 19.5 20.5 19.5 22.5 20.5 21.5 19.6 - - - - dB Minimum Noise Figure R1=1.2 k Ω, Freq=1.575 GHz R1=1.2 k Ω, Freq=2.14 GHz R1=2 k Ω, Freq=1.575 GHz R1=2 k Ω, Freq=2.14 GHz NFmin - - - - 1.01 0.96 1.01 0.96 1.1 1.05 1.1 1.05 dB |
Số phần tương tự - MC13820 |
|
Mô tả tương tự - MC13820 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |