công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC3011PGN-022 bảng dữ liệu(PDF) 3 Page - PerkinElmer Optoelectronics

tên linh kiện LC3011PGN-022
Giải thích chi tiết về linh kiện  High Performance, Low-Cost Analog Line Scan Camera
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERKINELMER [PerkinElmer Optoelectronics]
Trang chủ  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

LC3011PGN-022 bảng dữ liệu(HTML) 3 Page - PerkinElmer Optoelectronics

  LC3011PGN-022 Datasheet HTML 1Page - PerkinElmer Optoelectronics LC3011PGN-022 Datasheet HTML 2Page - PerkinElmer Optoelectronics LC3011PGN-022 Datasheet HTML 3Page - PerkinElmer Optoelectronics LC3011PGN-022 Datasheet HTML 4Page - PerkinElmer Optoelectronics LC3011PGN-022 Datasheet HTML 5Page - PerkinElmer Optoelectronics LC3011PGN-022 Datasheet HTML 6Page - PerkinElmer Optoelectronics LC3011PGN-022 Datasheet HTML 7Page - PerkinElmer Optoelectronics LC3011PGN-022 Datasheet HTML 8Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Figure 2: LC3000 Camera Block Diagram
RS-422 Receivers
+LT
-LT
+MCLK
-MCLK
+LRn
-LRn
+CCLK
-CCLK
+CLT
-CLT
+LEN
-LEN
Line Enable Logic
VSP TIMING LOGIC
OFFSET
CONTROL
Single
D.C
Power
Supply
Input
12-24V
CAMERA
TIMING
LOGIC
Dip Switch
Position 1 and 2
LINE
TRANSFER
LOGIC
CLK
LOGIC
Exposure
Control
Logic
GAIN
CONTROL
Amp
+Vout
-Vout
LENS
Dip Switch
Position 3-5
Dip Switch
Position 6-8
Offset Range Select
Gain Range Select
Camera Mode Select
L
E
V
E
L
T
R
A
N
S
I
M
A
G
E
R
C
D
S
D
R
I
V
E
L
O
G
I
C
VIDEO SIGNAL
PROCESSING
FPGA
2
RS-422 Drivers
ØTG
ØPG
ØRG
ØAB
ØH2
ØH1
3
3
Analog Line Scan Camera
www.perkinelmer.com/opto
DSP-201.01D - 4/2002 Page 3
DIP-switches. These switches are
accessible behind a removable panel,
located above the 25-pin connector on
the back plate of the camera. Figure 3
illustrates the timing details in Master
Mode.
Slave Mode is to be selected when the
camera’s operations are to be synchro-
nized with the user’s unique system.
In slave mode, the camera requires an
external Master Clock signal (MLCK)
to define the output video data rate,
as well as a properly timed Line
Transfer (LT) signal to initiate the line
readout. Figure 4 illustrates timing
details in slave mode. Table 1 details
correct DIP-switch settings for both
Master and Slave Mode.
Within slave mode, there are two
alternative settings for unique appli-
cations. Alternative Slave Mode 1
allows the user to supply the camera
with Line Reset (LR) and LT signals,
but allows the camera to run at the
maximum data rate determined by the
internal oscillator. Alternative Slave
Mode 2 instructs the camera to ignore
LR signals, which allows users to
bypass the exposure control feature
of the camera. Table 1 details all DIP-
switch settings for all operating
modes.
12586 Final Art 2 5/9/01 4:51 PM Page 3


Số phần tương tự - LC3011PGN-022

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Seoul Semiconductor
LC301 SEOUL-LC301 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC301 SEOUL-LC301 Datasheet
360Kb / 13P
   CYAN LAMP LED
LC301 SEOUL-LC301 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC301 SEOUL-LC301 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC301 SEOUL-LC301 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Mô tả tương tự - LC3011PGN-022

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
PerkinElmer Optoelectro...
LC1917 PERKINELMER-LC1917 Datasheet
647Kb / 6P
   Low-Profile Analog Line Scan Camera
logo
M/A-COM Technology Solu...
MAIA-007495 MA-COM-MAIA-007495 Datasheet
775Kb / 6P
   Low Cost / High Performance
logo
Shenzhen Huazhimei Semi...
HM2740 HMSEMI-HM2740 Datasheet
1Mb / 10P
   High Performance Low Cost Off-line PWM Power Switch
logo
Sony Corporation
XC-55 SONY-XC-55 Datasheet
705Kb / 6P
   PROGRESSIVE SCAN CAMERA MODULE
logo
PerkinElmer Optoelectro...
LD3500 PERKINELMER-LD3500 Datasheet
179Kb / 8P
   Low-Cost Digital Linescan Camera
logo
List of Unclassifed Man...
HM-TRLR-S ETC2-HM-TRLR-S Datasheet
382Kb / 24P
   Low cost, high performance , high reliability
HM-TRLR-D ETC2-HM-TRLR-D Datasheet
421Kb / 24P
   Low cost, high performance , high reliability
HM-TRP ETC2-HM-TRP Datasheet
323Kb / 10P
   Low cost, high performance , high reliability
HM-TRP-RS485 ETC2-HM-TRP-RS485 Datasheet
220Kb / 7P
   Low cost, high performance , high reliability
logo
Maxic Technology Corpor...
MT8812 MAXIC-MT8812 Datasheet
160Kb / 1P
   Non-isolated High Performance Low Cost Off-line PWM Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com