công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

I-MGBIC-GLX-C bảng dữ liệu(PDF) 3 Page - ATGBICS by Approved Technology

tên linh kiện I-MGBIC-GLX-C
Giải thích chi tiết về linh kiện  I-MGBIC-GLX Enterasys Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATGBICS [ATGBICS by Approved Technology]
Trang chủ  https://atgbics.com/
Logo ATGBICS - ATGBICS by Approved Technology

I-MGBIC-GLX-C bảng dữ liệu(HTML) 3 Page - ATGBICS by Approved Technology

  I-MGBIC-GLX-C Datasheet HTML 1Page - ATGBICS by Approved Technology I-MGBIC-GLX-C Datasheet HTML 2Page - ATGBICS by Approved Technology I-MGBIC-GLX-C Datasheet HTML 3Page - ATGBICS by Approved Technology I-MGBIC-GLX-C Datasheet HTML 4Page - ATGBICS by Approved Technology I-MGBIC-GLX-C Datasheet HTML 5Page - ATGBICS by Approved Technology I-MGBIC-GLX-C Datasheet HTML 6Page - ATGBICS by Approved Technology I-MGBIC-GLX-C Datasheet HTML 7Page - ATGBICS by Approved Technology I-MGBIC-GLX-C Datasheet HTML 8Page - ATGBICS by Approved Technology I-MGBIC-GLX-C Datasheet HTML 9Page - ATGBICS by Approved Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ATGBICS® All rights reserved. EOE
Ref: ATGBICS_I-MGBIC-GLX-C_V1
Page 3 of 9
Product Datasheet
Optical Parameters (TOP = -40 to 85°C, VCC = 3.135 to 3.465 Volts)
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Transmitter Section:
Center Wavelength
λc
1270
1310
1360
nm
Spectral Width (RMS)
σRMS
3
nm
Optical Output Power
Pout
-9
-3
dBm
1
Extinction Ratio
ER
8.2
dB
Optical Rise/Fall Time
tr / tf
260
ps
2
Relative Intensity Noise
RIN
-120
dB/Hz
Output Eye Mask
Compliant with IEEE802.3 z (class 1 laser safety)
Receiver Section:
Optical Input Wavelength
λc
1260
1360
nm
Receiver Overload
Pol
-3
dBm
4
RX Sensitivity
Sen
-24
dBm
4
RX_LOS Assert
LOS A
-35
dBm
RX_LOS De-assert
LOS D
-25
dBm
RX_LOS Hysteresis
LOS H
0.5
dB
General Specifications:
Data Rate
BR
1.25
Gb/s
Bit Error Rate
BER
10-12
Max. Supported Link Length on
9/125μm SMF@1.25Gb/s
LMAX
20
km
Total System Budget
LB
15
dB
Notes:
1. The optical power is launched into SMF.
2. 20-80%.
3. Jitter measurements taken using Agilent OMNIBERT 718 in accordance with GR-253.
4. Measured with PRBS 27-1 at 10-12 BER


Số phần tương tự - I-MGBIC-GLX-C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ATGBICS by Approved Tec...
I-MGBIC-GSX-C ATGBICS-I-MGBIC-GSX-C Datasheet
293Kb / 8P
   I-MGBIC-GSX Enterasys Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
I-MGBIC-GTX-C ATGBICS-I-MGBIC-GTX-C Datasheet
185Kb / 7P
   I-MGBIC-GTX Enterasys Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
I-MGBIC-GZX-C ATGBICS-I-MGBIC-GZX-C Datasheet
286Kb / 8P
   I-MGBIC-GZX Enterasys Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
More results

Mô tả tương tự - I-MGBIC-GLX-C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ATGBICS by Approved Tec...
I-MGBIC-LC03-C ATGBICS-I-MGBIC-LC03-C Datasheet
322Kb / 9P
   I-MGBIC-LC03 Enterasys Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
MGBIC-LC03-C ATGBICS-MGBIC-LC03-C Datasheet
322Kb / 9P
   MGBIC-LC03 Enterasys Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
MGBIC-LC09-C ATGBICS-MGBIC-LC09-C Datasheet
322Kb / 9P
   MGBIC-LC09 Enterasys Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
BTI-MGBIC-GLX-LC-C ATGBICS-BTI-MGBIC-GLX-LC-C Datasheet
322Kb / 9P
   BTI-MGBIC-GLX-LC Telco Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-1310NM-1000BASE-LX-C ATGBICS-SFP-1310NM-1000BASE-LX-C Datasheet
323Kb / 9P
   SFP-1310nm-1000BASE-LX Huawei Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
1000BASE-LX-SFP-C ATGBICS-1000BASE-LX-SFP-C Datasheet
322Kb / 9P
   1000BASE-LX-SFP Huawei Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-1GE-LX-C ATGBICS-SFP-1GE-LX-C Datasheet
322Kb / 9P
   SFP-1GE-LX Juniper Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-GIG-LX-C ATGBICS-SFP-GIG-LX-C Datasheet
325Kb / 9P
   SFP-GIG-LX Alcatel Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-DGD-LX-C ATGBICS-SFP-DGD-LX-C Datasheet
322Kb / 9P
   SFP-DGD-LX MRV Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SMC1GSFP-LX-C ATGBICS-SMC1GSFP-LX-C Datasheet
322Kb / 9P
   SMC1GSFP-LX SMC Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com