công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADF7025BCPZ bảng dữ liệu(PDF) 11 Page - Analog Devices

tên linh kiện ADF7025BCPZ
Giải thích chi tiết về linh kiện  High Performance ISM Band Transceiver IC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADF7025BCPZ bảng dữ liệu(HTML) 11 Page - Analog Devices

Back Button ADF7025BCPZ Datasheet HTML 7Page - Analog Devices ADF7025BCPZ Datasheet HTML 8Page - Analog Devices ADF7025BCPZ Datasheet HTML 9Page - Analog Devices ADF7025BCPZ Datasheet HTML 10Page - Analog Devices ADF7025BCPZ Datasheet HTML 11Page - Analog Devices ADF7025BCPZ Datasheet HTML 12Page - Analog Devices ADF7025BCPZ Datasheet HTML 13Page - Analog Devices ADF7025BCPZ Datasheet HTML 14Page - Analog Devices ADF7025BCPZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
ADF7025
Rev. A | Page 11 of 44
Pin No.
Mnemonic
Description
29
GND2
Ground for Digital Section.
30
ADCIN
Analog-to-Digital Converter Input. The internal 7-bit ADC can be accessed through this pin.
Full scale is 0 V to 1.9 V. Readback is made using the SREAD pin.
31
VREG2
Regulator Voltage for Digital Block. A 100 nF in parallel with a 5.1 pF capacitor should be placed
between this pin and ground for regulator stability and noise rejection.
32
VDD2
Voltage Supply for Digital Block. A decoupling capacitor of 10 nF should be placed as close as possible
to this pin.
33
INT/LOCK
Bidirectional Pin. In output mode (interrupt mode), the ADF7025 asserts the INT/LOCK pin when
it has found a match for the preamble sequence.
In input mode (lock mode), the microcontroller can be used to lock the demodulator threshold
when a valid preamble has been detected. Once the threshold is locked, NRZ data can be reliably received.
In this mode, a demodulator lock can be asserted with minimum delay.
34
DATA I/O
Transmit Data Input/Received Data Output. This is a digital pin, and normal CMOS levels apply.
35
DATA CLK
In receive mode, the pin outputs the synchronized data clock. The positive clock edge is matched to the
center of the received data.
36
CLKOUT
A Divided-Down Version of the Crystal Reference with Output Driver. The digital clock output can be used
to drive several other CMOS inputs, such as a microcontroller clock. The output has a 50:50 mark-space ratio.
37
MUXOUT
This pin provides the lock_detect signal, which is used to determine if the PLL is locked to the correct
frequency. Other signals include regulator_ready, which is an indicator of the status of the serial interface
regulator.
38
OSC2
The reference crystal should be connected between this pin and OSC1. A TCXO reference can be used by
driving this pin with CMOS levels and disabling the crystal oscillator.
39
OSC1
The reference crystal should be connected between this pin and OSC2.
40
VDD3
Voltage Supply for the Charge Pump and PLL Dividers. This pin should be decoupled to ground
with a 0.01 µF capacitor.
41
VREG3
Regulator Voltage for Charge Pump and PLL Dividers. A 100 nF in parallel with a 5.1 pF capacitor
should be placed between this pin and ground for regulator stability and noise rejection.
42
CPOUT
Charge Pump Output. This output generates current pulses that are integrated in the loop filter.
The integrated current changes the control voltage on the input to the VCO.
43
VDD
Voltage Supply for VCO Tank Circuit. This pin should be decoupled to ground with a 0.01 µF capacitor.
44 to 47
GND
Grounds for VCO Block.
48
CVCO
A 22 nF capacitor should be placed between this pin and VREG1 to reduce VCO noise.


Số phần tương tự - ADF7025BCPZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADF7025 AD-ADF7025_15 Datasheet
672Kb / 44P
   High Performance ISM Band Transceiver IC
REV. B
More results

Mô tả tương tự - ADF7025BCPZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADF7025 AD-ADF7025_15 Datasheet
672Kb / 44P
   High Performance ISM Band Transceiver IC
REV. B
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
ADF7020 AD-ADF7020_15 Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7021 AD-ADF7021 Datasheet
471Kb / 44P
   High Performance Narrowband ISM Transceiver IC
Rev. PrI
ADF7030 AD-ADF7030 Datasheet
431Kb / 24P
   High Performance, Low Power, 169 MHz ISM Band, Radio Transceiver IC
ADF7901 AD-ADF7901_15 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901 AD-ADF7901 Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
ADF7023-J AD-ADF7023-J Datasheet
1Mb / 100P
   High Performance, Low Power, ISM Band FSK/GFSK/MSK/GMSK Transceiver IC
REV. 0
ADF7021-V AD-ADF7021-V Datasheet
1Mb / 60P
   HIgh Performance Narrow-Band Transceiver IC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com