công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM29DL16XCB70ZEB bảng dữ liệu(PDF) 10 Page - Advanced Micro Devices |
|
AM29DL16XCB70ZEB bảng dữ liệu(HTML) 10 Page - Advanced Micro Devices |
10 / 51 page 10 Am29DL16xC P R E L I M I NARY 30 ns. The automatic sleep mode is independent of the CE#, WE#, and OE# control signals. Standard ad- dres s ac c e s s t i mings pro v ide new dat a when addresses are changed. While in sleep mode, output data is latched and always available to the system. I CC4 in the DC Characteristics table represents the automatic sleep mode current specification. RESET#: Hardware Reset Pin The RESET# pin provides a hardware method of re- setting the device to reading array data. When the RESET# pin is driven low for at least a period of t RP, the device immediately terminates any operation in progress, tristates all output pins, and ignores all read/write commands for the duration of the RESET# pulse. The device also resets the internal state ma- chine to reading array data. The operation that was interrupted should be reinitiated once the device is ready to accept another command sequence, to en- sure data integrity. Current is reduced for the duration of the RESET# pulse. When RESET# is held at V SS±0.3 V, the device draws CMOS standby current (I CC4). If RESET# is held at V IL but not within VSS±0.3 V, the standby current will be greater. The RESET# pin may be tied to the system reset cir- cuitry. A system reset would thus also reset the Flash memory, enabling the system to read the boot-up firm- ware from the Flash memory. If RESET# is asserted during a program or erase op- eration, the RY/BY# pin remains a “0” (busy) until the internal reset operation is complete, which requires a time of t READY (during Embedded Algorithms). The sys- tem can thus monitor RY/BY# to determine whether the reset operation is complete. If RESET# is asserted when a program or erase operation is not executing (RY/BY# pin is “1”), the reset operation is completed within a time of t READY (not during Embedded Algo- rithms). The system can read data t RH after th e RESET# pin returns to V IH. Refer to the AC Characteristics tables for RESET# pa- rameters and to Figure 14 for the timing diagram. Output Disable Mode When the OE# input is at V IH, output from the device is disabled. The output pins are placed in the high impedance state. Table 2. Am29DL16xC Device Bank Divisions Device Part Number Bank 1 Bank 2 Megabits Sector Sizes Megabits Sector Sizes Am29DL162C 2 Mbit Eight 8 Kbyte/4 Kword, three 64 Kbyte/32 Kword 14 Mbit Twenty-eight 64 Kbyte/32 Kword Am29DL163C 4 Mbit Eight 8 Kbyte/4 Kword, seven 64 Kbyte/32 Kword 12 Mbit Twenty-four 64 Kbyte/32 Kword Am29DL164C 8 Mbit Eight 8 Kbyte/4 Kword, fifteen 64 Kbyte/32 Kword 8 Mbit Sixteen 64 Kbyte/32 Kword |
Số phần tương tự - AM29DL16XCB70ZEB |
|
Mô tả tương tự - AM29DL16XCB70ZEB |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |