công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STD2240NL bảng dữ liệu(PDF) 2 Page - SamHop Microelectronics Corp.

tên linh kiện STD2240NL
Giải thích chi tiết về linh kiện  N-Channel E nhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SAMHOP [SamHop Microelectronics Corp.]
Trang chủ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STD2240NL bảng dữ liệu(HTML) 2 Page - SamHop Microelectronics Corp.

  STD2240NL Datasheet HTML 1Page - SamHop Microelectronics Corp. STD2240NL Datasheet HTML 2Page - SamHop Microelectronics Corp. STD2240NL Datasheet HTML 3Page - SamHop Microelectronics Corp. STD2240NL Datasheet HTML 4Page - SamHop Microelectronics Corp. STD2240NL Datasheet HTML 5Page - SamHop Microelectronics Corp. STD2240NL Datasheet HTML 6Page - SamHop Microelectronics Corp. STD2240NL Datasheet HTML 7Page - SamHop Microelectronics Corp. STD2240NL Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
=
Parameter
Symbol
Condition
Min Typ Max Unit
OFF CHAR ACTER ISTICS
Drain-Source Breakdown Voltage
BVDSS
=
VGS 0V, ID 250uA
=
40
V
Zero Gate Voltage Drain Current
IDSS
VDS 32V, VGS 0V
=
=
1
Gate-Body Leakage
IGSS
VGS 20V, VDS 0V
=
=
100 nA
ON CHAR ACTER ISTICS b
Gate Threshold Voltage
VGS(th)
VDS VGS, ID = 250uA
=
1.0
3.0
V
Drain-Source On-State R esistance
R DS(ON)
VGS 10V, ID 10A
VGS 4.5V, ID 8A
60
On-State Drain Current
ID(ON)
VDS = 5V, VGS = 10V
A
S
Forward Transconductance
FS
g
VDS 10V, ID 10A
DYNAMIC CHAR ACTER ISTICS
c
Input Capacitance
CISS
CRSS
COSS
Output Capacitance
R everse Transfer Capacitance
VDS =25V, VGS = 0V
f =1.0MHZ
P
F
P
F
P
F
SWITCHING CHAR ACTER ISTICS
c
Turn-On Delay Time
R ise Time
Turn-Off Delay Time
tD(ON)
tr
tD(OFF)
tf
VDD = 20V
ID = 1 A
VGS = 4.5V
R GEN = 3.3 ohm
ns
ns
ns
ns
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Qg
Qgs
Qgd
VDS =20V, ID = 10A
VGS =10V
nC
nC
nC
C
Fall Time
=
=
=
=
=
=
2
5
35
uA
m ohm
m ohm
N-Channel ELECTRICAL CHARACTERISTICS (TA 25 C unless otherwise noted)
VDS =20V, ID =10A,VGS =10V
nC
VDS =20V, ID =10A,VGS =4.5V
20
70
85
840
18.7
12.1
18.6
4.8
15.2
3.1
3.9
8.9
12
ohm
R g
Gate resistance
VGS =0V, VDS = 0V, f=1.0MHZ
950
98
82
2.5
18
5.6
22
14
22
10
4.6
3.6
S T U/D2240NL
1.8
25
45


Số phần tương tự - STD2240NL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Visual Communications C...
STD220BLK VCC-STD220BLK Datasheet
67Kb / 1P
   STD
logo
Shanghai Leiditech Elec...
STD22A12L01 LEIDITECH-STD22A12L01 Datasheet
1Mb / 4P
   1-Line High Power TVS Diode
Rev 2.0 : 12.01.2019
logo
STMicroelectronics
STD22NM20N STMICROELECTRONICS-STD22NM20N Datasheet
330Kb / 10P
   N-CHANNEL 200V - 0.088ohm - 22A DPAK ULTRA LOW GATE CHARGE MDmesh II MOSFET
STD22NM20N STMICROELECTRONICS-STD22NM20N Datasheet
501Kb / 10P
   N-CHANNEL 200V - 0.088廓 - 22A DPAK ULTRA LOW GATE CHARGE MDmesh??II MOSFET
STD22NM20NT4 STMICROELECTRONICS-STD22NM20NT4 Datasheet
330Kb / 10P
   N-CHANNEL 200V - 0.088ohm - 22A DPAK ULTRA LOW GATE CHARGE MDmesh II MOSFET
More results

Mô tả tương tự - STD2240NL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SamHop Microelectronics...
SDM4800 SAMHOP-SDM4800 Datasheet
649Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
STM7096N SAMHOP-STM7096N Datasheet
701Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STS2300S SAMHOP-STS2300S Datasheet
820Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STS2306 SAMHOP-STS2306 Datasheet
646Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
SDU30N02 SAMHOP-SDU30N02 Datasheet
864Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
SDU3055L2 SAMHOP-SDU3055L2 Datasheet
859Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STU4530NL SAMHOP-STU4530NL Datasheet
770Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STC2200 SAMHOP-STC2200 Datasheet
712Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
STM9410A SAMHOP-STM9410A Datasheet
729Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
STS2302S SAMHOP-STS2302S Datasheet
806Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
STS3402 SAMHOP-STS3402 Datasheet
718Kb / 7P
   N-Channel E nhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com