công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STD2030PLS bảng dữ liệu(PDF) 2 Page - SamHop Microelectronics Corp.

tên linh kiện STD2030PLS
Giải thích chi tiết về linh kiện  P-Channel E nhancement Mode F ield Effect Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SAMHOP [SamHop Microelectronics Corp.]
Trang chủ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STD2030PLS bảng dữ liệu(HTML) 2 Page - SamHop Microelectronics Corp.

  STD2030PLS Datasheet HTML 1Page - SamHop Microelectronics Corp. STD2030PLS Datasheet HTML 2Page - SamHop Microelectronics Corp. STD2030PLS Datasheet HTML 3Page - SamHop Microelectronics Corp. STD2030PLS Datasheet HTML 4Page - SamHop Microelectronics Corp. STD2030PLS Datasheet HTML 5Page - SamHop Microelectronics Corp. STD2030PLS Datasheet HTML 6Page - SamHop Microelectronics Corp. STD2030PLS Datasheet HTML 7Page - SamHop Microelectronics Corp. STD2030PLS Datasheet HTML 8Page - SamHop Microelectronics Corp. STD2030PLS Datasheet HTML 9Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Parameter
Symbol
Condition
Min Typ Max Unit
OFF CHAR ACTER ISTICS
Drain-Source Breakdown Voltage
BVDSS
=
VGS 0V, ID -250uA
=
-25
V
Zero Gate Voltage Drain Current
IDSS
VDS -20V, VGS 0V
=
=
-1
Gate-Body Leakage
IGSS
VGS 20V, VDS 0V
=
=
100 nA
ON CHAR ACTER ISTICS a
Gate Threshold Voltage
VGS(th)
VDS VGS, ID = -250uA
=
-1
-3
V
Drain-Source On-State R esistance
R DS(ON)
VGS -10V, ID -20A
VGS -4.5V, ID -10A
On-State Drain Current
ID(ON)
VDS = -10V, VGS = -10V
A
S
Forward Transconductance
FS
g
VDS -10V, ID -10A
DYNAMIC CHAR ACTER ISTICS
b
Input Capacitance
CISS
CRSS
COSS
Output Capacitance
R everse Transfer Capacitance
VDS =-15V, VGS = 0V
f =1.0MHZ
P
F
P
F
P
F
SWITCHING CHAR ACTER ISTICS
b
Turn-On Delay Time
R ise Time
Turn-Off Delay Time
tD(ON)
tr
tD(OFF)
tf
VDD = -15V
ID = -1 A
VGS = -10V
R GEN = 6 ohm
ns
ns
ns
ns
Total Gate Charge (10V)
Gate-Source Charge
Gate-Drain Charge
Qg
Qgs
Qgd
VDS =-15V, ID = -20A
VGS =-10V
nC
nC
nC
C
Fall Time
=
=
=
=
=
=
2
5
uA
m ohm
m ohm
nC
-30
170
250
950
18.5
38.5
68.8
22
10
5.8
1.6
9.6
14
ohm
R g
Gate resistance
VGS =0V, VDS = 0V, f=1.0MHZ
2.6
S TU/D2030P LS
E LE CTR ICAL CHAR ACTE R IS TICS (TC=25 C unless otherwise noted)
Total Gate Charge (4.5V)
-1.7
27
41
32
55


Số phần tương tự - STD2030PLS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cooper Bussmann, Inc.
STD20 COOPER-STD20 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
List of Unclassifed Man...
STD200 ETC2-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Littelfuse
STD200 LITTELFUSE-STD200 Datasheet
128Kb / 2P
   This axial leaded strap product is designed to provide reliable, non-cycling protection for rechanrgeable batteries
logo
Sirectifier Semiconduct...
STD200 SIRECTIFIER-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
STMicroelectronics
STD2000 STMICROELECTRONICS-STD2000 Datasheet
262Kb / 11P
   Single-Chip Worldwide iDTV Processor
More results

Mô tả tương tự - STD2030PLS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SamHop Microelectronics...
SDU9435 SAMHOP-SDU9435 Datasheet
396Kb / 5P
   P - Channel E nhancement Mode F ield E ffect Transistor
STS4501 SAMHOP-STS4501 Datasheet
116Kb / 7P
   P -Channel E nhancement Mode F ield E ffect Transistor
STM9435 SAMHOP-STM9435 Datasheet
655Kb / 7P
   P -Channel E nhancement Mode F ield E ffect Transistor
STM4431 SAMHOP-STM4431 Datasheet
887Kb / 7P
   P -Channel E nhancement Mode F ield E ffect Transistor
SDT452 SAMHOP-SDT452 Datasheet
397Kb / 5P
   P -Channel E nhancement Mode F ield E ffect Transistor
STM4973 SAMHOP-STM4973 Datasheet
890Kb / 7P
   Dual P -Channel E nhancement Mode F ield E ffect Transistor
SDM4953 SAMHOP-SDM4953 Datasheet
358Kb / 5P
   Dual P -Channel E nhancement Mode F ield E ffect Transistor
SDM4952 SAMHOP-SDM4952 Datasheet
321Kb / 5P
   Dual P -Channel E nhancement Mode F ield E ffect Transistor
SDM9410 SAMHOP-SDM9410 Datasheet
420Kb / 5P
   N-Channel E nhancement Mode F ield E ffect Transistor
STU421S SAMHOP-STU421S Datasheet
498Kb / 8P
   P -Channel Logic Level E nhancement Mode F ield E ffect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com