công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STS8208 bảng dữ liệu(PDF) 1 Page - SamHop Microelectronics Corp.

tên linh kiện STS8208
Giải thích chi tiết về linh kiện  Dual N-Channel E nhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SAMHOP [SamHop Microelectronics Corp.]
Trang chủ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STS8208 bảng dữ liệu(HTML) 1 Page - SamHop Microelectronics Corp.

  STS8208 Datasheet HTML 1Page - SamHop Microelectronics Corp. STS8208 Datasheet HTML 2Page - SamHop Microelectronics Corp. STS8208 Datasheet HTML 3Page - SamHop Microelectronics Corp. STS8208 Datasheet HTML 4Page - SamHop Microelectronics Corp. STS8208 Datasheet HTML 5Page - SamHop Microelectronics Corp. STS8208 Datasheet HTML 6Page - SamHop Microelectronics Corp. STS8208 Datasheet HTML 7Page - SamHop Microelectronics Corp. STS8208 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
20
Dual N-Channel E nhancement Mode Field E ffect Transistor
S urface Mount Package.
ABS OLUTE MAXIMUM R ATINGS (TA=25 C unless otherwise noted)
Parameter
S ymbol
Limit
Unit
Drain-S ource Voltage
VDS
V
Gate-S ource Voltage
VGS
12
V
ID
5
20
1.25
1.25
A
A
A
W
IDM
Drain-S ource Diode Forward Current
IS
Maximum Power Dissipation
PD
Operating Junction and S torage
Temperature R ange
TJ, TS TG
-55 to 150
C
THE R MAL CHAR ACTE R IS TICS
Thermal R esistance, Junction-to-Ambient
R JA
100
/W
C
a
a
a
S amHop Microelectronics C orp.
J an. 03 2006
1
P R ODUC T S UMMAR Y
V DS S
ID
R DS (ON) ( mW ) Max
20V
5A
F E AT UR E S
S uper high dense cell design for low R DS(ON).
R ugged and reliable.
27 @ V GS = 4.0V
40 @ V GS = 2.5V
TS OP6
Top View
S 1
D1/D2
S 2
G1
D1/D2
G2
1
2
3
6
5
4
Drain Current-Continuous @ TJ=25 C
-Pulsed
b
S T S 8208
E S D Protected.
G 1
D1
S 1
G 2
D2
S 2


Số phần tương tự - STS8208

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SamHop Microelectronics...
STS8201 SAMHOP-STS8201 Datasheet
565Kb / 8P
   Dual N-Channel E nhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
STS8201 VBSEMI-STS8201 Datasheet
442Kb / 8P
   Dual N-Channel MOSFET
logo
SamHop Microelectronics...
STS8202 SAMHOP-STS8202 Datasheet
119Kb / 8P
   Super high dense cell design for low RDS(ON).
STS8205 SAMHOP-STS8205 Datasheet
596Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
STS8205 VBSEMI-STS8205 Datasheet
443Kb / 8P
   Dual N-Channel MOSFET
More results

Mô tả tương tự - STS8208

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SamHop Microelectronics...
STU402D SAMHOP-STU402D Datasheet
637Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STM8206 SAMHOP-STM8206 Datasheet
646Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STM6912 SAMHOP-STM6912 Datasheet
554Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STG8206 SAMHOP-STG8206 Datasheet
650Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STG8210 SAMHOP-STG8210 Datasheet
652Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STS8205 SAMHOP-STS8205 Datasheet
596Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STM6913A SAMHOP-STM6913A Datasheet
722Kb / 7P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STS8201 SAMHOP-STS8201 Datasheet
565Kb / 8P
   Dual N-Channel E nhancement Mode Field Effect Transistor
SDM9926 SAMHOP-SDM9926 Datasheet
571Kb / 8P
   Dual N-Channel E nhancement Mode Field Effect Transistor
STG8209 SAMHOP-STG8209 Datasheet
628Kb / 8P
   Dual N-Channel E nhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com