công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N5363B bảng dữ liệu(PDF) 1 Page - Pan Jit International Inc.

tên linh kiện 1N5363B
Giải thích chi tiết về linh kiện  GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE- 11 to 200 Volts Power - 5.0 Watts)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANJIT [Pan Jit International Inc.]
Trang chủ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1N5363B bảng dữ liệu(HTML) 1 Page - Pan Jit International Inc.

  1N5363B Datasheet HTML 1Page - Pan Jit International Inc. 1N5363B Datasheet HTML 2Page - Pan Jit International Inc. 1N5363B Datasheet HTML 3Page - Pan Jit International Inc. 1N5363B Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
Approve Sheet Part Number: 1N5348B~1N5388B
DATA SHEET
1N5348B~1N5388B
FEATURES
• Low profile package
• Built-in strain relief
• Glass passivated junction
• Low inductance
• Typical I
R less than 5.0µA above 11V
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
• High temperature soldering : 260°C /10 seconds at terminals
MECHANICALDATA
Case: JEDEC DO-201AE, Molded plastic over passivated junction
Terminals: solder platble,solderable per MIL-STD-750,Method 2026
Standard Packing: 52mm tape
Weight: 0.04 ounce, 1.1 gram
GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
VOLTAGE- 11 to 200 Volts Power - 5.0 Watts
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
DC Power Dissipation on T
L=75°C ,Measure at Zero Lead Length
Derate above 75°C ( NOTE 1)
Peak Forward Surge Current 8.3ms single half sine-wave
superimposed on rated load (JEDEC method)
Operating and Storage Temperature Range
UNITS
NOTES:
1.Mounted on 8.0mm2 copper pads to each terminal.
2.8.3ms single half sine-wave ,or equivalent square wave ,duty cycle=4 pulses per minute maximum.
DO-201AE
Unit: inch ( mm )
.210(5.3)
.188(4.8)
.042(1.07)
.037(.94)
VALUE
SYMBOLS
Watts
mW / °C
5.0
40.0
PD
Amps
See Fig. 5
IFSM
°C
-55 to +150
TJ, TSTG


Số phần tương tự - 1N5363B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
1N5363B MOTOROLA-1N5363B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Microsemi Corporation
1N5363B MICROSEMI-1N5363B Datasheet
157Kb / 3P
   Silicon 5 Watt Zener Diodes
logo
ON Semiconductor
1N5363B ONSEMI-1N5363B Datasheet
82Kb / 8P
   5 Watt Surmetic TM 40 Zener Voltage Regulators
May, 2006 ??Rev. 7
logo
Shenzhen Luguang Electr...
1N5363B LUGUANG-1N5363B Datasheet
2Mb / 5P
   Zener Diodes
logo
Pan Jit International I...
1N5363B PANJIT-1N5363B Datasheet
53Kb / 3P
   SILICON ZENER DIODES
More results

Mô tả tương tự - 1N5363B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pan Jit International I...
2EZ11 PANJIT-2EZ11 Datasheet
122Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 2.0 Watts)
1N5926B PANJIT-1N5926B Datasheet
81Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 1.5 Watts)
3EZ11 PANJIT-3EZ11 Datasheet
461Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES(VOLTAGE- 11 to 200 Volts Power - 3.0 Watts)
1SMC5348 PANJIT-1SMC5348 Datasheet
122Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 5.0 Watts)
1SMB2EZ11 PANJIT-1SMB2EZ11 Datasheet
126Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 2.0 Watts)
1SMB5926 PANJIT-1SMB5926 Datasheet
87Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 1.5 Watts)
1SMB3EZ11 PANJIT-1SMB3EZ11 Datasheet
128Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 3.0 Watts)
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A_10 Datasheet
626Kb / 5P
   1.0 Watts Glass Passivated Junction Silicon Zener Diode
logo
Micro Commercial Compon...
SMB3EZ200D5 MCC-SMB3EZ200D5 Datasheet
575Kb / 4P
   3 W Glass Passivated Junction Silicon Zener Diode 5.6-200 Volts
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A Datasheet
5Mb / 5P
   Glass Passivated Junction Silicon Zener Diode
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com