công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STW29NK50ZD bảng dữ liệu(PDF) 2 Page - STMicroelectronics

tên linh kiện STW29NK50ZD
Giải thích chi tiết về linh kiện  N-CHANNEL 500 V - 0.11??- 29A TO-247 Fast Diode SuperMESH??MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW29NK50ZD bảng dữ liệu(HTML) 2 Page - STMicroelectronics

  STW29NK50ZD Datasheet HTML 1Page - STMicroelectronics STW29NK50ZD Datasheet HTML 2Page - STMicroelectronics STW29NK50ZD Datasheet HTML 3Page - STMicroelectronics STW29NK50ZD Datasheet HTML 4Page - STMicroelectronics STW29NK50ZD Datasheet HTML 5Page - STMicroelectronics STW29NK50ZD Datasheet HTML 6Page - STMicroelectronics STW29NK50ZD Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
STW29NK50ZD
2/7
Table 3: Absolute Maximum ratings
(*) Pulse width limited by safe operating area
(1) ISD≤ 29 A, di/dt≤ 200 A/µs, VDD≤ V(BR)DSS, TJ≤ TJMAX
Table 4: Thermal Data
Table 5: Avalanche Characteristics
Table 6: Gate-Source Zener Diode
PROTECTION FEATURES OF GATE-TO-SOURCE ZENER DIODES
The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device’s
ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be
applied from gate to source. In this respect the Zener voltage is appropriate to achieve an efficient and
cost-effective intervention to protect the device’s integrity. These integrated Zener diodes thus avoid the
usage of external components.
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
500
V
VDGR
Drain-gate Voltage (RGS = 20 KΩ)
500
V
VGS
Gate- source Voltage
± 30
V
ID
Drain Current (continuous) at TC = 25°C
29
A
ID
Drain Current (continuous) at TC = 100°C
18.27
A
IDM(*)
Drain Current (pulsed)
116
A
PTOT
Total Dissipation at TC = 25°C
350
W
Derating Factor
2.77
W/°C
VESD(G-S)
Gate source ESD (HBM-C = 100pF, R = 1.5 K
Ω)
6000
V
dv/dt (1)
Peak Diode Recovery voltage slope
4.5
V/ns
Tstg
Tj
Storage Temperature
Operating Junction Temperature
-55 to 150
°C
Rthj-case
Thermal Resistance Junction-case Max
0.36
°C/W
Rthj-amb
Tl
Thermal Resistance Junction-ambient Max
Maximum Lead Temperature For Soldering Purpose
50
300
°C/W
°C
Symbol
Parameter
Max Value
Unit
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max)
29
A
EAS
Single Pulse Avalanche Energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V)
500
mJ
Symbol
Parameter
Test Condition
Min.
Typ.
Max
Unit
BVGSO
Gate-Source Breakdown
Voltage
Igs=
± 1mA (Open Drain)
30
A


Số phần tương tự - STW29NK50ZD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STW29NK50Z STMICROELECTRONICS-STW29NK50Z Datasheet
487Kb / 10P
   N-CHANNEL 500 V - 0.105ohm - 31A TO-247 Zener-Protected SuperMESH MOSFET
More results

Mô tả tương tự - STW29NK50ZD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STW29NK50Z STMICROELECTRONICS-STW29NK50Z Datasheet
487Kb / 10P
   N-CHANNEL 500 V - 0.105ohm - 31A TO-247 Zener-Protected SuperMESH MOSFET
STW28NK60Z STMICROELECTRONICS-STW28NK60Z Datasheet
224Kb / 10P
   N-CHANNEL 600 V - 0.155??- 27A TO-247 Zener-Protected SuperMESH MOSFET
STX25NM50N STMICROELECTRONICS-STX25NM50N Datasheet
616Kb / 18P
   N-channel 500 V, 0.11 廓, 22 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
STW45NM50FD STMICROELECTRONICS-STW45NM50FD_09 Datasheet
587Kb / 12P
   N-channel 500 V, 0.07 廓, 45 A, TO-247 FDmesh??Power MOSFET (with fast diode)
STF30NM60ND STMICROELECTRONICS-STF30NM60ND Datasheet
289Kb / 15P
   N-channel 600V - 0.11廓 - 25A TO-220/FP/D2PAK/I2PAK/TO-247 FDmesh??II Power MOSFET (with fast diode)
STB20NK50Z STMICROELECTRONICS-STB20NK50Z_09 Datasheet
613Kb / 18P
   N-channel 500 V, 0.23 廓, 17 A SuperMESH??Power MOSFET Zener-protected TO-220, TO-247, TO-220FP, D2PAK
STX30NM60ND STMICROELECTRONICS-STX30NM60ND Datasheet
798Kb / 18P
   N-channel 600 V, 0.11 廓, 25 A FDmesh??II Power MOSFET (with fast diode) TO-220, TO-220FP, D2PAK, I2PAK, TO-247
STW15NK90Z STMICROELECTRONICS-STW15NK90Z Datasheet
208Kb / 9P
   N-CHANNEL 900V-0.40ohm-15A TO-247 Zener-Protected SuperMESH MOSFET
STW18NK60Z STMICROELECTRONICS-STW18NK60Z Datasheet
206Kb / 9P
   N-CHANNEL 600V - 0.27??- 16A TO-247 Zener-Protected SuperMESH??MOSFET
STW54NK30Z STMICROELECTRONICS-STW54NK30Z Datasheet
267Kb / 10P
   N-CHANNEL 300V - 0.052??- 54A TO-247 Zener-Protected SuperMESH??MOSFET
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com