công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N5401 bảng dữ liệu(PDF) 1 Page - Pan Jit International Inc.

tên linh kiện 1N5401
Giải thích chi tiết về linh kiện  HIGH CURRENT PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANJIT [Pan Jit International Inc.]
Trang chủ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1N5401 bảng dữ liệu(HTML) 1 Page - Pan Jit International Inc.

  1N5401 Datasheet HTML 1Page - Pan Jit International Inc. 1N5401 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N5400 THRU 1N5408
HIGH CURRENT PLASTIC SILICON RECTIFIER
VOLTAGE - 50 to 1000 Volts
CURRENT - 3.0 Amperes
FEATURES
l
High current capability
l
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound
l
Exceeds environmental standards of MIL-S-19500/228
l
Low leakage
MECHANICAL DATA
Case: Molded plastic , DO-201AD
Terminals: Plated axial leads, solderable per MIL-STD-202,
Method 208
Polarity: Color band denotes cathode
Mounting Position: Any
Weight: 0.04 ounce, 1.1 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ¢J ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
1N5400 1N5401 1N5402 1N5403 1N5404 1N5405 1N5406 1N5407 1N5408 UNITS
Maximum Recurrent Peak Reverse Voltage
50
100
200
300
400
500
600
800
1000
V
Maximum RMS Voltage
35
70
140
210
280
350
420
560
700
V
Maximum DC Blocking Voltage
50
100
200
300
400
500
600
800
1000
V
Maximum Average Forward Rectified
Current .375"(9.5mm) Lead Length at
TA=55 ¢J
3.0
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load
(JEDEC method)
200
A
Maximum Instantaneous Forward Voltage at
3.0A DC
1.2
V
Maximum Reverse Current
TA=25 ¢J
at Rated DC Blocking Voltage TA=100 ¢J
5.0
1000
£g A
£g A
Maximum Full Load Reverse Current Full
Cycle Average 5"(12.5mm)lead length at
TL=105 ¢J
0.5
mA
Typical Junction capacitance (Note 1)
30
PF
Typical Thermal Resistance (Note 2) R £KJA
20.0
¢J /W
Operating and Storage Temperature Range
TJ,TSTG
-55 TO +150
¢J
NOTES:
1.
Measured at 1 MHz and applied reverse voltage of 4.0 volts.
2.
Thermal Resistance Junction to Ambient at 0.375"(9.5mm) lead length,
P.C.B. mounted with
0.8×0.8"(20×20mm) copper heatsinks.
DO-201AD


Số phần tương tự - 1N5401

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
1N5401 MOTOROLA-1N5401 Datasheet
44Kb / 2P
   STANDARD RECOVERY RECTIFIERS 50-1000 VOLTS 3.0 AMPERE
logo
Rugao Dachang Electroni...
1N5401 DACHANG-1N5401 Datasheet
122Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 3.0 A
logo
Pan Jit International I...
1N5401 PANJIT-1N5401 Datasheet
43Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
PACELEADER INDUSTRIAL
1N5401 PACELEADER-1N5401 Datasheet
487Kb / 2P
   3.0AMP GENERAL PURPOSE SILICON RECTIFIER - 50V-1000V
logo
SeCoS Halbleitertechnol...
1N5401 SECOS-1N5401 Datasheet
258Kb / 2P
   VOLTAGE 50V ~ 1000V 3.0 AMP Silicon Rectifiers
More results

Mô tả tương tự - 1N5401

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pan Jit International I...
P600A PANJIT-P600A Datasheet
50Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 6.0 Amperes)
logo
Wing Shing Computer Com...
1N5400 WINGS-1N5400 Datasheet
278Kb / 2P
   SILICON RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
logo
Pan Jit International I...
PS300R PANJIT-PS300R Datasheet
55Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes)
logo
DAESAN ELECTRONIC CORP.
KBPC3005 DAESAN-KBPC3005 Datasheet
178Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
HER301G DAESAN-HER301G Datasheet
306Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
FR301 DAESAN-FR301 Datasheet
312Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
HER301 DAESAN-HER301 Datasheet
229Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
UF5400 DAESAN-UF5400 Datasheet
230Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
1N5400 DAESAN-1N5400 Datasheet
213Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
S3A DAESAN-S3A Datasheet
336Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com