công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM5304AV bảng dữ liệu(PDF) 11 Page - Nippon Precision Circuits Inc

tên linh kiện SM5304AV
Giải thích chi tiết về linh kiện  Video Buffer with Built-in Analog LPF
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NPC [Nippon Precision Circuits Inc]
Trang chủ  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5304AV bảng dữ liệu(HTML) 11 Page - Nippon Precision Circuits Inc

Back Button SM5304AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5304AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5304AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5304AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5304AV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5304AV Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5304AV Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5304AV Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5304AV Datasheet HTML 12Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
SM5304AV
NIPPON PRECISION CIRCUITS INC.—11
NOTES ON USE
Capacitors Between Power Supply Pin
Please be sure to connect a capacitor between power supply pin (VCC, GND) for preventing the oscillation of
an output and supplying a power supply stable. Electrolytic capacitor about 1
µF to 10µF and ceramic capacitor
about 0.01
µF to 0.1µF are recommended. Please connect a ceramic capacitor to near between power supply
pin, shown in a figure.
Range of Power Dissipation and Ambient Temperature
Operating condition range (power supply and ambient temperature) which is not exceeded package power dis-
sipation and package junction temperature shown in the item of Absolute Maximum Rating are shown in a fig-
ure. However this range is calculated from the package thermal resistance under the mounting conditions
which NPC specified, and when mounting conditions differ from this condition, it does not become such.
Mounting conditions
• glass epoxy board
• board size: 40mm
× 40mm
• wiring density: 10%
• still air
The following method is effective, in order to lower thermal resistance and to prevent the rise of junction tem-
perature.
• Wiring area connected to the pin of SM5304AV is made widely.
• To cool down, use the cooling fan etc.
VCC
GND
0
187
300
−40
60.8
85
PD = ( Tjmax
− Ta ) / θja
Tjmax = 125 C,
θja = 214 C/W
Ta [ C]


Số phần tương tự - SM5304AV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nippon Precision Circui...
SM5304AV NPC-SM5304AV Datasheet
231Kb / 12P
   Video Buffer with Built-in Analog LPF
SM5304AV NPC-SM5304AV_06 Datasheet
231Kb / 12P
   Video Buffer with Built-in Analog LPF
More results

Mô tả tương tự - SM5304AV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nippon Precision Circui...
SM5304AV NPC-SM5304AV_06 Datasheet
231Kb / 12P
   Video Buffer with Built-in Analog LPF
SM5320A NPC-SM5320A Datasheet
696Kb / 23P
   5-channel Video Buffer with Built-in wideband LPF
SM5302A NPC-SM5302A Datasheet
503Kb / 26P
   3-channel Video Buffer with Built-in wideband LPF
SM5309A NPC-SM5309A Datasheet
419Kb / 24P
   3-channel Video Buffer with Built-in wideband LPF
SM5309B NPC-SM5309B Datasheet
409Kb / 24P
   3-channel Video Buffer with Built-in wideband LPF
SM5301 NPC-SM5301 Datasheet
178Kb / 12P
   3-channel Video Buffer with Built-in Wideband Filters
logo
New Japan Radio
NJM41031 NJRC-NJM41031 Datasheet
151Kb / 11P
   VIDEO AMPLIFIER WITH LPF
logo
Agamem Microelectronic ...
AA8642 AGAMEM-AA8642 Datasheet
168Kb / 8P
   Dual Video Amplifier with LPF
logo
Intersil Corporation
ISL59119 INTERSIL-ISL59119 Datasheet
986Kb / 10P
   Triple Channel Video Driver with LPF
logo
New Japan Radio
NJM2574 NJRC-NJM2574 Datasheet
551Kb / 10P
   LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com