công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SM5304AV bảng dữ liệu(PDF) 5 Page - Nippon Precision Circuits Inc |
|
SM5304AV bảng dữ liệu(HTML) 5 Page - Nippon Precision Circuits Inc |
5 / 12 page SM5304AV NIPPON PRECISION CIRCUITS INC.—5 FUNCTIONAL DESCRIPTION RFC Frequency Control Characteristics The cutoff frequency (fc) is controlled by the resistor connected to RFC pin (RFC). The characteristics about fc versus RFC is shown in table 1. Adjustment methods It can set up by the following methods. Since resistance affects cutoff frequency, please use a high precise thing. I Fixed resistor The frequency can be adjusted using an external resistor connected to RFC. Table 1. RFC and frequency control range RFC [kΩ] Cutoff frequency [MHz] 18 1.9 15 2.3 12 2.8 10 3.3 8.2 3.9 6.8 4.6 5.6 5.5 4.7 6.4 4.3 6.9 3.9 7.5 3.3 8.7 2.7 10.5 RFC |
Số phần tương tự - SM5304AV |
|
Mô tả tương tự - SM5304AV |