công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC13751 bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MC13751
Giải thích chi tiết về linh kiện  DUAL-BAND UPMIXER AND DRIVER AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13751 bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MC13751 Datasheet HTML 1Page - Motorola, Inc MC13751 Datasheet HTML 2Page - Motorola, Inc MC13751 Datasheet HTML 3Page - Motorola, Inc MC13751 Datasheet HTML 4Page - Motorola, Inc MC13751 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Device
Device Marking
Package
MC13751
SEMICONDUCTOR
TECHNICAL DATA
DUAL–BAND UPMIXER AND
DRIVER AMPLIFIER
ORDERING INFORMATION
MC13751FCR2
MC751
QFN–24
PLASTIC PACKAGE
CASE 1307
(QFN–24, Tape and Reel Only)
Order this document by MC13751/D
(Scale 2:1)
1
MOTOROLA RF PRODUCTS DEVICE DATA
Dual-Band Upmixer and
Driver Amplifier
The MC13751 is an integrated transmit upmixer and driver amplifier
designed for use in cellular phones. It includes two mixers and two RF step
attenuators. The device is fabricated using Motorola’s Advanced RF
BiCMOS process with the SiGe:C option and is housed in a leadless
QFN–24 package.
Total Gain:
22 dB for Low Band
19.5 dB for High Band
Total Current Consumption = 53 mA (Typ)
Available in Tape and Reel, 2500 Units per 12 mm, 7 inch Reel
Simplified Block Diagram
High Band IF+
High Band IF-
Low Band IF+
Low Band IF-
LO+
LO-
Band Select
Enable
Low Band RF Out
High Band RF Out
Gain Control
High Band
Mix Out
High Band
DRV In
Low Band
Mix Out
Low Band
DRV In
This device contains 223 active transistors.
Definitive Data – Motorola reserves the right to change the Production detail specifications as
may be required to permit improvement in the design of its products.
 Motorola, Inc. 2002
Rev. 1


Số phần tương tự - MC13751

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC1373 MOTOROLA-MC1373 Datasheet
211Kb / 3P
   TV Video Modulator
MC1374 MOTOROLA-MC1374 Datasheet
112Kb / 10P
   TV MODULATOR CIRCUIT
MC1374P MOTOROLA-MC1374P Datasheet
112Kb / 10P
   TV MODULATOR CIRCUIT
MC13760 MOTOROLA-MC13760 Datasheet
128Kb / 6P
   GSM/DCS/TDMA/AMPS Multi-Protocol Transceiver
MC1377 MOTOROLA-MC1377 Datasheet
647Kb / 18P
   COLOR TELEVISION RGB to PAL/NTSC ENCODER
More results

Mô tả tương tự - MC13751

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MRFIC1813 MOTOROLA-MRFIC1813 Datasheet
157Kb / 8P
   1.9 GHz UPMIXER AND EXCITER AMPLIFIER
logo
RF Micro Devices
RF2643 RFMD-RF2643 Datasheet
375Kb / 16P
   3V DUAL-BAND UPCONVERTER AND DRIVER AMPLIFIER
logo
National Semiconductor ...
LP3939 NSC-LP3939 Datasheet
116Kb / 7P
   Power Amplifier Driver For Dual Band CDMA Handsets
logo
TriQuint Semiconductor
TGA4512-SM TRIQUINT-TGA4512-SM_15 Datasheet
670Kb / 13P
   Ka-Band Driver Amplifier
logo
United Monolithic Semic...
CHA5012 UMS-CHA5012 Datasheet
715Kb / 8P
   X Band Driver Amplifier
logo
TriQuint Semiconductor
TGA4042-EPU TRIQUINT-TGA4042-EPU Datasheet
321Kb / 10P
   Q-Band Driver Amplifier
logo
United Monolithic Semic...
CHA5010B UMS-CHA5010B Datasheet
54Kb / 4P
   X Band Driver Amplifier
logo
TriQuint Semiconductor
TGA4042 TRIQUINT-TGA4042 Datasheet
407Kb / 10P
   Q-Band Driver Amplifier
logo
United Monolithic Semic...
CHA5012 UMS-CHA5012_15 Datasheet
526Kb / 10P
   X Band Driver Amplifier
logo
Qorvo, Inc
TGA2700 QORVO-TGA2700 Datasheet
467Kb / 16P
   X ??Band Driver Amplifier
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com