công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCM63R918FC3.7R bảng dữ liệu(PDF) 8 Page - Freescale Semiconductor, Inc

tên linh kiện MCM63R918FC3.7R
Giải thích chi tiết về linh kiện  MCM63R836
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCM63R918FC3.7R bảng dữ liệu(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MCM63R918FC3.7R Datasheet HTML 4Page - Freescale Semiconductor, Inc MCM63R918FC3.7R Datasheet HTML 5Page - Freescale Semiconductor, Inc MCM63R918FC3.7R Datasheet HTML 6Page - Freescale Semiconductor, Inc MCM63R918FC3.7R Datasheet HTML 7Page - Freescale Semiconductor, Inc MCM63R918FC3.7R Datasheet HTML 8Page - Freescale Semiconductor, Inc MCM63R918FC3.7R Datasheet HTML 9Page - Freescale Semiconductor, Inc MCM63R918FC3.7R Datasheet HTML 10Page - Freescale Semiconductor, Inc MCM63R918FC3.7R Datasheet HTML 11Page - Freescale Semiconductor, Inc MCM63R918FC3.7R Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
MCM63R836
•MCM63R918
8
MOTOROLA FAST SRAM
AC OPERATING CONDITIONS AND CHARACTERISTICS
(2.375 V
≤ VDD ≤ 3.6 V, 0°C ≤ TA ≤ 70°C, Unless Otherwise Noted)
Input Pulse Levels
0.25 to 1.25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Rise/Fall Time
1 V/ns (20% to 80%)
. . . . . . . . . . . . . . . . . . . . . .
Input Timing Measurement Reference Level
0.75 V
. . . . . . . . . . . . . .
Output Timing Reference Level
0.75 V
. . . . . . . . . . . . . . . . . . . . . . . . .
Clock Input Timing Reference Level
Differential Cross–Point
. . . . . .
ZQ for 50
Ω Impedance
250
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
R
θJA Device
22
_C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
READ/WRITE CYCLE TIMING (See Note 1)
63R836–3.0
63R918–3.0
63R836–3.3
63R918–3.3
63R836–3.7
63R918–3.7
63R836–4.0
63R918–4.0
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Unit
Notes
Cycle Time
tKHKH
3
3.3
3.7
4
ns
Clock High Pulse Width
tKHKL
1.2
1.2
1.5
1.5
ns
Clock Low Pulse Width
tKLKH
1.2
1.2
1.5
1.5
ns
Clock High to Output Low–Z
tKHQX1
0.5
0.5
0.5
0.5
ns
1, 2
Clock High to Output Valid
tKHQV
1.5
1.65
1.85
2
ns
Clock High to Output Hold
tKHQX
0.5
0.5
0.5
0.5
ns
1
Clock High to Output High–Z
tKHQZ
1.5
1.6
1.7
2
ns
1, 3
ZZ High to Sleep Mode
tZZE
3
3.3
3.7
4
ns
ZZ Low to Recovery
tZZR
10
10
10
10
ns
Setup Times:
Address
Data In
Chip Select
Write Enable
tAVKH
tDVKH
tSVKH
tWVKH
0.5
0.5
0.5
0.5
ns
Hold Times:
Address
Data In
Chip Select
Write Enable
tKHAX
tKHDX
tKHSX
tKHWX
0.5
0.5
0.5
0.5
ns
NOTES:
1. This parameter is sampled and not 100% tested.
2. Measured at
± 200 mV from steady state.
3. Measured at
± 200 mV from steady state. See Test Load Figure 1b.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MCM63R918FC3.7R

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCM63R836A MOTOROLA-MCM63R836A Datasheet
385Kb / 21P
   8M Late Write HSTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com