công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CXA3668N bảng dữ liệu(PDF) 1 Page - Sony Corporation

tên linh kiện CXA3668N
Giải thích chi tiết về linh kiện  Reception Analog Signal Processor IC for Infrared Space Digital Audio Communication
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SONY [Sony Corporation]
Trang chủ  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3668N bảng dữ liệu(HTML) 1 Page - Sony Corporation

  CXA3668N Datasheet HTML 1Page - Sony Corporation CXA3668N Datasheet HTML 2Page - Sony Corporation CXA3668N Datasheet HTML 3Page - Sony Corporation CXA3668N Datasheet HTML 4Page - Sony Corporation CXA3668N Datasheet HTML 5Page - Sony Corporation CXA3668N Datasheet HTML 6Page - Sony Corporation CXA3668N Datasheet HTML 7Page - Sony Corporation CXA3668N Datasheet HTML 8Page - Sony Corporation CXA3668N Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
– 1 –
CXA3668N
24 pin SSOP (Plastic)
Reception Analog Signal Processor IC for Infrared Space Digital Audio Communication
Description
The CXA3668N is an IC that performs reception side
analog signal processing for optical communication
in combination with an infrared photodiode within a
Digital Infrared Audio Transmission (DIAT) system.
This IC incorporates a low noise trans-conductance
amplifier (I/V amplifier) that converts the optical
current from the photodiode into a voltage and
amplifies it, an AGC amplifier, a low-pass filter, band-
pass filters, and an output amplifier.
The band-pass filters are used to separate the
desired signal and the interfering signal. This chip
has the two types of Full (3 to 6MHz) and Half (3 to
4.5MHz) band-pass filters, and these can be
switched according to the application.
• Full: Full-band width (3 to 6MHz)
• Half: Half-band width (3 to 4.5MHz)
Features
• Wide dynamic range
• On-chip I/V amplifier
• On-chip output filter
• Filter band switching pin
• Surface mounting package (24-pin SSOP)
Applications
• Infrared headphones
• Infrared speakers
Structure
Bi-CMOS IC
Absolute Maximum Ratings (Ta = 25°C)
• Supply voltage
VCCI, VCC2, VCCS, VCCO
3.3
V
• Storage temperature
Tstg
–55 to +150
°C
• Allowable power dissipation PD
400
mW
Recommended Operating Conditions
• Supply voltage
VCCI, VCC2, VCCS, VCCO
2.3 to 2.7
V
• Operating temperature
Topr
–40 to +85
°C
E04244-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.


Số phần tương tự - CXA3668N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sony Corporation
CXA3621GE SONY-CXA3621GE Datasheet
113Kb / 14P
   Fingerprint Sensor
CXA3627ER SONY-CXA3627ER Datasheet
42Kb / 27P
   All Band Tuner IC with On-chip PLL
CXA3627N SONY-CXA3627N Datasheet
231Kb / 28P
   All Band Tuner IC with On-chip PLL
CXA3685ER SONY-CXA3685ER Datasheet
368Kb / 23P
   Direct Conversion IC for Digital Satellite Broadcast Tuner
CXA3691AEN SONY-CXA3691AEN Datasheet
215Kb / 13P
   High-speed Buffer Amplifier for CCD Image Sensor
More results

Mô tả tương tự - CXA3668N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sony Corporation
CXD4017R SONY-CXD4017R Datasheet
1Mb / 34P
   Reception Digital Signal Processor IC for Infrared Spatial Digital Audio Communication
CXD4016R SONY-CXD4016R Datasheet
1Mb / 31P
   Transmission Digital Signal Processor IC for Infrared Spatial Digital Audio Communication
CXA2027Q SONY-CXA2027Q Datasheet
287Kb / 18P
   Analog signal processor IC
logo
Sanyo Semicon Device
LC83015E SANYO-LC83015E Datasheet
353Kb / 16P
   Digital Signal Processor for Audio Applications
logo
Samsung semiconductor
S5L9290X02 SAMSUNG-S5L9290X02 Datasheet
460Kb / 47P
   DIGITAL SIGNAL PROCESSOR FOR INTERNET AUDIO
logo
Toshiba Semiconductor
TC9337F TOSHIBA-TC9337F Datasheet
1Mb / 31P
   AUDIO DIGITAL SIGNAL PROCESSOR
logo
Sanyo Semicon Device
LC83010N SANYO-LC83010N Datasheet
446Kb / 20P
   AUDIO DIGITAL SIGNAL PROCESSOR
logo
Toshiba Semiconductor
TC9331F TOSHIBA-TC9331F Datasheet
1Mb / 33P
   AUDIO DIGITAL SIGNAL PROCESSOR
TC9332F TOSHIBA-TC9332F Datasheet
1Mb / 28P
   AUDIO DIGITAL SIGNAL PROCESSOR
logo
ON Semiconductor
LC786821E ONSEMI-LC786821E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
June 2016 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com