công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MAX16803 bảng dữ liệu(PDF) 4 Page - Maxim Integrated Products

tên linh kiện MAX16803
Giải thích chi tiết về linh kiện  High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16803 bảng dữ liệu(HTML) 4 Page - Maxim Integrated Products

  MAX16803 Datasheet HTML 1Page - Maxim Integrated Products MAX16803 Datasheet HTML 2Page - Maxim Integrated Products MAX16803 Datasheet HTML 3Page - Maxim Integrated Products MAX16803 Datasheet HTML 4Page - Maxim Integrated Products MAX16803 Datasheet HTML 5Page - Maxim Integrated Products MAX16803 Datasheet HTML 6Page - Maxim Integrated Products MAX16803 Datasheet HTML 7Page - Maxim Integrated Products MAX16803 Datasheet HTML 8Page - Maxim Integrated Products MAX16803 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
High-Voltage, 350mA, High-Brightness LED
Driver with PWM Dimming and 5V Regulator
4
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VIN = VEN = +12V, TA = +25°C, unless otherwise noted.)
DROPOUT VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
110
95
65 80
-10 5
20 35 50
-25
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
-40
125
ILOAD = 350mA
SHUTDOWN CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
110
95
80
65
50
35
20
5
-10
-25
5
10
15
20
25
30
35
0
-40
125
VIN = 40V
VIN = 20V
VIN = 12V
VIN = 6.5V
+5V REGULATOR OUTPUT
vs. TEMPERATURE
TEMPERATURE (°C)
110
95
80
65
50
35
20
5
-10
-25
5.1
5.2
5.3
5.4
5.5
5.0
-40
125
ILOAD = 1mA
NO LOAD
ILOAD = 5mA
(VCS+ - VCS-) vs. IV5
IV5 (mA)
7
6
4
5
2
3
1
0.199
0.200
0.201
0.202
0.203
0.204
0.205
0.206
0.207
0.208
0.209
0.210
0.198
08
ILOAD = 410mA
+5V REGULATOR OUTPUT vs. VIN
VIN (V)
35
30
25
20
15
10
5.15
5.20
5.25
5.30
5.10
540
LOAD = 1mA
NO LOAD
LOAD = 5mA
200Hz DIMMED OPERATION
MAX16803 toc09
20µs/div
VDIM
2V/div
ILOAD
200mA/div
0A
ILOAD = 350mA
VIN = VEN = 12V
DIM PULSED AT
200Hz (1%
DUTY CYCLE)
0V
200Hz DIMMED OPERATION (EXPANDED)
MAX16803 toc10
20µs/div
VDIM
2V/div
ILOAD
200mA/div
0A
ILOAD = 350mA
VIN = VEN = 12V
DIM PULSED AT
200Hz (50%
DUTY CYCLE)
0V
200Hz DIMMED OPERATION (EXPANDED)
MAX16803 toc11
20µs/div
VDIM
2V/div
ILOAD
200mA/div
0A
ILOAD = 350mA
VIN = VEN = 12V
DIM PULSED AT
200Hz (50%
DUTY CYCLE)
0V


Số phần tương tự - MAX16803

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Maxim Integrated Produc...
MAX16803 MAXIM-MAX16803 Datasheet
179Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 4/09
MAX16803ATE++ MAXIM-MAX16803ATE+ Datasheet
179Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 4/09
MAX16803ATE/V++ MAXIM-MAX16803ATE/V+ Datasheet
179Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 4/09
MAX16803EVKIT MAXIM-MAX16803EVKIT Datasheet
205Kb / 5P
   MAX16803 Evaluation Kit
Rev 1; 11/08
MAX16803 MAXIM-MAX16803_09 Datasheet
179Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 4/09
More results

Mô tả tương tự - MAX16803

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Maxim Integrated Produc...
MAX16803 MAXIM-MAX16803_09 Datasheet
179Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 4/09
MAX16836 MAXIM-MAX16836_09 Datasheet
182Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 2; 4/09
MAX16836 MAXIM-MAX16836 Datasheet
176Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 5/08
MAX16804 MAXIM-MAX16804 Datasheet
787Kb / 11P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 0; 7/06
MAX16804ATP MAXIM-MAX16804ATP Datasheet
281Kb / 10P
   High-Voltage, 350mA LED Driver with Analog and PWM Dimming Control
Rev 1; 5/08
MAX16835 MAXIM-MAX16835_12 Datasheet
198Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED Driver
Rev 2; 10/12
logo
Diodes Incorporated
AL9902 DIODES-AL9902 Datasheet
729Kb / 18P
   LINEAR AND PWM DIMMING HIGH VOLTAGE LED DRIVER
logo
Maxim Integrated Produc...
MAX16835 MAXIM-MAX16835 Datasheet
155Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED Driver
Rev 1; 5/08
logo
Zetex Semiconductors
ZXLD1352 ZETEX-ZXLD1352 Datasheet
655Kb / 22P
   350mA LED driver with internal switch and enhanced PWM dimming range
logo
Maxim Integrated Produc...
MAX16800 MAXIM-MAX16800_09 Datasheet
182Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver
Rev 1; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com