công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD0805-B00340 bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện CD0805-B00340
Giải thích chi tiết về linh kiện  Schottky Barrier Chip Diode Series - 0805
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

CD0805-B00340 bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  CD0805-B00340 Datasheet HTML 1Page - List of Unclassifed Manufacturers CD0805-B00340 Datasheet HTML 2Page - List of Unclassifed Manufacturers CD0805-B00340 Datasheet HTML 3Page - List of Unclassifed Manufacturers CD0805-B00340 Datasheet HTML 4Page - List of Unclassifed Manufacturers CD0805-B00340 Datasheet HTML 5Page - List of Unclassifed Manufacturers CD0805-B00340 Datasheet HTML 6Page - List of Unclassifed Manufacturers CD0805-B00340 Datasheet HTML 7Page - List of Unclassifed Manufacturers CD0805-B00340 Datasheet HTML 8Page - List of Unclassifed Manufacturers CD0805-B00340 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Schottky Barrier Chip Diode Series - 0805
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Features
Lead free as standard
RoHS compliant*
Leadless
Low stored charge
Applications
Cellular phones
PDAs
Desktop PCs and
notebooks
Digital cameras
MP3 players
General Information
The markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop increasingly
smaller electronic components.
Bourns offers small-signal high-speed Schottky Barrier Diodes for switching and rectification applications, in compact chip package 0805 size
format, which offer PCB real estate savings and are considerably smaller than competitive parts. The Schottky Barrier Diodes offer a forward
current of 30 mA, 100 mA or 200 mA, a reverse voltage of 30 V, 40 V or 45V and also have a low forward voltage option. The diodes are lead-
free with Cu/Ni/Au plated terminations and are compatible with lead-free manufacturing processes, conforming to many industry and
government regulations on lead-free components.
Bourns® Chip Diodes conform to JEDEC standards, easy to handle on standard pick and place equipment and their flat configuration makes
roll away much more difficult.
Parameter
Symbol
CD0805-
CD0805-
CD0805-
CD0805-
CD0805-
CD0805-
Unit
B00340
B0130
B0130L
B0145
B0230
B0245
Forward Voltage (Max.)
VF
0.37
1.00
0.44
0.55
0.50
0.55
V
(If = 1 mA)
(If = 0.1 A)
(If = 0.1 A)
(If = 0.1 A)
(If = 0.2 A)
(If = 0.2 A)
Capacitance Between
26
12
6
12
12
Terminals (Max.)
CT
(Vr = 1 V)
(Vr = 10 V)
(Vr = 10 V)
(Vr = 10 V)
(Vr = 10 V)
(Vr = 10 V)
pF
(f = 1 MHz)
Reverse Current (Max.)
IR
1
2
30
30
30
30
µA
(Vr = 40 V)
(Vr = 25 V)
(Vr = 30 V)
(Vr = 45 V)
(Vr = 30 V)
(Vr = 45 V)
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
How To Order
CD 0805 - B 01 30 L
Common Code
Chip Diode
Package
• 0805
Model
B = Schottky Barrier Series
Average Forward Current (Io) Code
003 = 30 mA
01
= 100 mA
02
= 200 mA
(Code x 1000 mA = Average Forward Current)
Reverse Voltage (VR) Code
30 = 30 V
40 = 40 V
45 = 45 V
Forward Voltage Suffix
L = Low Forward Voltage Vf (CD0805-B0130L)
Parameter
Symbol
CD0805-
CD0805-
CD0805-
CD0805-
CD0805-
CD0805-
Unit
B00340
B0130
B0130L
B0145
B0230
B0245
Repetitive Peak
Reverse Voltage
VRRM
45
30
35
50
35
50
V
Reverse Voltage
VR
40
30
30
45
30
45
V
Average Forward Current
Io
30
100
100
100
200
200
mA
Forward Current,
Surge Peak
Isurge
500*
1000*
1000*
1000*
3000*
3000*
mA
Power Dissipation
PD
200
300
300
300
300
250
mW
Storage Temperature
TSTG
-40 to +125
°C
Junction Temperature
TJ
-40 to +125
°C
Absolute Ratings (@ TA = 25 °C Unless Otherwise Noted)
* Condition: 8.3 ms single half sine-wave superimposed on rate load
(JEDEC method).
CD0805-xxxx products
are currently available,
although not recom-
mended for new designs. Use
CD1005-xxxx products as an
alternative.


Số phần tương tự - CD0805-B00340

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Bourns Electronic Solut...
CD0805-B160 BOURNS-CD0805-B160 Datasheet
298Kb / 6P
   Switching Chip Diode Series - 0805 / 1206
More results

Mô tả tương tự - CD0805-B00340

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Bourns Electronic Solut...
CD0603-B0XR BOURNS-CD0603-B0XR Datasheet
576Kb / 6P
   Schottky Barrier Chip Diode Series
CD123D-B1XR BOURNS-CD123D-B1XR Datasheet
587Kb / 6P
   Schottky Barrier Chip Diode Series
CD0603 BOURNS-CD0603 Datasheet
250Kb / 10P
   Schottky Barrier Chip Diode Series
logo
M/A-COM Technology Solu...
1N66XX MA-COM-1N66XX Datasheet
740Kb / 7P
   Schottky Barrier Diode Chip
logo
Bourns Electronic Solut...
CD0603-B BOURNS-CD0603-B Datasheet
194Kb / 6P
   CD0603-B0xR Schottky Barrier Chip Diode Series
REV. 08/19
CD0603-B0240 BOURNS-CD0603-B0240 Datasheet
192Kb / 10P
   CD0603/1005 Schottky Barrier Chip Diode Series
CD123D-B BOURNS-CD123D-B Datasheet
170Kb / 6P
   CD123D-B1xR Schottky Barrier Chip Diode Series
REV. 08/19
CD214A-B320 BOURNS-CD214A-B320_11 Datasheet
167Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B1XR BOURNS-CD214A-B1XR Datasheet
482Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214C-B3XR BOURNS-CD214C-B3XR Datasheet
469Kb / 4P
   Schottky Barrier Rectifier Chip Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com