công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM73CIMK bảng dữ liệu(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM73CIMK
Giải thích chi tiết về linh kiện  2.7V, SOT-23, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM73CIMK bảng dữ liệu(HTML) 10 Page - National Semiconductor (TI)

Back Button LM73CIMK Datasheet HTML 6Page - National Semiconductor (TI) LM73CIMK Datasheet HTML 7Page - National Semiconductor (TI) LM73CIMK Datasheet HTML 8Page - National Semiconductor (TI) LM73CIMK Datasheet HTML 9Page - National Semiconductor (TI) LM73CIMK Datasheet HTML 10Page - National Semiconductor (TI) LM73CIMK Datasheet HTML 11Page - National Semiconductor (TI) LM73CIMK Datasheet HTML 12Page - National Semiconductor (TI) LM73CIMK Datasheet HTML 13Page - National Semiconductor (TI) LM73CIMK Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
1.0 Functional Description (Continued)
1.6 COMMUNICATING with the LM73
The data registers in the LM73 are selected by the Pointer
Register. At power-up the Pointer Register is set to “00h”, the
location for the Temperature Register. The Pointer Register
latches the last location it was set to. Note that all Pointer
Register bits are decoded; any incorrect pointer values will
not be acknowledged and will not be stored in the Pointer
Register (Note 13).
A Write to the LM73 will always include the address byte and
the pointer byte.
A Read from the LM73 can take place either of two ways:
1.
If the location latched in the Pointer Register is correct
(that is, the Pointer Register is pre-set prior to the read),
then the read can simply consist of an address byte,
followed by retrieving the data byte. Most of the time it is
expected that the Pointer Register will point to Tempera-
ture Registers because that will be the data most fre-
quently read from the LM73.
2.
If the Pointer Register needs to be set, then an address
byte, pointer byte, repeat start, and another address
byte will accomplish a read.
The data byte is read out of the LM73 by the most significant
bit first. At the end of a read, the LM73 can accept either an
Acknowledge or No Acknowledge bit from the Master. No
Acknowledge is typically used as a signal to the slave that
the Master has read its last byte.
20147816
FIGURE 1. ALERT Temperature Response cleared
when temperature crosses T
LOW
20147817
FIGURE 2. ALERT Temperature Response cleared by
writing a "1" to the ALERT Reset Bit.
www.national.com
10


Số phần tương tự - LM73CIMK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM73CIMK-0 NSC-LM73CIMK-0 Datasheet
733Kb / 18P
   2.7V, SOT-23, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
logo
Texas Instruments
LM73CIMK-0 TI1-LM73CIMK-0 Datasheet
1Mb / 26P
[Old version datasheet]   LM73 2.7V, SOT, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
LM73CIMK-0/NOPB TI-LM73CIMK-0/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
logo
National Semiconductor ...
LM73CIMK-1 NSC-LM73CIMK-1 Datasheet
733Kb / 18P
   2.7V, SOT-23, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
logo
Texas Instruments
LM73CIMK-1 TI1-LM73CIMK-1 Datasheet
1Mb / 26P
[Old version datasheet]   LM73 2.7V, SOT, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
More results

Mô tả tương tự - LM73CIMK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM73 NSC-LM73_06 Datasheet
733Kb / 18P
   2.7V, SOT-23, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
logo
Texas Instruments
LM73CIMK-0 TI1-LM73CIMK-0 Datasheet
1Mb / 26P
[Old version datasheet]   LM73 2.7V, SOT, 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface
LM73-Q1 TI1-LM73-Q1 Datasheet
566Kb / 27P
[Old version datasheet]   2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
LM73 TI-LM73_15 Datasheet
1Mb / 30P
[Old version datasheet]   2.7-V, SOT-23, 11- to 14-Bit Digital Temperature Sensor With 2-Wire Interface
SM73710 TI-SM73710 Datasheet
374Kb / 12P
[Old version datasheet]   SM73710 2.7V, SOT-23 Temperature Sensor
logo
National Semiconductor ...
LM60 NSC-LM60_05 Datasheet
637Kb / 11P
   2.7V, SOT-23 or TO-92 Temperature Sensor
LM60 NSC-LM60 Datasheet
221Kb / 9P
   2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 NSC-LM61 Datasheet
242Kb / 9P
   2.7V, SOT-23 or TO-92 Temperature Sensor
LM61 NSC-LM61_05 Datasheet
674Kb / 10P
   2.7V, SOT-23 or TO-92 Temperature Sensor
logo
Texas Instruments
LM60 TI-LM60 Datasheet
1Mb / 16P
[Old version datasheet]   2.7V, SOT-23 or TO-92 Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com