công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM1270N bảng dữ liệu(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM1270N
Giải thích chi tiết về linh kiện  Hi-Brite 200 MHz I2C Compatible RGB Image Enhancer with Video Auto Sizing
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1270N bảng dữ liệu(HTML) 10 Page - National Semiconductor (TI)

Back Button LM1270N Datasheet HTML 6Page - National Semiconductor (TI) LM1270N Datasheet HTML 7Page - National Semiconductor (TI) LM1270N Datasheet HTML 8Page - National Semiconductor (TI) LM1270N Datasheet HTML 9Page - National Semiconductor (TI) LM1270N Datasheet HTML 10Page - National Semiconductor (TI) LM1270N Datasheet HTML 11Page - National Semiconductor (TI) LM1270N Datasheet HTML 12Page - National Semiconductor (TI) LM1270N Datasheet HTML 13Page - National Semiconductor (TI) LM1270N Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Functional Description (Continued)
The LM1270 has the counters required to locate the clamp
pulse to any position on the horizontal line. Normally this pin
would be used as an output and be connected to the video
pre-amps. Now the clamp pulse location can be optimize for
the video channel. Note: When using this pin as an output a
1k
Ω series resistor must be used to protect the output stage
of the clamp circuit. It is also recommended to connect a
10 k
Ω resistor between this pin and ground for more reliable
operation.
Video Detection
MODES OF OPERATION
Three modes of operation are possible with the video detect
circuit:
1.
Autosizing mode: in this mode the LM1270 takes the
measurements necessary for the monitor to perform the
autosizing operation. The horizontal flyback is used as
the reference for timing. The resultant horizontal outputs
are the flyback time, the position of the start of video
relative to the flyback end and the time from the end of
the active video to the start of the flyback time. Since the
total line time is known the microcontroller can calculate
the active video time. Now the microcontroller can cen-
ter the video between the start and end of flyback for
best image centering, and to calculate the duty cycle of
the video with respect to the forward scan time, thus
giving a measure of the relative size of the image. For
best performance in autosizing mode, it is recom-
mended that the maximum pixels per line mode is used
when measurements are made.
2.
Window calibration mode: in this mode, the horizontal
sync is used as the reference for timing. The resultant
horizontal outputs are the horizontal sync time and the
back porch and active image video time that can subse-
quently be used in conjunction with the image position
data. The image pixel per line value should be used to
set the PLL.
3.
Video data transfer: in this mode, data is sent from the
PC to the monitor on the first active video line. A 72 pulse
clock string is sent on one video channel. Data is sent on
a second video channel. A window signal that tracks the
actual highlight window is sent on the third video chan-
nel. The timing parameters of this window signal are
timed by the video detect logic and stored in a special
register set. The relationship between these three sig-
nals is shown in Figure 3.
The selection of which video channel contains which signal
is programmed by the D_CNTL register.
IMAGE CALIBRATION MODE
Two registers are used for each axis to control the window
enable signal, WIN_EN. The first register HW_START
(VW_START) defines the period in pixels (lines) from the
leading edge of the Hsync (Vsync) to the start of the window.
The second register HW_END (VW_END) defines the dura-
tion of the highlight window. Each of these registers is de-
fined as two byte values, as per the table below:
The microcontroller must write the values of these registers,
after it has received the window position information from the
PC. However, the PC may reference this information in any
of the following ways:
1.
Leading edge of sync
2.
Trailing edge of sync
3.
Start of the video image
In order to accommodate different modes of operation, the
video detect function may be used to measure the sync
width, and the back porch (i.e., trailing edge of sync to start
of video) periods in horizontal pixels, or vertical lines for
window position calibration. The video detect function must
be set to measure with reference to the horizontal sync.
If the leading edge of sync is used as the reference for the
window start timing from the PC application, then the start
values can be directly written to the registers HW_START
and VW_START.
If the trailing edge of sync is used as the reference for the
window start timing from the PC application, then the micro-
controller should add the measured sync durations from the
video detect registers to the timing values supplied by the
PC application before writing to the HW_START and
VW_START registers.
If the start of video image is used as the reference for the
window start timing from the PC application, then the micro-
controller will add the measured sync duration and the back
porch duration from the video detect registers to the timing
values supplied by the PC application before writing to the
HW_START and VW_START registers.
In each case, it may also be necessary to modify the window
position values by adding or subtracting a value to compen-
20063520
FIGURE 3. Data, Clock and Window Signals
www.national.com
10


Số phần tương tự - LM1270N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM1276 NSC-LM1276 Datasheet
2Mb / 50P
   150 MHz I2C Compatible RGB Preamplifier with Internal 512 Character OSD ROM, 512 Character RAM and 4 DACs
logo
Texas Instruments
LM1276 TI1-LM1276 Datasheet
1Mb / 56P
[Old version datasheet]   Compatible RGB Preamplifier
logo
National Semiconductor ...
LM1276AAA NSC-LM1276AAA Datasheet
2Mb / 50P
   150 MHz I2C Compatible RGB Preamplifier with Internal 512 Character OSD ROM, 512 Character RAM and 4 DACs
LM1279 NSC-LM1279 Datasheet
533Kb / 14P
   110 MHz RGB Video Amplifier System with OSD
logo
Texas Instruments
LM1279 TI1-LM1279 Datasheet
798Kb / 20P
[Old version datasheet]   110 MHz RGB Video Amplifier System with OSD
More results

Mô tả tương tự - LM1270N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM1262 NSC-LM1262 Datasheet
1Mb / 20P
   200 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
LM1269 NSC-LM1269 Datasheet
1Mb / 20P
   110 MHz I2C Compatible RGB Video Amplifier System with OSD & DACs
LM1267 NSC-LM1267 Datasheet
1Mb / 20P
   150 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
logo
New Japan Radio
NJM2209 NJRC-NJM2209 Datasheet
196Kb / 4P
   VIDEO PICTURE ENHANCER
logo
Rohm
BU1570KN ROHM-BU1570KN_09 Datasheet
332Kb / 9P
   AIE: Adaptive Image Enhancer
logo
Sony Corporation
CXA1314P SONY-CXA1314P Datasheet
287Kb / 14P
   VIDEO SWITCH COMPATIBLE WITH I2C BUS
CXA1114P SONY-CXA1114P Datasheet
367Kb / 20P
   AUDIO VIDEO SWITCH COMPATIBLE WITH I2C BUS
logo
List of Unclassifed Man...
MTV030 ETC-MTV030 Datasheet
372Kb / 21P
   On-Screen Display with Auto-Sizing Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com