công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TA2041A bảng dữ liệu(PDF) 1 Page - Tripath Technology Inc.

tên linh kiện TA2041A
Giải thích chi tiết về linh kiện  FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TRIPATH [Tripath Technology Inc.]
Trang chủ  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TA2041A bảng dữ liệu(HTML) 1 Page - Tripath Technology Inc.

  TA2041A Datasheet HTML 1Page - Tripath Technology Inc. TA2041A Datasheet HTML 2Page - Tripath Technology Inc. TA2041A Datasheet HTML 3Page - Tripath Technology Inc. TA2041A Datasheet HTML 4Page - Tripath Technology Inc. TA2041A Datasheet HTML 5Page - Tripath Technology Inc. TA2041A Datasheet HTML 6Page - Tripath Technology Inc. TA2041A Datasheet HTML 7Page - Tripath Technology Inc. TA2041A Datasheet HTML 8Page - Tripath Technology Inc. TA2041A Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Tri p ath Techn o l o g y, I n c. - Techn i cal I n fo rmati o n
1
TA2041A – KL/ Rev. 5.4/04.05
TA2041A
FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING
DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
Tech nical I n for m ati on
Re v i s i on 5.4 – A p ril 2005
GEN E RA L DESCR I PTION
The TA2041A is a four-channel Audio Amplifier that uses Tripath’s proprietary Digital Power
Processing (DPP
TM) technology. Class-T amplifiers offer both the audio fidelity of Class-AB and the
power efficiency of Class-D amplifiers. The TA2041A has been designed specifically for automotive
head unit applications and is configured with four bridged outputs operating on a single 10-21V
supply.
APPLICA T IONS
Automotive Head Units
DVD Receivers
Multimedia Speaker Systems
BENEFITS
4-channel (280W) solution – with integrated
FETs - in a single 32-pin SSIP package
High fidelity, high efficiency Class-T
Low external component count
Single-supply operation
FEA T UR ES
Class-T architecture
Four H-Bridge outputs
“Audiophile” Sound Quality
High Efficiency
High Power @20.0V
70Wsat. sq. wave @ 4Ω
50W @ 4
Ω, 10% THD+N
“Audiophile” Quality Sound
0.04% THD+N @ 27W 4
0.02% IHF-IM @ 5W 4
High Efficiency
86% @ 70W 4
AM “Low EMI” mode
Pop-Free startup and shutdown
High Dynamic Range
Mute and Stand-By function
Automatic DC Offset Trim
Clip Detection Output
Protection Modes:
Output Short to VPP and Ground
Output Short across Load
Load Dump Protection
Over-/Under-Voltage Protection
Over-current Protection
Over-temperature Protection
Fortuitous Open Ground


Số phần tương tự - TA2041A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TAI-SAW TECHNOLOGY CO.,...
TA2041A TAI-SAW-TA2041A Datasheet
502Kb / 9P
   SAW Rx Filter 806MHz LTE Band 20 SMD 1109 (30MHz BW)
More results

Mô tả tương tự - TA2041A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tripath Technology Inc.
TAA4100 TRIPATH-TAA4100 Datasheet
332Kb / 20P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TAA4100A TRIPATH-TAA4100A Datasheet
337Kb / 20P
   FOUR CHANNEL CLASS-T DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TA0103A TRIPATH-TA0103A Datasheet
262Kb / 18P
   Stereo 250W (4?? Class-T Digital Audio Amplifier Driver using Digital Power Processing (DPPTM) Technology
TA0104A TRIPATH-TA0104A Datasheet
482Kb / 18P
   STEREO 500W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
TA0102A TRIPATH-TA0102A Datasheet
235Kb / 12P
   STEREO 150W (4?? CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM) TECHNOLOGY
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
   Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
TA1101B TRIPATH-TA1101B Datasheet
202Kb / 13P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com