công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TA2024B bảng dữ liệu(PDF) 5 Page - Tripath Technology Inc.

tên linh kiện TA2024B
Giải thích chi tiết về linh kiện  STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TRIPATH [Tripath Technology Inc.]
Trang chủ  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TA2024B bảng dữ liệu(HTML) 5 Page - Tripath Technology Inc.

  TA2024B Datasheet HTML 1Page - Tripath Technology Inc. TA2024B Datasheet HTML 2Page - Tripath Technology Inc. TA2024B Datasheet HTML 3Page - Tripath Technology Inc. TA2024B Datasheet HTML 4Page - Tripath Technology Inc. TA2024B Datasheet HTML 5Page - Tripath Technology Inc. TA2024B Datasheet HTML 6Page - Tripath Technology Inc. TA2024B Datasheet HTML 7Page - Tripath Technology Inc. TA2024B Datasheet HTML 8Page - Tripath Technology Inc. TA2024B Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Tri p ath Techn o l o g y, I n c. - T echn i cal I n fo rmation
5
TA2024B –KL/1.2/01.06
AP PLI C AT ION /TES T CI RCUIT
TA2024B
R
L
4
Ω or *8Ω
MUTE
FAULT
OVERLOADB
(+12V)
C
I
2.2uF
OAOUT1
OAOUT2
INV1
INV2
OUTP1
OUTM1
OUTP2
OUTM2
VDDA
+5VGEN
BIASCAP
DCAP2
DCAP1
C
I
2.2uF
C
A
0.1uF
C
D
0.1uF
CPUMP
10
11
20
1
33
29
26
7
19
31
28
24
27
36
2
3
15
14
12
16
R
F
20K
18
R
Z
10
Ω, 1/2W
R
Z
10
Ω, 1/2W
C
Z
0.22uF
C
P
1uF
+
+
5V
SLEEP
5V
5V
+12V
0.1uF
REF
R
REF
8.25K
Ω, 1%
6
1M
All Diodes Motorola MBRS130T3
* Use C
o = 0.22µF for 8 Ohm loads
VDD1
PGND1
VDD1
PGND1
VDD2
VDD2
PGND2
PGND2
Note: Analog and Digital/Power Grounds must
be connected locally at the TA2024B
C
S
0.1uF
C
S
0.1uF
To Pin 1
4
5
V5D
8
AGND1
AGND2
V5A
22
C
S
0.1uF
DGND
VDD1
PGND2
35
PGND1
180uF, 16V
VDD2
VDD
+
+
+
Processing
&
Modulation
Processing
&
Modulation
*C
o
0.47uF
L
o
10uH, 2A
9
(Pin 8)
Analog Ground
Digital/Power Ground
(Pin 35)
(Pin 35)
(Pin 20)
(Pin 20)
To Pins 4,9
R
I
20K
(Pin 8)
R
F
20K
R
I
20K
AGND3
17
180uF, 16V
C
SW
C
SW
*C
o
0.47uF
L
o
10uH, 2A
R
L
4
Ω or *8Ω
L
o
10uH, 2A
L
o
10uH, 2A
*C
o
0.47uF
*C
o
0.47uF
C
Z
0.22uF
C
SW
0.1uF
C
SW
0.1uF
C
S
0.1uF
D
O
D
O
D
O
D
O
C
DO
0.01uF
(Pin 35)
(Pin 20)
13
NC
21
23
25
30
32
34
VDD1
VDD2
C
DO
0.01uF


Số phần tương tự - TA2024B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tripath Technology Inc.
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
logo
Powerex Power Semicondu...
TA202412 POWEREX-TA202412 Datasheet
188Kb / 4P
   Phase Control SCR (1200-1400 Amperes Avg 2400-4000 Volts)
TA202414 POWEREX-TA202414 Datasheet
188Kb / 4P
   Phase Control SCR (1200-1400 Amperes Avg 2400-4000 Volts)
TA20241603DH POWEREX-TA20241603DH Datasheet
838Kb / 4P
   Phase Control SCR 1600 Amperes Average 2400 Volts
logo
Tripath Technology Inc.
TA2024C TRIPATH-TA2024C Datasheet
395Kb / 18P
   STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
More results

Mô tả tương tự - TA2024B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tripath Technology Inc.
TA2024C TRIPATH-TA2024C Datasheet
395Kb / 18P
   STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
   Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
TA1101B TRIPATH-TA1101B Datasheet
202Kb / 13P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TAA2008 TRIPATH-TAA2008 Datasheet
354Kb / 18P
   STEREO 9W (8?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TAA2009 TRIPATH-TAA2009 Datasheet
313Kb / 19P
   STEREO 9W (8?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TA2022 TRIPATH-TA2022 Datasheet
420Kb / 31P
   STEREO 90W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com