công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33389ADW bảng dữ liệu(PDF) 4 Page - Motorola, Inc

tên linh kiện MC33389ADW
Giải thích chi tiết về linh kiện  System Basis Chip with Low Speed Fault Tolerant CAN
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33389ADW bảng dữ liệu(HTML) 4 Page - Motorola, Inc

  MC33389ADW Datasheet HTML 1Page - Motorola, Inc MC33389ADW Datasheet HTML 2Page - Motorola, Inc MC33389ADW Datasheet HTML 3Page - Motorola, Inc MC33389ADW Datasheet HTML 4Page - Motorola, Inc MC33389ADW Datasheet HTML 5Page - Motorola, Inc MC33389ADW Datasheet HTML 6Page - Motorola, Inc MC33389ADW Datasheet HTML 7Page - Motorola, Inc MC33389ADW Datasheet HTML 8Page - Motorola, Inc MC33389ADW Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
MC33389
MOTOROLA
4
MC33389
Reset Threshold on V1 (D version)
Vr1
V1-0.4
V1-0.28
V1-0.1
V
5.5V<Vbat<27V
Reset Active V1 Range
V1r
1Vr1
V
Reset Delay Time
td
220
µs
Line Regulation
-15
2
+15
mV
9V<Vbat<16.5,Iload=10mA
Line Regulation
-50
10
+50
mV
5.5V<Vbat<27V,Iload=10mA
Load Regulation
-50
+50
mV
1mA<Iload<100mA
Line Ripple Rejection
30
55
dB
100Hz, 1Vpp on Vbat=12V,
Iload=100mA, guaranteed by
design
Line Transient Response
27
mV
Vbat from 12V to 40V in
1
µs,(10µF, ESR=3Ω)
Load Transient Response
400
mV
Iload from 10µA to 100mA in
1
µs (Cload=10µF esr=3Ω)
(Note 5)
Load Transient Response
16
mV
Iload from 10µA to 100mA in
1
µs (Cload=10µF esr=0.1Ω)
Reverse Current From V1 to VbatandGnd
IRev
1
mA
V1=4.9V, 0<Vbat<4.9 V
NOTE 4: Measured when V1 has dropped 100mV below its nominal value.
NOTE 5: This condition does not produce reset.
V2 PIN
Output Voltage
V2nom
4.7555.25
V
0mA<Iout<200mA
5.5V<Vbat<40V
Drop Voltage
V2drop
0.2
0.5
V
Iout=200mA (Note 6)
Drop Voltage
V2drop
0.05
0.15
V
Iout=20mA (Note 6)
Output Current Limitation
I1max
220
280
350
mA
V2nom-100mV
Threshold on V2 to Report V2 off
Vr2
4.1
4.55
4.75
V
V2 Nominal
Vr2 Delay Time
20
70
µs
V2 Overtemp Pre-warning Threshold
TV2l
130
160
°C
V2 Junction Temperature
V2 Overtemp Switch-off Threshold
TV2h
155
185
°C
V2 Junction Temperature
Line Regulation
-15
+15
mV
9V<Vbat<16.5
Load Regulation
-75
+75
mV
4mA<Iload<200mA
Line Ripple Rejection
30
55
dB
100Hz, 1Vpp on Vbat, guar-
anteed by design
Percentage Difference V2-V1
-3
3
%
Vbat>9V, IV1=20mA,
IV2=40mA
NOTE 6: Measured when V2 has dropped 100mV below its nominal value.
V3 PIN
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MC33389ADW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC33389CDH FREESCALE-MC33389CDH Datasheet
1Mb / 49P
   System Basis Chip with Low Speed Fault Tolerant CAN
MC33389CDHR2 FREESCALE-MC33389CDHR2 Datasheet
1Mb / 49P
   System Basis Chip with Low Speed Fault Tolerant CAN
MC33389CDW FREESCALE-MC33389CDW Datasheet
1Mb / 49P
   System Basis Chip with Low Speed Fault Tolerant CAN
MC33389CDWR2 FREESCALE-MC33389CDWR2 Datasheet
1Mb / 49P
   System Basis Chip with Low Speed Fault Tolerant CAN
MC33389CVW FREESCALE-MC33389CVW Datasheet
1Mb / 49P
   System Basis Chip with Low Speed Fault Tolerant CAN
More results

Mô tả tương tự - MC33389ADW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
33389 FREESCALE-33389 Datasheet
1Mb / 49P
   System Basis Chip with Low Speed Fault Tolerant CAN
33889 FREESCALE-33889 Datasheet
2Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
MC33889 FREESCALE-MC33889 Datasheet
1Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
logo
Motorola, Inc
PC33889 MOTOROLA-PC33889 Datasheet
464Kb / 30P
   System Basis Chip Lite with Low Speed Fault Tolerant CAN Interface
logo
NXP Semiconductors
UJA1061 NXP-UJA1061 Datasheet
340Kb / 74P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 05-22 November 2007
UJA1061 NXP-UJA1061_10 Datasheet
529Kb / 77P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 06-9 March 2010
UJA1061 PHILIPS-UJA1061 Datasheet
323Kb / 81P
   Low speed CAN/LIN system basis chip
2004 Mar 22
logo
STMicroelectronics
L4969URTR-E STMICROELECTRONICS-L4969URTR-E Datasheet
492Kb / 46P
   System voltage regulator with fault tolerant low speed CAN transceiver
L4969 STMICROELECTRONICS-L4969 Datasheet
337Kb / 35P
   SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
269Kb / 23P
   System Basis Chip With High Speed CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com