công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33389 bảng dữ liệu(PDF) 11 Page - Motorola, Inc

tên linh kiện MC33389
Giải thích chi tiết về linh kiện  System Basis Chip with Low Speed Fault Tolerant CAN
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33389 bảng dữ liệu(HTML) 11 Page - Motorola, Inc

Back Button MC33389 Datasheet HTML 7Page - Motorola, Inc MC33389 Datasheet HTML 8Page - Motorola, Inc MC33389 Datasheet HTML 9Page - Motorola, Inc MC33389 Datasheet HTML 10Page - Motorola, Inc MC33389 Datasheet HTML 11Page - Motorola, Inc MC33389 Datasheet HTML 12Page - Motorola, Inc MC33389 Datasheet HTML 13Page - Motorola, Inc MC33389 Datasheet HTML 14Page - Motorola, Inc MC33389 Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
MC33389
MOTOROLA
11
MC33389
DEVICE DESCRIPTION
Introduction
The System Basis Chip is an integrated circuit dedicated
to car body applications. It includes three main blocks :
- A dual voltage regulator
- Reset, watchdog, wake up inputs, cyclic wake up
- CAN low speed fault tolerant physical interface
Supplies
Two low drop regulators and one switch to Vbat are
provided to supply the ECU microcontroller or peripherals,
with independent control and monitoring through SPI.
Voltage Regulator V1
V1 is a 5V, 3% low drop voltage regulator dedicated to the
microcontroller supply. It can deliver up to 100mA and is
totally protected against short to ground (current limitation)
and overtemperature. V1 is active in Normal request, Normal
and standby modes.
No forward parasitic diode exists from V1 to Vbat. This
means that, if Vbat voltage drops below V1, no high current
flowing from V1 to Vbat will discharge the capacitor connected
to V1. Its stored energy will only be used to supply the
microcontroller and gives time to save all relevant data.
Undervoltage Reset
V1 is monitored for undervoltage (power up, power down)
and a reset is provided at RSTB output for 1ms. This ensures
proper initialization of the microcontroller at power-on or after
supply is lost. On top of that, a flag is set in RSR register
readable via the SPI.
Overtemperature Protection
V1
internal
ballast
transistor
is
monitored
for
overtemperature. Two detection thresholds are provided. A
pre-warning threshold at 145°C and a shut-off threshold at
175°C. Once the first threshold is reached, a flag is set in the
OTSR register. A maskable interrupt can be sent to the
microcontroller. Once the second threshold is reached, a flag
is set in the OTSR register, a maskable interrupt is sent to the
microcontroller and V1 is switched off.
Once the junction temperature is back to the pre-warning
threshold, V1 regulator it will be automatically switched on.
Table 4. V1 Control
Note: current capability of V1, V2 and V3 depends upon
the thermal management. Over temperature shutdown might
be reached and lead to turn off of V1, V2 and V3 for output
current below their max current capability.
Voltage Regulator V2
V2 is a 5V low drop voltage regulator dedicated to
peripherals supply. It can deliver up to 200mA and is protected
Conditions For V1 On
Conditions For V1 Off
NormalRequest mode
(at V1 power on)
Sleep mode (via SPI)
Normal mode (via SPI)
Shut-off temperature
threshold reached
Standby mode
(via SPI)
No Vbat power supply
(cold start)
V1 below pre-warning
temperature threshold
Emergency mode
During Reset
against short to ground (current limitation) and overtemperature.
V2 is active in Normal mode.
Undervoltage Detection
V2 is monitored for undervoltage and a flag is set in the
VSSR register.
Overtemperature Protection
V2
internal
ballast
transistor
is
monitored
for
overtemperature. Two detection thresholds are provided. A
pre-warning threshold at 140°C and a shut-off threshold at
165°C. Once the first threshold is reached, a flag is set in the
OTSR register which is readable. A maskable interrupt can be
sent to microcontroller.
Once the second threshold is reached, a flag is set in the
OTSR register, V2 is switched off. It can only be switched on
again via the SPI.
Table 5. V2 Control
Switch V3
V3 is a 10
Ω switch to Vbat, it can be used to supply
external contacts or relays. A great flexibility is given for the
different possible ways for its control. It is protected against
short to ground (current limitation).
Overtemperature Protection
V3 output transistor is monitored for overtemperature.
Once the threshold is reached, a flag is set in the VSSR
register, V3 is switched off. It will be automatically switched on
once the junction temperature is back to the pre-warning
threshold.
Table 6. V3 Control
Supply and Vbat Block
Vbat Monitoring
Vbat is the main power supply coming from the Battery
voltage after an external protection diode (for reverse battery).
Conditions For V2 On
Conditions For V2 Off
Normal mode (via SPI) AND
V2 below shut off
temperature threshold
Sleep mode, or standby
mode or NormalRequest or
emergency mode (via SPI)
Shut-off temp.
threshold reached
V1 disabled
(for any reason)
Conditions For V3 On
Conditions For V3 Off
Permanently in Normal
mode if configured via SPI
Permanently in Normal
mode if configured
Permanently in Standby
mode if configured via SPI
NormalRequest mode
In sleep mode, during
enable time of cyclic
sense if configured
Permanently in Standby
mode if configured
Permanently in sleep
mode if configured
In sleep mode, during
disable time of cyclic
sense if configured
Overtemp threshold reached
V1 disabled (for any reason)
V2 over temperature shutdown
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MC33389

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC33389CDH FREESCALE-MC33389CDH Datasheet
1Mb / 49P
   System Basis Chip with Low Speed Fault Tolerant CAN
MC33389CDHR2 FREESCALE-MC33389CDHR2 Datasheet
1Mb / 49P
   System Basis Chip with Low Speed Fault Tolerant CAN
MC33389CDW FREESCALE-MC33389CDW Datasheet
1Mb / 49P
   System Basis Chip with Low Speed Fault Tolerant CAN
MC33389CDWR2 FREESCALE-MC33389CDWR2 Datasheet
1Mb / 49P
   System Basis Chip with Low Speed Fault Tolerant CAN
MC33389CVW FREESCALE-MC33389CVW Datasheet
1Mb / 49P
   System Basis Chip with Low Speed Fault Tolerant CAN
More results

Mô tả tương tự - MC33389

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
33389 FREESCALE-33389 Datasheet
1Mb / 49P
   System Basis Chip with Low Speed Fault Tolerant CAN
33889 FREESCALE-33889 Datasheet
2Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
MC33889 FREESCALE-MC33889 Datasheet
1Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
logo
Motorola, Inc
PC33889 MOTOROLA-PC33889 Datasheet
464Kb / 30P
   System Basis Chip Lite with Low Speed Fault Tolerant CAN Interface
logo
NXP Semiconductors
UJA1061 NXP-UJA1061 Datasheet
340Kb / 74P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 05-22 November 2007
UJA1061 NXP-UJA1061_10 Datasheet
529Kb / 77P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 06-9 March 2010
UJA1061 PHILIPS-UJA1061 Datasheet
323Kb / 81P
   Low speed CAN/LIN system basis chip
2004 Mar 22
logo
STMicroelectronics
L4969URTR-E STMICROELECTRONICS-L4969URTR-E Datasheet
492Kb / 46P
   System voltage regulator with fault tolerant low speed CAN transceiver
L4969 STMICROELECTRONICS-L4969 Datasheet
337Kb / 35P
   SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
269Kb / 23P
   System Basis Chip With High Speed CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com