công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDAT161G2-BA23 bảng dữ liệu(PDF) 1 Page - Agere Systems

tên linh kiện TDAT161G2-BA23
Giải thích chi tiết về linh kiện  MARS짰2G5 P-Pro (TDAT162G52) SONET/SDH 155/622/2488 Mbits/s Data Interface
Download  810 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AGERE [Agere Systems]
Trang chủ  
Logo AGERE - Agere Systems

TDAT161G2-BA23 bảng dữ liệu(HTML) 1 Page - Agere Systems

  TDAT161G2-BA23 Datasheet HTML 1Page - Agere Systems TDAT161G2-BA23 Datasheet HTML 2Page - Agere Systems TDAT161G2-BA23 Datasheet HTML 3Page - Agere Systems TDAT161G2-BA23 Datasheet HTML 4Page - Agere Systems TDAT161G2-BA23 Datasheet HTML 5Page - Agere Systems TDAT161G2-BA23 Datasheet HTML 6Page - Agere Systems TDAT161G2-BA23 Datasheet HTML 7Page - Agere Systems TDAT161G2-BA23 Datasheet HTML 8Page - Agere Systems TDAT161G2-BA23 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 810 page
background image
Data Sheet
August 18, 2004
MARS®2G5 P-Pro (TDAT162G52) SONET/SDH
155/622/2488 Mbits/s Data Interface
Features
One of the next-generation, system-on-a-chip
devices of Agere Systems’ multiservice access &
rate solutions MARSTM family of framers.
Transmission convergence and SONET/SDH ter-
minal functionality for linear networks.
Versatile IC supports 155/622/2488 Mbits/s
SONET/SDH interface solutions for packet over
SONET (POS), packet over fiber (POF), or asyn-
chronous transfer mode (ATM) applications.
Low-power 1.6 V/3.3 V operation.
SONET/SDH Interface
Termination of quad STS-3/STM-1,
quad STS-12/STM-4, or single STS-48/STM-16.
Supports overhead processing for transport and
path overhead bytes.
Optional insertion and extraction of overhead bytes
via serial overhead interface.
STS pointer processing to align the receive frame
to the system frame.
Support for 1 + 1 and 1:1 linear networks.
Full path termination and SPE extraction/insertion.
SONET/SDH compliant condition and alarm
reporting.
Handles all concatenation levels of STS-3c to
STS-48c (in multiples of 3: e.g., 3c, 6c, 9c, etc.).
Built-in diagnostic loopback modes.
Compliant with the following Telcordia Technolo-
gies®, ANSI®, and ITU standards:
— GR-253 CORE: SONET Transport Systems:
Common Generic Criteria.
— ITU-T G.707: Network Node Interface for the
Synchronous Digital Hierarchy.
— ITU-T G.803: Architecture of Transport Net-
works Based on the Synchronous Digital Hierar-
chy.
— T1.105: SONET-Basic Description including
Multiplex Structure, Rates, and Formats.
— T1.105.02 SONET-Payload Mappings.
— T1.105.03 SONET-Jitter at Network Interfaces.
— T1.105.06 SONET Physical Layer Specifica-
tions.
— T1.105.07 SONET-Sub-STS-1 Interface Rates
and Formats Specification.
— ITU-T I.432: B-ISDN User-Network Interface-
Physical Layer Specification.
— IETF RFC 2615: PPP over SONET/SDH.
— IETF RFC 1661: The Point-to-Point Protocol
(PPP).
— IETF RFC 1662: PPP in HDLC-like Framing.
Data Processing
Provisionable data engine supports payload inser-
tion/extraction for PPP, ATM, or HDLC streams.
Extraction and insertion of DS3 frames containing
HDLC or ATM data streams for up to 16 channels.
Integrated UTOPIA Level 2 and Level 3 compatible
physical layer interface for packets or ATM cells.
Provides/supports internal E3 mapping.
Supports DS3/PLCP and clear channel DS3 map-
ping.
Insertion and extraction of up to 16 separate data
channels.
Direct cell/packet over fiber interface device.
Compliant with ATM forum, ITU standards, and
IETF standards.
Supports generic framing procedure (GFP) proto-
col.
Interfaces
Enhanced UTOPIA interface for cell and packet
transfer.
IEEE® 1149.1 port with BIST, scan, and boundry
scan.
Microprocessor Interface
Up to 66 MHz synchronous.
16-bit address and 16-bit data interface.
Synchronous or asynchronous modes available.
Configurable to operate with most commercial
microprocessors.


Số phần tương tự - TDAT161G2-BA23

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agere Systems
TDAT042G51A-3BLL1 AGERE-TDAT042G51A-3BLL1 Datasheet
4Mb / 310P
   TDAT SONET/SDH 155/622/2488 Mbits/s Data Interfaces
TDAT04622 AGERE-TDAT04622 Datasheet
4Mb / 310P
   TDAT SONET/SDH 155/622/2488 Mbits/s Data Interfaces
More results

Mô tả tương tự - TDAT161G2-BA23

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agere Systems
TDAT04622 AGERE-TDAT04622 Datasheet
4Mb / 310P
   TDAT SONET/SDH 155/622/2488 Mbits/s Data Interfaces
TMXF84622 AGERE-TMXF84622 Datasheet
902Kb / 62P
   TMXF84622 155 Mbits/s/622 Mbits/s Interface SONET/SDH x84/x63 Ultramapper
logo
PMC-Sierra, Inc
PM5319 PMC-PM5319 Datasheet
46Kb / 2P
   SONET/SDH Interface for 622 & 155 Mbit/s
logo
TriQuint Semiconductor
TQ8101C TRIQUINT-TQ8101C Datasheet
227Kb / 14P
   622/155 Mb/s SONET/SDH MDFP
logo
PMC-Sierra, Inc
PM5315 PMC-PM5315 Datasheet
57Kb / 2P
   SONET/SDH Payload Extractor/Aligner for 2488 Mbit/s
logo
Agere Systems
TMXF28155 AGERE-TMXF28155 Datasheet
9Mb / 606P
   TMXF28155 Super Mapper 155/51 Mbits/s SONET/SDH x28/x21 DS1/E1
logo
Applied Micro Circuits ...
S3029 AMCC-S3029 Datasheet
88Kb / 11P
   SONET/SDH/ATM 155 MBIT/S QUAD TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC8111 VITESSE-VSC8111 Datasheet
139Kb / 26P
   ATM/SONET/SDH 155/622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation
logo
PMC-Sierra, Inc
PM5313 PMC-PM5313 Datasheet
3Mb / 646P
   SONET/SDH PAYLOAD EXTRACTOR/ALIGNER FOR 622 MBIT/S
logo
Intel Corporation
LXT6155 INTEL-LXT6155 Datasheet
314Kb / 50P
   155 Mbps SDH/SONET/ATM Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com