công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AIC1781A bảng dữ liệu(PDF) 1 Page - Analog Intergrations Corporation

tên linh kiện AIC1781A
Giải thích chi tiết về linh kiện  Battery Charge Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AIC [Analog Intergrations Corporation]
Trang chủ  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1781A bảng dữ liệu(HTML) 1 Page - Analog Intergrations Corporation

  AIC1781A Datasheet HTML 1Page - Analog Intergrations Corporation AIC1781A Datasheet HTML 2Page - Analog Intergrations Corporation AIC1781A Datasheet HTML 3Page - Analog Intergrations Corporation AIC1781A Datasheet HTML 4Page - Analog Intergrations Corporation AIC1781A Datasheet HTML 5Page - Analog Intergrations Corporation AIC1781A Datasheet HTML 6Page - Analog Intergrations Corporation AIC1781A Datasheet HTML 7Page - Analog Intergrations Corporation AIC1781A Datasheet HTML 8Page - Analog Intergrations Corporation AIC1781A Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
AIC1781A
Battery Charge Controller
Analog Integrations Corporation
4F, 9 Industry E. 9th Rd, Science-Based Industrial Park, Hsinchu, Taiwan
DS-1781AP-01
011604
TEL: 886-3-5772500
FAX: 886-3-5772510
www.analog.com.tw
1
n FEATURES
l
Fast Charge Control of NiMH/NiCd Batteries,
even with a Fluctuating Charging Current.
l
Fast Charge Termination by: ∆
T / t , −∆V ,
0 V
∆ , Safety Timer, Maximum Temperature,
Maximum Voltage.
l
Linearly Adjustable ∆
T / t Detection Slope and
Safety Timer.
l
Adjustable Peak Voltage Timer for 0 V
∆ .
l
Battery Voltage Protection Range Selectable.
l
Selectable
Battery
Temperature
Protection
Mode.
l
Protection against Battery Voltage and Battery
Temperature Faults.
l
Selectable LED Display Mode for Battery Status.
l
Five Pulsed Trickle Charge Modes.
l
Discharge-before-Charge Function Available for
Eliminating Memory Effect.
l
Quick and Easy Testing for Production.
l
16-pin DIP or SO Packages.
n APPLICATIONS
Battery Fast Chargers for:
l
Mobile Phones.
l
Notebook and Laptop Personal Computers.
l
Portable Power Tools and Toys.
l
Portable Communication Equipments.
l
Portable Video & Stereo Equipments.
0
10
20
30
40
50
60
1.15
1.25
1.35
1.45
1.55
100
80
60
40
20
Temperature
Cell Voltage
Charge Time
(min.)
Charge Current = 600 mA
Cell Capacity = 550 mA
NiMH Battery
Fig. 1
Battery Charging Characteristics Resulting from
an
AIC1781A-Controlled
Charger
with
a
Fluctuating Charging Current
n DESCRIPTION
The
AIC1781A fast
charge
controller
IC
is
designed for intelligent charging of NiMH or NiCd
batteries without the risk of overcharge. −∆V
Detection
(-0.25%),
0 V
detection (peak
voltage timer)
and ∆
T / t detection are the
primary methods employed by the AIC1781A to
terminate fast charge. The fast charge can also be
cut off by maximum battery voltage and maximum
battery temperature detection along with the
safety timer to prevent charging under fault
conditions of the charging system or the battery
itself.
Both ∆
T / t and −∆V detection methods have
been proved powerful in terminating fast charging
for NiMH and NiCd batteries. The AIC1781A
utilizes the combination of these two methods to
achieve reliable decision of ending fast charge and
prevent misacting caused by using −∆V detection
alone under certain conditions. Fig. 1 shows an
example of charging curve of a battery charged by
a fluctuating current from a NiMH battery charger,
which uses the AIC1781A controller IC to achieve
optimal charging. This technique, in cooperating
with the 0 V
detection (peak voltage timer), is
particularly suitable for NiMH batteries, whose
voltage drop is hardly significant yet temperature
rises rapidly. The
T / t
or
−∆V detection
circuitry
may
be
disabled
independently
for
different applications, such as system-integrated
chargers, chargers with varying charge current, or
battery
packs
lack
of
temperature
sensing
thermistor.
The
safety
timer
period,
mode
of
battery
temperature protection, battery voltage protection
range, pulsed trickle charge duty, and LED display
mode
are
all
adjustable
or
selectable.


Số phần tương tự - AIC1781A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Intergrations Co...
AIC1781 AIC-AIC1781 Datasheet
423Kb / 17P
   Battery Charge Controller
AIC1781CN AIC-AIC1781CN Datasheet
423Kb / 17P
   Battery Charge Controller
AIC1781CS AIC-AIC1781CS Datasheet
423Kb / 17P
   Battery Charge Controller
More results

Mô tả tương tự - AIC1781A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Semtech Corporation
SC1766 SEMTECH-SC1766 Datasheet
259Kb / 11P
   BATTERY CHARGE CONTROLLER
logo
Silicon Standard Corp.
SS6781B SSC-SS6781B Datasheet
584Kb / 20P
   Battery Charge Controller
logo
Analog Devices
AIC1761 AD-AIC1761 Datasheet
245Kb / 15P
   BATTERY CHARGE CONTROLLER
logo
Analog Intergrations Co...
AIC1784 AIC-AIC1784 Datasheet
547Kb / 16P
   Battery Charge Controller
logo
List of Unclassifed Man...
8602GN ETC2-8602GN Datasheet
105Kb / 2P
   Battery Charge Controller
logo
Analog Intergrations Co...
AIC1781 AIC-AIC1781 Datasheet
423Kb / 17P
   Battery Charge Controller
AIC1783 AIC-AIC1783 Datasheet
159Kb / 11P
   Battery Charge Controller
AIC1782 AIC-AIC1782 Datasheet
361Kb / 17P
   Dual-Battery Charge Controller
logo
Dallas Semiconductor
DS2770 DALLAS-DS2770 Datasheet
272Kb / 27P
   Battery Monitor and Charge Controller
logo
National Semiconductor ...
LM3420-42 NSC-LM3420-42 Datasheet
393Kb / 17P
   Lithium-Ion Battery Charge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com