công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AIC1781A bảng dữ liệu(PDF) 3 Page - Analog Intergrations Corporation

tên linh kiện AIC1781A
Giải thích chi tiết về linh kiện  Battery Charge Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AIC [Analog Intergrations Corporation]
Trang chủ  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1781A bảng dữ liệu(HTML) 3 Page - Analog Intergrations Corporation

  AIC1781A Datasheet HTML 1Page - Analog Intergrations Corporation AIC1781A Datasheet HTML 2Page - Analog Intergrations Corporation AIC1781A Datasheet HTML 3Page - Analog Intergrations Corporation AIC1781A Datasheet HTML 4Page - Analog Intergrations Corporation AIC1781A Datasheet HTML 5Page - Analog Intergrations Corporation AIC1781A Datasheet HTML 6Page - Analog Intergrations Corporation AIC1781A Datasheet HTML 7Page - Analog Intergrations Corporation AIC1781A Datasheet HTML 8Page - Analog Intergrations Corporation AIC1781A Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AIC1781A
3
n ORDERING INFORMATION
16
14
15
10
12
11
13
TOP VIEW
PIN CONFIGURATION
9
1
3
2
5
7
6
4
8
PEAK
VBT
DIS
VTS
VCC
ADJ
SEL3
SEL1
SEL2
MODE
LED1
GND
TMR
DSW
ICON
LED2
PACKING TYPE
TR: TAPE & REEL
TB: TUBE
PACKAGE TYPE
N: PLASTIC DIP
S: SMALL OUTLINE
C: COMMERCIAL
P: LEAD FREE COMMERCIAL
(Available for PS only)
Example: AIC1781CSTR
à in SO-16 Package & Tape & Reel Packing Type
(CN is not available in TR packing type)
AIC1781PSTR
à in SO-16 Lead Free Package & Tape & Reel
Packing Type
AIC1781AXXXX
n ABSOLUTE MAXIMUM RATINGS
Supply Voltage
............................................………… ........................................ 5.5V
DC Voltage Applied on any pin
......................…………… ...................................... 5.5V
Sink current of ICON pin, LED1 and LED2 pin
.......................……… .................. 20mA
Operating Temperature Range .....................................…………… .............. 0
°C~ 70°C
Storage Temperature Range .............................................………… ......
-65
°C~ 150°C
n TEST CIRCUIT
PEAK
DSW
VBT
ICON
DIS
LED2
VTS
LED1
VCC
GND
ADJ
SEL1
SEL3
SEL2
TMR
MODE
V2 (3V)
V1 (0.95V)
VCC
VCC (5V)
VCC
GREEN
ORANGE
RED
560
AIC1781A
R2
-
+
-
+
YELLOW
VOLTAGE
SOURCE
VOLTAGE SOURCE
VCC
VCC
VCC
VCC
100K
R1
560
560
R3
R4
560
R5


Số phần tương tự - AIC1781A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Intergrations Co...
AIC1781 AIC-AIC1781 Datasheet
423Kb / 17P
   Battery Charge Controller
AIC1781CN AIC-AIC1781CN Datasheet
423Kb / 17P
   Battery Charge Controller
AIC1781CS AIC-AIC1781CS Datasheet
423Kb / 17P
   Battery Charge Controller
More results

Mô tả tương tự - AIC1781A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Semtech Corporation
SC1766 SEMTECH-SC1766 Datasheet
259Kb / 11P
   BATTERY CHARGE CONTROLLER
logo
Silicon Standard Corp.
SS6781B SSC-SS6781B Datasheet
584Kb / 20P
   Battery Charge Controller
logo
Analog Devices
AIC1761 AD-AIC1761 Datasheet
245Kb / 15P
   BATTERY CHARGE CONTROLLER
logo
Analog Intergrations Co...
AIC1784 AIC-AIC1784 Datasheet
547Kb / 16P
   Battery Charge Controller
logo
List of Unclassifed Man...
8602GN ETC2-8602GN Datasheet
105Kb / 2P
   Battery Charge Controller
logo
Analog Intergrations Co...
AIC1781 AIC-AIC1781 Datasheet
423Kb / 17P
   Battery Charge Controller
AIC1783 AIC-AIC1783 Datasheet
159Kb / 11P
   Battery Charge Controller
AIC1782 AIC-AIC1782 Datasheet
361Kb / 17P
   Dual-Battery Charge Controller
logo
Dallas Semiconductor
DS2770 DALLAS-DS2770 Datasheet
272Kb / 27P
   Battery Monitor and Charge Controller
logo
National Semiconductor ...
LM3420-42 NSC-LM3420-42 Datasheet
393Kb / 17P
   Lithium-Ion Battery Charge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com