công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD5290 bảng dữ liệu(PDF) 10 Page - Analog Devices

tên linh kiện AD5290
Giải thích chi tiết về linh kiện  Compact 30V/짹15V 256-Position Digital Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD5290 bảng dữ liệu(HTML) 10 Page - Analog Devices

Back Button AD5290 Datasheet HTML 3Page - Analog Devices AD5290 Datasheet HTML 4Page - Analog Devices AD5290 Datasheet HTML 5Page - Analog Devices AD5290 Datasheet HTML 6Page - Analog Devices AD5290 Datasheet HTML 7Page - Analog Devices AD5290 Datasheet HTML 8Page - Analog Devices AD5290 Datasheet HTML 9Page - Analog Devices AD5290 Datasheet HTML 10Page - Analog Devices AD5290 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Preliminary Technical Data
AD5290
Rev. Pr C | Page 10 of 11
VA/B/W. The relative order of powering VA, VB, VW, and the
digital inputs is not important as long as they are powered after
VDD and VSS with respect to GND.
LAYOUT AND POWER SUPPLY BYPASSING
It is a good practice to employ compact, minimum lead length
layout design. The leads to the inputs should be as direct as
possible with a minimum conductor length. Ground paths
should have low resistance and low inductance.
Similarly, it is also a good practice to bypass the power supplies
with quality capacitors for optimum stability. Supply leads to
the device should be bypassed with disc or chip ceramic
capacitors of 0.01 µF to 0.1 µF. Low ESR 1 µF to 10 µF tantalum
or electrolytic capacitors should also be applied at the supplies
to minimize any transient disturbance and low frequency ripple
(see Figure 4). Note that the digital ground should also be
joined remotely to the analog ground at one point to minimize
the ground bounce.
Figure 4. Power Supply Bypassing
DAISY CHAIN OPERATION
The serial data output pin (SDO) can be used to daisy chain
multiple devices for simultaneous operations, see Figure 12. The
SDO pin contains an open drain N-Ch FET and requires a pull-
up resistor. Users need to tie the SDO pin of one package to the
SDI pin of the next package. If many devices are daisy-chained,
users may need to increase the clock period to accommodate
the time delay introduced by the pull-up resistors and the
capacitive loading at the SDO-SDI interface, see Figure 12.
If two AD5290 are daisy chained, this requires total 16 bits of
data. The first 8 bits goes to U2 and the second 8 bits goes to
U1. The CS should be kept low until all 16 bits are clocked into
their respective serial registers. The CS is then pulled high to
complete the operation.
Figure 12. Daisy Chain Configuration
AD5290
SDI
SDO
CS
CL K
AD5290
SDI
SDO
CS
CL K
2.2K
Rp
VDD
U1
U2
S CLK
MO SI
S S
m
uC
AD5290


Số phần tương tự - AD5290

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5290YRMZ10 AD-AD5290YRMZ10 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD5290YRMZ10-R7 AD-AD5290YRMZ10-R7 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD5290YRMZ100 AD-AD5290YRMZ100 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD5290YRMZ100-R7 AD-AD5290YRMZ100-R7 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD5290YRMZ50 AD-AD5290YRMZ50 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
More results

Mô tả tương tự - AD5290

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD5290 AD-AD5290_15 Datasheet
500Kb / 20P
   Compact 30 V / 15 V 256-Position Digital Potentiometer
REV. C
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5245 AD-AD5245_15 Datasheet
687Kb / 20P
   256-Position IC-Compatible Digital Potentiometer
REV. B
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
   Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5290YRMZ10-R7 AD-AD5290YRMZ10-R7 Datasheet
500Kb / 20P
   Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
REV. C
AD5207 AD-AD5207 Datasheet
664Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
   256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5160 AD-AD5160_15 Datasheet
480Kb / 16P
   256-Position SPI-Compatible Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com