công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC128S102CIMT bảng dữ liệu(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
tên linh kiện ADC128S102CIMT
Giải thích chi tiết về linh kiện  8-Channel, 500 kSPS to 1 MSPS, 12-Bit A/D Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC128S102CIMT bảng dữ liệu(HTML) 3 Page - National Semiconductor (TI)

  ADC128S102CIMT Datasheet HTML 1Page - National Semiconductor (TI) ADC128S102CIMT Datasheet HTML 2Page - National Semiconductor (TI) ADC128S102CIMT Datasheet HTML 3Page - National Semiconductor (TI) ADC128S102CIMT Datasheet HTML 4Page - National Semiconductor (TI) ADC128S102CIMT Datasheet HTML 5Page - National Semiconductor (TI) ADC128S102CIMT Datasheet HTML 6Page - National Semiconductor (TI) ADC128S102CIMT Datasheet HTML 7Page - National Semiconductor (TI) ADC128S102CIMT Datasheet HTML 8Page - National Semiconductor (TI) ADC128S102CIMT Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Analog Supply Voltage V
A
−0.3V to 6.5V
Digital Supply Voltage V
D
−0.3V to V
A + 0.3V,
max 6.5V
Voltage on Any Pin to GND
−0.3V to V
A +0.3V
Input Current at Any Pin (Note 3)
±10 mA
Package Input Current(Note 3)
±20 mA
Power Dissipation at T
A = 25˚C
See (Note 4)
ESD Susceptibility (Note 5)
Human Body Model
Machine Model
2500V
250V
Soldering Temperature, Infrared,
10 seconds (Note 6)
260˚C
Junction Temperature
+150˚C
Storage Temperature
−65˚C to +150˚C
Operating Ratings (Notes 1, 2)
Operating Temperature
−40˚C
≤ T
A
+105˚C
V
A Supply Voltage
+2.7V to +5.25V
V
D Supply Voltage
+2.7V to V
A
Digital Input Voltage
0V to V
A
Analog Input Voltage
0V to V
A
Clock Frequency
8 MHz to 16 MHz
Package Thermal Resistance
Package
θ
JA
16-lead TSSOP on
4-layer, 2 oz. PCB
96˚C / W
Soldering process must comply with National Semiconduc-
tor’s Reflow Temperature Profile specifications. Refer to
www.national.com/packaging. (Note 6)
ADC128S102 Converter Electrical Characteristics (Note 8)
The following specifications apply for AGND = DGND = 0V, f
SCLK = 8 MHz to 16 MHz, fSAMPLE = 500 kSPS to 1 MSPS, CL =
50pF, unless otherwise noted. Boldface limits apply for T
A =TMIN to TMAX: all other limits TA = 25˚C.
Symbol
Parameter
Conditions
Typical
Limits
(Note 7)
Units
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
12
Bits
INL
Integral Non-Linearity (End Point
Method)
V
A =VD = +3.0V
±0.4
±1
LSB (max)
V
A =VD = +5.0V
±0.5
±1.2
LSB (max)
DNL
Differential Non-Linearity
V
A =VD = +3.0V
+0.4
+0.9
LSB (max)
−0.2
−0.7
LSB (min)
V
A =VD = +5.0V
+0.7
+1.5
LSB (max)
−0.4
−0.9
LSB (min)
V
OFF
Offset Error
V
A =VD = +3.0V
+0.8
±2.3
LSB (max)
V
A =VD = +5.0V
+1.1
±2.3
LSB (max)
OEM
Offset Error Match
V
A =VD = +3.0V
±0.1
±1.5
LSB (max)
V
A =VD = +5.0V
±0.3
±1.5
LSB (max)
FSE
Full Scale Error
V
A =VD = +3.0V
+0.8
±2.0
LSB (max)
V
A =VD = +5.0V
+0.3
±2.0
LSB (max)
FSEM
Full Scale Error Match
V
A =VD = +3.0V
±0.1
±1.5
LSB (max)
V
A =VD = +5.0V
±0.3
±1.5
LSB (max)
DYNAMIC CONVERTER CHARACTERISTICS
FPBW
Full Power Bandwidth (−3dB)
V
A =VD = +3.0V
8
MHz
V
A =VD = +5.0V
11
MHz
SINAD
Signal-to-Noise Plus Distortion Ratio
V
A =VD = +3.0V,
f
IN = 40.2 kHz, −0.02 dBFS
73
70
dB (min)
V
A =VD = +5.0V,
f
IN = 40.2 kHz, −0.02 dBFS
73
70
dB (min)
SNR
Signal-to-Noise Ratio
V
A =VD = +3.0V,
f
IN = 40.2 kHz, −0.02 dBFS
73
70.8
dB (min)
V
A =VD = +5.0V,
f
IN = 40.2 kHz, −0.02 dBFS
73
70.8
dB (min)
www.national.com
3


Số phần tương tự - ADC128S102CIMT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC128S102CIMT TI1-ADC128S102CIMT Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit A/D Converter
ADC128S102CIMT/NOPB TI1-ADC128S102CIMT/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit A/D Converter
ADC128S102CIMTX/NOPB TI1-ADC128S102CIMTX/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit A/D Converter
More results

Mô tả tương tự - ADC128S102CIMT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC128S102 TI1-ADC128S102_14 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC088S102 NSC-ADC088S102 Datasheet
830Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC122S101 TI1-ADC122S101_14 Datasheet
1Mb / 25P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps 12-Bit A/D Converter
ADC122S101 TI1-ADC122S101_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps 12-Bit A/D Converter
logo
National Semiconductor ...
ADC108S102 NSC-ADC108S102 Datasheet
877Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC082S101 TI1-ADC082S101_14 Datasheet
1Mb / 25P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps, 8-Bit A/D Converter
ADC108S102 TI1-ADC108S102_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
ADC088S102 TI1-ADC088S102_14 Datasheet
1Mb / 25P
[Old version datasheet]   ADC088S102 8-Channel, 500 kSPS to 1 MSPS, 8-Bit A/D Converter
ADC128S102QML-SP TI1-ADC128S102QML-SP Datasheet
773Kb / 31P
[Old version datasheet]   8-Channel, 50 kSPS to 1 MSPS, 12-Bit A/D Converter
ADC124S101CIMMX TI-ADC124S101CIMMX Datasheet
1Mb / 27P
[Old version datasheet]   ADC124S101 4 Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com