công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CBZX55CXXLC bảng dữ liệu(PDF) 2 Page - Cystech Electonics Corp.

tên linh kiện CBZX55CXXLC
Giải thích chi tiết về linh kiện  500mW DO-35 Hermetically sealed Glass Zener Voltage Regulators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYSTEKEC [Cystech Electonics Corp.]
Trang chủ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

CBZX55CXXLC bảng dữ liệu(HTML) 2 Page - Cystech Electonics Corp.

  CBZX55CXXLC Datasheet HTML 1Page - Cystech Electonics Corp. CBZX55CXXLC Datasheet HTML 2Page - Cystech Electonics Corp. CBZX55CXXLC Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C326LC
Issued Date : 2003.05.20
Revised Date :
Page No. : 2/3
CBZX55CXXLC series
CYStek Product Specification
Electrical Characteristics (TL=30℃, unless otherwise noted, VF=1.0V Max @IF=100mA for all types.)
Test
Current
Maximum Zener
Impedance(Note 2)
Maximum Reverse
Leakage Current
Device
Nominal
Zener
Voltage
Vz at IzT
(V)(Note1)
IZT(mA)
ZZT at
IZT
(Ω)
ZZK at
IZK=1mA
(Ω)
Typical
Temperature
Coefficient
(%/℃)
IR
(μA)
Test
Voltage
(V)
Maximum
Regulation
Current
IZM(mA)
(Note 3)
CBZX55C2V4
2.28-2.56
5
85
600
-0.070
50
1.0
150
CBZX55C2V7
2.5-2.9
5
85
600
-0.070
10
1.0
135
CBZX55C3V0
2.8-3.2
5
85
600
-0.070
4
1.0
125
CBZX55C3V3
3.1-3.5
5
85
600
-0.065
2
1.0
115
CBZX55C3V6
3.4-3.8
5
85
600
-0.060
2
1.0
105
CBZX55C3V9
3.7-4.1
5
85
600
-0.050
2
1.0
95
CBZX55C4V3
4.0-4.6
5
75
600
-0.025
1
1.0
90
CBZX55C4V7
4.4-5.0
5
60
600
-0.010
0.5
1.0
85
CBZX55C5V1
4.8-5.4
5
35
550
+0.015
0.1
1.0
80
CBZX55C5V6
5.2-6.0
5
25
450
+0.025
0.1
1.0
70
CBZX55C6V2
5.8-6.6
5
10
200
+0.035
0.1
2.0
64
CBZX55C6V8
6.4-7.2
5
8
150
+0.045
0.1
3.0
58
CBZX55C7V5
7.0-7.9
5
7
50
+0.050
0.1
5.0
53
CBZX55C8V2
7.7-8.7
5
7
50
+0.050
0.1
6.0
47
CBZX55C9V1
8.5-9.6
5
10
50
+0.060
0.1
7.0
43
CBZX55C10
9.4-10.6
5
15
70
+0.070
0.1
7.5
40
CBZX55C11
10.4-11.6
5
20
70
+0.070
0.1
8.5
36
CBZX55C12
11.4-12.7
5
20
90
+0.070
0.1
9.0
32
CBZX55C13
12.4-14.1
5
26
110
+0.070
0.1
10
29
CBZX55C15
13.8-15.6
5
30
110
+0.070
0.1
11
27
CBZX55C16
15.3-17.1
5
40
170
+0.070
0.1
12
24
CBZX55C18
16.8-19.1
5
50
170
+0.070
0.1
14
21
CBZX55C20
18.8-21.2
5
55
220
+0.070
0.1
15
20
CBZX55C22
20.8-23.3
5
55
220
+0.070
0.1
17
18
CBZX55C24
22.8-25.6
5
80
220
+0.080
0.1
18
16
CBZX55C27
25.1-28.9
5
80
220
+0.080
0.1
20
14
CBZX55C30
28-32
5
80
220
+0.080
0.1
22
13
CBZX55C33
31-35
5
80
220
+0.080
0.1
24
12
CBZX55C36
34-38
5
80
220
+0.080
0.1
27
11
CBZX55C39
37-41
2.5
90
500
+0.080
0.1
30
10
CBZX55C43
40-46
2.5
90
600
+0.080
0.1
33
9.2
CBZX55C47
44-50
2.5
110
700
+0.080
0.1
36
8.5
Note: 1.The type numbers listed have zener voltage min/max as shown. Device tolerance of ±2% are indicated by a “B”
instead of a “C”. Zener voltage is measured with the device junction in thermal equilibrium at the lead temperature
of 30℃±1℃ and 3/8″ lead length.
2.ZZT and ZZK are measured by dividing the ac voltage drop across the device by the ac current applied. The specified
limits are for IZ(ac) =0.1IZ(dc) with the ac frequency = 1k Hz.
3.This data was calculated using nominal voltages. The maximum current handling capability on a worse case basis is
limited by the actual zener voltage at the operating point and the powered derating curve.


Số phần tương tự - CBZX55CXXLC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Merrimac Industries, In...
CBZ-11B-500 MERRIMAC-CBZ-11B-500 Datasheet
23Kb / 1P
   WIDEBAND DIRECTIONAL COUPLERS
CBZ-20B-500 MERRIMAC-CBZ-20B-500 Datasheet
23Kb / 1P
   WIDEBAND DIRECTIONAL COUPLERS
More results

Mô tả tương tự - CBZX55CXXLC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gaomi Xinghe Electronic...
0.5W6.8V GXELECTRONICS-0.5W6.8V Datasheet
533Kb / 3P
   500mW DO-35 Hermetically sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B YEASHIN-1N5221B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com