công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSAU419 bảng dữ liệu(PDF) 1 Page - Minmax Technology Co., Ltd.

tên linh kiện MSAU419
Giải thích chi tiết về linh kiện  2W, Miniature SMD, Single & Dual Output DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MINMAX [Minmax Technology Co., Ltd.]
Trang chủ  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSAU419 bảng dữ liệu(HTML) 1 Page - Minmax Technology Co., Ltd.

  MSAU419 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSAU419 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSAU419 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSAU419 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSAU419 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MSAU419 Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Dual Output
+Vo
Bipolar
Push-Pull
Inverter
+Vin
-Vin
Com
-Vo
Single Output
+Vo
Bipolar
Push-Pull
Inverter
+Vin
-Vin
-Vo
Block Diagram
Low Profile
Low Cost
$
I/O Isolation
1000
VDC
SMD
Minmax's MSAU400 2W DC/DC's are in "gull-wing" SMT
package, weigh a mere 2.2 grams and meet 245]/10sec in
solder-reflow for lead free process.
The series consists of 13 models with input voltages of 5V,12V
and 24VDC which offers standard output voltages of 5V, 12V, {5V,
{12V and {15VDC for the choice. Their impressive guaranteed
efficiencies enable all models to deliver their fully rated output power
from -40] to +85] without heat sinking or forced-air cooling.
The MSAU400 series are excellent selections for a variety of
applications including data communication equipments, distributed
power systems, telecommunication equipments and industrial robot
systems.
The MSAU400 units are available in tape and reel package.
Internal SMD Construction
UL 94V-0 Package Material
Lead Frame Technology
Temperature Performance -40] to +85]
Output 5, 12, {5, {12 and {15VDC
Input 5, 12 and 24VDC
Low Cost
MTBF > 2,000,000 Hours
1000VDC Isolation
Efficiency up to 82%
Key Features
2W, Miniature SMD, Single & Dual Output DC/DC Converters
MSAU400 Series
REV:0 2005/04
MINMAX
1


Số phần tương tự - MSAU419

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Minmax Technology Co., ...
MSAU419 MINMAX-MSAU419 Datasheet
272Kb / 4P
   DC/DC CONVERTER 2W, SMD Package with Industry Standard Pinout
MSAU419 MINMAX-MSAU419 Datasheet
434Kb / 4P
   DC/DC CONVERTER 2W, SMD-Package
logo
Total Power Internation...
MSAU419 TOTAL-POWER-MSAU419 Datasheet
407Kb / 4P
   SMD Package with Industry Standard Pinout
More results

Mô tả tương tự - MSAU419

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Minmax Technology Co., ...
MSLU400 MINMAX-MSLU400 Datasheet
188Kb / 7P
   2W, Miniature SMD, Single & Dual Output DC/DC Converters
MAU300 MINMAX-MAU300 Datasheet
217Kb / 6P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
List of Unclassifed Man...
D221 ETC1-D221 Datasheet
91Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
MicroPower Direct, LLC
D200 MPD-D200 Datasheet
219Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
MPS Industries, Inc.
ADC300 MPSIND-ADC300 Datasheet
172Kb / 2P
   2W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
LF200D MPD-LF200D Datasheet
234Kb / 2P
   Ultra-Miniature, 2W Dual Output SMT DC/DC Converters
ML200SE MPD-ML200SE Datasheet
578Kb / 2P
   2W, Single Output Ultra-Miniature SMT DC/DC Converters
LF200S MPD-LF200S Datasheet
240Kb / 2P
   Ultra-Miniature, 2W Single Output SMT DC/DC Converters
logo
SL Power Electronics
DC1-2_DD SLPOWER-DC1-2_DD Datasheet
340Kb / 3P
   2W SINGLE AND DUAL OUTPUT DC-DC CONVERTERS
logo
Microdc power Technolog...
2E-XS MICRODC-2E-XS Datasheet
651Kb / 4P
   Isolated 2W Dual&Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com