công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS4900BCNE3 bảng dữ liệu(PDF) 11 Page - Gennum Corporation

tên linh kiện GS4900BCNE3
Giải thích chi tiết về linh kiện  SD Clock and Timing Generator with GENLOCK
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GENNUM [Gennum Corporation]
Trang chủ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS4900BCNE3 bảng dữ liệu(HTML) 11 Page - Gennum Corporation

Back Button GS4900BCNE3 Datasheet HTML 7Page - Gennum Corporation GS4900BCNE3 Datasheet HTML 8Page - Gennum Corporation GS4900BCNE3 Datasheet HTML 9Page - Gennum Corporation GS4900BCNE3 Datasheet HTML 10Page - Gennum Corporation GS4900BCNE3 Datasheet HTML 11Page - Gennum Corporation GS4900BCNE3 Datasheet HTML 12Page - Gennum Corporation GS4900BCNE3 Datasheet HTML 13Page - Gennum Corporation GS4900BCNE3 Datasheet HTML 14Page - Gennum Corporation GS4900BCNE3 Datasheet HTML 15Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 95 page
background image
GS4901B/GS4900B Preliminary Data Sheet
37703 - 0
April 2006
11 of 95
12
ANALOG_GND
Power
Supply
Ground connection for the analog input block. Connect to GND.
13
AUD_PLL_GND
(GS4901B only)
Power
Supply
Ground connection for the audio clock synthesis internal block. Connect
to GND.
ANALOG_GND
(GS4900B only)
Power
Supply
Ground connection for the analog input block. Connect to GND.
14
AUD_PLL_VDD
(GS4901B only)
Power
Supply
Most positive power supply connection for the audio clock synthesis
internal block. Connect to +1.8V DC.
ANALOG_GND
(GS4900B only)
Power
Supply
Ground connection for the analog input block. Connect to GND.
15
10FID
Non
Synchronous
Input
REFERENCE SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
The 10FID external reference signal is applied to this pin by the
application layer. 10FID defines the field in which the video and audio
clock phase relationship is defined according to SMPTE 318-M. It is also
used to define a 3:2 video cadence.
NOTE: If the input reference format does not include a 10 Field ID signal,
this pin should be held LOW. See Section 3.4.2 on page 41.
16
HSYNC
Non
Synchronous
Input
REFERENCE SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
The HSYNC external reference signal is applied to this pin by the
application layer. When the GS4901B/GS4900B is operating in Genlock
mode, the device senses the polarity of the HSYNC input automatically,
and references to the leading edge.
This signal must adhere to one of the 36 defined video standards
supported by the device. In this mode of operation, the HSYNC input
provides a horizontal scanning reference signal.
The HSYNC signal may have analog timing, such as from a sync
separator, or may be digital such as from an SDI deserializer. Section 1.4
on page 20 describes the 36 video formats recognized by the
GS4901B/GS4900B.
17
VSYNC
Non
Synchronous
Input
REFERENCE SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
The VSYNC external reference signal is applied to this pin by the
application layer. When the GS4901B/GS4900B is operating in Genlock
mode, the device senses the polarity of the VSYNC input automatically,
and references to the leading edge.
This signal must adhere to one of the 36 defined video standards
supported by the device. In this mode of operation, the VSYNC input
provides a vertical scanning reference signal.
The VSYNC signal may have analog timing, such as from a sync
separator, or may be digital such as from an SDI deserializer. Section 1.4
on page 20 describes the 36 video formats recognized by the
GS4901B/GS4900B.
18, 31, 38,
50, 62
IO_VDD
Power
Supply
Most positive power supply connection for the digital I/O signals.
Connect to either +1.8V DC or +3.3V DC.
NOTE: All five IO_VDD pins must be powered by the same voltage.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description


Số phần tương tự - GS4900BCNE3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS4900B GENNUM-GS4900B Datasheet
1Mb / 102P
   SD Clock and Timing Generator with GENLOCK
logo
Semtech Corporation
GS4900B SEMTECH-GS4900B Datasheet
1Mb / 102P
   SD Clock and Timing Generator with GENLOCK
More results

Mô tả tương tự - GS4900BCNE3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Semtech Corporation
GS4900B SEMTECH-GS4900B Datasheet
1Mb / 102P
   SD Clock and Timing Generator with GENLOCK
logo
Gennum Corporation
GS4901B GENNUM-GS4901B_09 Datasheet
1Mb / 102P
   SD Clock and Timing Generator with GENLOCK
GS4911B GENNUM-GS4911B_09 Datasheet
2Mb / 119P
   HD/SD/Graphics Clock and Timing Generator with GENLOCK
logo
Semtech Corporation
GS4911B SEMTECH-GS4911B Datasheet
2Mb / 119P
   HD/SD/Graphics Clock and Timing Generator with GENLOCK
logo
Gennum Corporation
GS4911B GENNUM-GS4911B Datasheet
1Mb / 113P
   HD/SD/Graphics Clock and Timing Generator with GENLOCK
logo
National Semiconductor ...
LMH1982 NSC-LMH1982 Datasheet
504Kb / 28P
   Multi-Rate Video Clock Generator with Genlock
logo
Texas Instruments
LMH1982SQ-NOPB TI1-LMH1982SQ-NOPB Datasheet
1Mb / 43P
[Old version datasheet]   Multi-Rate Video Clock Generator with Genlock
LMH1983 TI1-LMH1983 Datasheet
2Mb / 55P
[Old version datasheet]   3G/HD/SD Video Clock Generator with Audio Clock
logo
Sanyo Semicon Device
LC99012A-S SANYO-LC99012A-S Datasheet
59Kb / 6P
   Black-and-White CCD Timing Generator
logo
National Semiconductor ...
DP8224 NSC-DP8224 Datasheet
143Kb / 8P
   Clock Generator and Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com