công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS1503-CFZ bảng dữ liệu(PDF) 10 Page - Gennum Corporation

tên linh kiện GS1503-CFZ
Giải thích chi tiết về linh kiện  HD EMBEDDED AUDIO CODEC
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GENNUM [Gennum Corporation]
Trang chủ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1503-CFZ bảng dữ liệu(HTML) 10 Page - Gennum Corporation

Back Button GS1503-CFZ Datasheet HTML 6Page - Gennum Corporation GS1503-CFZ Datasheet HTML 7Page - Gennum Corporation GS1503-CFZ Datasheet HTML 8Page - Gennum Corporation GS1503-CFZ Datasheet HTML 9Page - Gennum Corporation GS1503-CFZ Datasheet HTML 10Page - Gennum Corporation GS1503-CFZ Datasheet HTML 11Page - Gennum Corporation GS1503-CFZ Datasheet HTML 12Page - Gennum Corporation GS1503-CFZ Datasheet HTML 13Page - Gennum Corporation GS1503-CFZ Datasheet HTML 14Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 83 page
background image
15879 - 4
10 of 83
22
OPERATE
O
Audio processing indicator. When HIGH, audio data is being multiplexed or
demultiplexed.
23
CRC_ERROR
O
CRC error indicator. Will be set HIGH when a CRC error is detected in the incoming video
data stream.
24
PKTENO
O
Arbitrary data packet timing signal. Valid in Multiplex Mode only. Will be HIGH when
arbitrary data packets can be input to the device. This signal is only valid when
multiplexing arbitrary data packets via the PKT[7:0] bus. See Figure 30 for timing.
25
PKTEN
I/O
Arbitrary data packet enable. In Multiplex Mode, PKTEN is an input and must be set HIGH
two VCLK cycles after the PKTENO signal goes HIGH. Arbitrary packet data is input to the
device two VCLK cycles after PKTEN is set HIGH. In Demultiplex Mode, PKTEN is an
output and is set HIGH two VCLK cycles before the device outputs arbitrary packet data.
See Figures 30 and 42.
26, 28, 29,
30, 32, 33,
34, 35
PKT[7:0]
I/O
Arbitrary data I/O bus. PKT[7] is the MSB and PKT[0] is the LSB. In Multiplex Mode, the
user must input the arbitrary data packet words starting from the data identification (DID)
to the last user data word (UDW) according to SMPTE 291M. The GS1503 internally
converts the data to 10 bits by generating the parity bit (bit 8) and inversion bit (bit 9). The
checksum (CS) word is also generated internally. In Demultiplex Mode, the GS9023
outputs the arbitrary data packet words starting from the DID to the last UDW.
See Figures 30 and 42.
38
SCRBYPASS
I
Scrambler bypass. When set LOW, the output video stream is scrambled according to
SMPTE 292M and NRZ(I) encoded. When set HIGH, the scrambler and NRZ(I) encoder
are bypassed.
39, 40, 41,
42
RSV
-
Connect to ground.
43
EXTH
I/O
Horizontal sync signal. The GS1503 outputs a horizontal sync signal derived from the
incoming TRS. In Multiplex Mode, with EXT_SEL set HIGH in the Host Interface, a
horizontal sync signal can be input to the device for TRS and line number insertion.
44
EXTF
I/O
Field sync signal. The GS1503 outputs a field sync signal derived from the incoming TRS.
In Multiplex Mode, with EXT_SEL set HIGH in the Host Interface, a field sync signal can be
input to the device for TRS and line number insertion. For progressive formats, a signal
with a high to low transition at the position of line one must be provided.
See Figures 14 and 15.
45
VIDEO_DET
O
Video input signal detection. Indicates that the device has detected a valid video input stream.
NOTE: When EXT_SEL is set HIGH in the Host Interface, VIDEO_DET will indicate when
valid EXTH and EXTF signals have been detected.
71, 70, 69,
67, 66, 65,
63, 62, 61,
59, 58, 57,
55, 54, 53,
51, 50, 49,
47, 46
VOUT[19:0]
O
Parallel digital video signal output. VOUT[19] is the MSB and VOUT[0] is the LSB.
74
WCOUTA
O
48kHz word clock for channels 1 to 4. Valid only when operating in Demultiplex Mode.
75
WCOUTB
O
48kHz word clock for channels 5 to 8. Valid only when operating in Demultiplex Mode.
76
AOUT1/2
O
Audio signal output for channels 1 and 2. The AES/EBU digital audio output is bi-phase
mark encoded. In both non-AES/EBU modes, the output is not bi-phase mark encoded.
77
AOUT3/4
O
Audio signal output for channels 3 and 4. The AES/EBU digital audio output is bi-phase
mark encoded. In both non-AES/EBU modes, the output is not bi-phase mark encoded.
78
AOUT5/6
O
Audio signal output for channels 5 and 6. The AES/EBU digital audio output is bi-phase
mark encoded. In both non-AES/EBU modes, the output is not bi-phase mark encoded.
PIN DESCRIPTIONS (Continued)
NUMBER
SYMBOL
TYPE
DESCRIPTION


Số phần tương tự - GS1503-CFZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS1503B GENNUM-GS1503B Datasheet
1Mb / 90P
   HD Embedded Audio CODEC Data Sheet
GS1503BCVE2 GENNUM-GS1503BCVE2 Datasheet
1Mb / 90P
   HD Embedded Audio CODEC Data Sheet
More results

Mô tả tương tự - GS1503-CFZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS1503B GENNUM-GS1503B Datasheet
1Mb / 90P
   HD Embedded Audio CODEC Data Sheet
GS9023B GENNUM-GS9023B Datasheet
714Kb / 56P
   Embedded Audio CODEC
logo
List of Unclassifed Man...
GS9023 ETC-GS9023 Datasheet
301Kb / 33P
   Embedded Audio CODEC
logo
Analog Devices
AD1983 AD-AD1983 Datasheet
427Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1981HD AD-AD1981HD Datasheet
385Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
AD1981HD AD-AD1981HD_15 Datasheet
386Kb / 16P
   HD Audio SoundMAX Codec
REV. 0
logo
Realtek Semiconductor C...
ALC888S-VD REALTEK-ALC888S-VD_11 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD_11 REALTEK-ALC888S-VD_11_05 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
logo
Analog Devices
ADAV400 AD-ADAV400_15 Datasheet
620Kb / 36P
   Audio Codec with Embedded SigmaDSP Processor
REV. A
logo
Texas Instruments
PCM3070 TI1-PCM3070 Datasheet
908Kb / 41P
[Old version datasheet]   Stereo Audio Codec With Embedded miniDSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com