công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS1574-CNE3 bảng dữ liệu(PDF) 6 Page - Gennum Corporation

tên linh kiện GS1574-CNE3
Giải thích chi tiết về linh kiện  GS1574 HD-LINX -TM II Adaptive Cable Equalizer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GENNUM [Gennum Corporation]
Trang chủ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1574-CNE3 bảng dữ liệu(HTML) 6 Page - Gennum Corporation

Back Button GS1574-CNE3 Datasheet HTML 2Page - Gennum Corporation GS1574-CNE3 Datasheet HTML 3Page - Gennum Corporation GS1574-CNE3 Datasheet HTML 4Page - Gennum Corporation GS1574-CNE3 Datasheet HTML 5Page - Gennum Corporation GS1574-CNE3 Datasheet HTML 6Page - Gennum Corporation GS1574-CNE3 Datasheet HTML 7Page - Gennum Corporation GS1574-CNE3 Datasheet HTML 8Page - Gennum Corporation GS1574-CNE3 Datasheet HTML 9Page - Gennum Corporation GS1574-CNE3 Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
GS1574 Preliminary Data Sheet
Proprietary and Confidential
28854 - 2
December 2004
6 of 17
2.3 AC Electrical Characteristics
Table 2-2: AC Electrical Characteristics
VDD = 3.3V, TA = 0°C to 70°C, unless otherwise shown
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Test
Levels
Notes
Serial input data rate
DRSDO
GS1574
143
1485
Mb/s
6
Input Voltage Swing
∆VSDI
TA =25°C, differential
720
800
950
mVp-p
21
Output Voltage Swing
∆VSDO
100
Ω load, TA =25°C,
differential
–750
mVp-p
1–
Maximum Equalized
Cable Length
270Mb/s, Belden 1694A,
0.2UI Output Jitter
–350
m
5
2
270Mb/s, Belden 8281,
0.2UI Output Jitter
–280
m
2
2
540Mb/s, Belden 8281,
0.2UI Output Jitter
–100
m
8
2
1.485Gb/s, Belden 1694A,
0.25UI Output Jitter
–140
m
5
2
1.485Gb/s, Belden 8281,
0.25UI Output Jitter
–100
m
2
2
Output Rise/Fall time
20% - 80%
80
220
ps
1
Mismatch in rise/fall time
30
ps
1
Duty cycle distortion
30
ps
1
1
Overshoot
10
%
7
Input Return Loss
15
dB
8
3
Input Resistance
single ended
1.64
k
6–
Input Capacitance
single ended
1
pF
6
Output Resistance
single ended
50
Ω6
TEST LEVELS
1. Production test at room temperature and nominal supply voltage
with guardbands for supply and temperature ranges.
2. Production test at room temperature and nominal supply voltage
with guardbands for supply and temperature ranges using
correlated test.
3. Production test at room temperature and nominal supply voltage.
4. QA sample test.
5. Calculated result based on Level 1, 2, or 3.
6. Not tested. Guaranteed by design simulations.
7. Not tested. Based on characterization of nominal parts.
8. Not tested. Based on existing design/characterization data of
similar product.
9. Indirect test.
NOTES:
1. 0m cable length.
2. Equalizer Pathological.
3. Tested on CB1574 board from 5MHz to 2GHz.


Số phần tương tự - GS1574-CNE3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS1574-CNE3 GENNUM-GS1574-CNE3 Datasheet
312Kb / 18P
   Adaptive Cable Equalizer
More results

Mô tả tương tự - GS1574-CNE3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS9074A GENNUM-GS9074A_09 Datasheet
1Mb / 17P
   HD-LINX II Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A_11 Datasheet
1Mb / 16P
   HD-LINX II Adaptive Cable Equalizer
GS1524 GENNUM-GS1524 Datasheet
775Kb / 18P
   GS1524 HD-LINX-TM II Multi-Rate SDI Adaptive Cable Equalizer
GS1574A GENNUM-GS1574A Datasheet
342Kb / 16P
   GS1574A HD-LINX-R II Adaptive Cable Equalizer
GS9074A GENNUM-GS9074A Datasheet
342Kb / 16P
   GS9074A HD-LINX-R II Adaptive Cable Equalizer
logo
Semtech Corporation
GS2974A SEMTECH-GS2974A Datasheet
600Kb / 16P
   HD-LINX??III Adaptive Cable Equalizer
GS2974B SEMTECH-GS2974B Datasheet
703Kb / 17P
   HD-LINX??III Adaptive Cable Equalizer
logo
Gennum Corporation
GS2974A GENNUM-GS2974A Datasheet
618Kb / 16P
   HD-LINX III Adaptive Cable Equalizer
GS2974B GENNUM-GS2974B Datasheet
703Kb / 17P
   HD-LINX III Adaptive Cable Equalizer
logo
Semtech Corporation
GS1574A SEMTECH-GS1574A Datasheet
1Mb / 16P
   HD-LINX짰 II Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com