công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS1559-CBE2 bảng dữ liệu(PDF) 8 Page - Gennum Corporation

tên linh kiện GS1559-CBE2
Giải thích chi tiết về linh kiện  GS1559 HD-LINX-TM II Multi-Rate Deserializer with Loop-Through Cable Driver
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GENNUM [Gennum Corporation]
Trang chủ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1559-CBE2 bảng dữ liệu(HTML) 8 Page - Gennum Corporation

Back Button GS1559-CBE2 Datasheet HTML 4Page - Gennum Corporation GS1559-CBE2 Datasheet HTML 5Page - Gennum Corporation GS1559-CBE2 Datasheet HTML 6Page - Gennum Corporation GS1559-CBE2 Datasheet HTML 7Page - Gennum Corporation GS1559-CBE2 Datasheet HTML 8Page - Gennum Corporation GS1559-CBE2 Datasheet HTML 9Page - Gennum Corporation GS1559-CBE2 Datasheet HTML 10Page - Gennum Corporation GS1559-CBE2 Datasheet HTML 11Page - Gennum Corporation GS1559-CBE2 Datasheet HTML 12Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 74 page
background image
GS1559 Data Sheet
30572 - 4
July 2005
8 of 74
B7
FW_EN/DIS
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Used to enable or disable the noise immune flywheel of the device.
When set HIGH, the internal flywheel is enabled. This flywheel is used in
the extraction and generation of TRS timing signals, in automatic video
standards detection, and in manual switch line lock handling.
When set LOW, the internal flywheel is disabled and TRS correction and
insertion is unavailable.
B8, F8, J8
IO_GND
Power
Ground connection for digital I/O buffers. Connect to digital GND.
C1
BUFF_VDD
Power
Power supply connection for the serial digital input buffers. Connect to
+1.8V DC analog.
C2
PD_VDD
Power
Power supply connection for the phase detector. Connect to +1.8V DC
analog.
C3
PDBUFF_GND
Power
Ground connection for the phase detector and serial digital input buffers.
Connect to analog GND.
C6
MASTER/SLAVE
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Used to determine the input / output selection for the DVB_ASI, SD/HD,
RC_BYP and SMPTE_BYPASS pins.
When set HIGH, the GS1559 is set to operate in master mode where
DVB_ASI, SD/HD, RC_BYP and SMPTE_BYPASS become status signal
output pins set by the device. In this mode, the GS1559 will automatically
detect, reclock, deserialize and process SD SMPTE, HD SMPTE, or
DVB-ASI input data.
When set LOW, the GS1559 is set to operate in slave mode where
DVB_ASI, SD/HD, RC_BYP and SMPTE_BYPASS become control signal
input pins. In this mode, the application layer must set these external
device pins for the correct reception of either SMPTE or DVB-ASI data.
Slave mode also supports the reclocking and deserializing of data not
conforming to SMPTE or DVB-ASI streams.
C7
RC_BYP
Non
Synchronous
Input
/Output
CONTROL SIGNAL INPUT / STATUS SIGNAL OUTPUT
Signal levels are LVCMOS/LVTTL compatible.
This pin will be an input set by the application layer in slave mode, and will
be an output set by the device in master mode.
Master Mode (MASTER/SLAVE = HIGH)
The RC_BYP signal will be HIGH only when the device has successfully
locked to a SMPTE or DVB-ASI compliant input data stream. In this case,
the serial digital loop-through output will be a reclocked version of the
input.
The RC_BYP signal will be LOW whenever the input does not conform to
a SMPTE or DVB-ASI compliant data stream. In this case, the serial digital
loop-through output will be a buffered version of the input.
Slave Mode (MASTER/SLAVE = LOW)
When set HIGH, the serial digital output will be a reclocked version of the
input signal regardless of whether the device is in SMPTE, DVB-ASI or
Data-Through mode.
When set LOW, the serial digital output will be a buffered version of the
input signal in all modes.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description


Số phần tương tự - GS1559-CBE2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS1559-CBE2 GENNUM-GS1559-CBE2 Datasheet
1Mb / 71P
   HD-LINX II Multi-Rate Deserializer with Loop-Through Cable Driver
More results

Mô tả tương tự - GS1559-CBE2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS1559 GENNUM-GS1559_08 Datasheet
1Mb / 71P
   HD-LINX II Multi-Rate Deserializer with Loop-Through Cable Driver
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1560A GENNUM-GS1560A_09 Datasheet
1Mb / 79P
   HD-LINX II Dual-Rate Deserializer
GS9060 GENNUM-GS9060 Datasheet
941Kb / 61P
   HD-LINX II SD-SDI and DVB-ASI Deserializer with Loop-Through Cable Driver
GS1532 GENNUM-GS1532 Datasheet
862Kb / 52P
   GS1532 HD-LINX-TM II Multi-Rate Serializer
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1531 GENNUM-GS1531 Datasheet
848Kb / 49P
   GS1531 HD-LINX-TM II Multi-Rate Serializer
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS9078A GENNUM-GS9078A Datasheet
292Kb / 14P
   GS9078A HD-LINX-R II Multi-Rate Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com