công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS1559 bảng dữ liệu(PDF) 6 Page - Gennum Corporation

tên linh kiện GS1559
Giải thích chi tiết về linh kiện  GS1559 HD-LINX-TM II Multi-Rate Deserializer with Loop-Through Cable Driver
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GENNUM [Gennum Corporation]
Trang chủ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1559 bảng dữ liệu(HTML) 6 Page - Gennum Corporation

Back Button GS1559 Datasheet HTML 2Page - Gennum Corporation GS1559 Datasheet HTML 3Page - Gennum Corporation GS1559 Datasheet HTML 4Page - Gennum Corporation GS1559 Datasheet HTML 5Page - Gennum Corporation GS1559 Datasheet HTML 6Page - Gennum Corporation GS1559 Datasheet HTML 7Page - Gennum Corporation GS1559 Datasheet HTML 8Page - Gennum Corporation GS1559 Datasheet HTML 9Page - Gennum Corporation GS1559 Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 74 page
background image
GS1559 Data Sheet
30572 - 4
July 2005
6 of 74
1.2 Pin Descriptions
Table 1-1: Pin Descriptions
Pin
Number
Name
Timing
Type
Description
A1
LF
Analog
Output
Control voltage to external voltage controlled oscillator. Nominally +1.25V
DC.
A2
VCO_VCC
Output
Power
Power supply for the external voltage controlled oscillator. Connect to pin 7
of the GO1525. This pin is an output.
Should be isolated from all other power supplies.
A3
VCO_GND
Output
Power
Ground reference for the external voltage controlled oscillator. Connect to
pins 2, 4, 6, and 8 of the GO1525. This pin is an output.
Should be isolated from all other grounds.
A4, A5
VCO, VCO
Analog
Input
Differential inputs for the external VCO reference signal. For single ended
devices such as the GO1525, VCO should be AC coupled to VCO_GND.
VCO is nominally 1.485GHz.
A6, B5,
B6, C4,
C5, D2,
D3, D7,
E3, E7,
F2, F3, F7,
G2, G3,
G7, H3,
J2, J3, J4,
NC
No Connect.
A7
PCLK
Output
PARALLEL DATA BUS CLOCK
Signal levels are LVCMOS/LVTTL compatible.
HD 20-bit mode
PCLK = 74.25MHz or 74.25/1.001MHz
HD 10-bit mode
PCLK = 148.5MHz or 148.5/1.001MHz
SD 20-bit mode
PCLK = 13.5MHz
SD 10-bit mode
PCLK = 27MHz
A8, E8, K8
IO_VDD
Power
Power supply connection for digital I/O buffers. Connect to +3.3V DC
digital.


Số phần tương tự - GS1559

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS1559 GENNUM-GS1559 Datasheet
1Mb / 71P
   HD-LINX II Multi-Rate Deserializer with Loop-Through Cable Driver
GS1559-CB GENNUM-GS1559-CB Datasheet
1Mb / 71P
   HD-LINX II Multi-Rate Deserializer with Loop-Through Cable Driver
GS1559-CBE2 GENNUM-GS1559-CBE2 Datasheet
1Mb / 71P
   HD-LINX II Multi-Rate Deserializer with Loop-Through Cable Driver
GS1559 GENNUM-GS1559_08 Datasheet
1Mb / 71P
   HD-LINX II Multi-Rate Deserializer with Loop-Through Cable Driver
More results

Mô tả tương tự - GS1559

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS1559 GENNUM-GS1559_08 Datasheet
1Mb / 71P
   HD-LINX II Multi-Rate Deserializer with Loop-Through Cable Driver
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1560A GENNUM-GS1560A_09 Datasheet
1Mb / 79P
   HD-LINX II Dual-Rate Deserializer
GS9060 GENNUM-GS9060 Datasheet
941Kb / 61P
   HD-LINX II SD-SDI and DVB-ASI Deserializer with Loop-Through Cable Driver
GS1532 GENNUM-GS1532 Datasheet
862Kb / 52P
   GS1532 HD-LINX-TM II Multi-Rate Serializer
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1531 GENNUM-GS1531 Datasheet
848Kb / 49P
   GS1531 HD-LINX-TM II Multi-Rate Serializer
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS9078A GENNUM-GS9078A Datasheet
292Kb / 14P
   GS9078A HD-LINX-R II Multi-Rate Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com