công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS1511-CQRE3 bảng dữ liệu(PDF) 1 Page - Gennum Corporation

tên linh kiện GS1511-CQRE3
Giải thích chi tiết về linh kiện  HD-LINX -TM GS1511 HDTV Serial Digital Formatter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GENNUM [Gennum Corporation]
Trang chủ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1511-CQRE3 bảng dữ liệu(HTML) 1 Page - Gennum Corporation

  GS1511-CQRE3 Datasheet HTML 1Page - Gennum Corporation GS1511-CQRE3 Datasheet HTML 2Page - Gennum Corporation GS1511-CQRE3 Datasheet HTML 3Page - Gennum Corporation GS1511-CQRE3 Datasheet HTML 4Page - Gennum Corporation GS1511-CQRE3 Datasheet HTML 5Page - Gennum Corporation GS1511-CQRE3 Datasheet HTML 6Page - Gennum Corporation GS1511-CQRE3 Datasheet HTML 7Page - Gennum Corporation GS1511-CQRE3 Datasheet HTML 8Page - Gennum Corporation GS1511-CQRE3 Datasheet HTML 9Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
GENNUM CORPORATION P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3
Tel. +1 (905) 632-2996
Fax. +1 (905) 632-5946
E-mail: info@gennum.com
www.gennum.com
Revision Date: June 2004
Document No. 52248 - 5
DATA SHEET
KEY FEATURES
• SMPTE 292M compliant
• NRZ(I) encoding
• SMPTE 292M scrambler with BYPASS option
• selectable TRS insertion
• selectable line number insertion
• selectable line based CRC insertion
• selectable active picture illegal code re-mapping
• 20 bit 3.3V CMOS compatible input data bus
• optimized output interface to GS1522
• Pb-free and Green
• single +3.3V power supply
• 5V tolerant I/O
APPLICATIONS
• SMPTE 292M Serial Digital Interfaces
DESCRIPTION
The GS1511 HDTV Serial Digital Formatter formats the
HDTV Luma and Chroma data according to SMPTE 292M
prior to serialization by the GS1522 HDTV Serializer. The
GS1511 optionally inserts TRS and line number signals
based on externally supplied H, V and F signals. The
device also allows the insertion of CRCs based on TRS
signals embedded in the input data streams, should the
user choose not to supply external HVF signals.
Following the insertion of TRS, Line Number, and CRC,
protected words of 000-003 and 3FC to 3FF occurring
during the active video period are optionally re-mapped to
004 and 3FB respectively. Prior to exiting the device SMPTE
292M compliant NRZ(I) encoding and scrambling may be
performed on the data stream.
GS1511 FUNCTIONAL BLOCK DIAGRAM
INPUT
BUFFER
and
BLANKER
TRS
and
LINE NUMBER
DETECTION
PCLK_IN
DATA_OUT
[19:0]
[H:V:F]
BP_SC
ILLEGAL CODE
REMAPPING
CODE
PROTECT
TRS_INS
LN_INS
CRC_INS
NRZI
ENCODER
SMPTE
SCAMBLER
OEN
3
TRS
INSERTION
LINE NUMBER
INSERTION
CRC INSERTION
DATA_IN
[19:10]
(LUMA)
DATA_IN
[9:0]
(CHROMA)
BLANK
TRS_Y/C
DET_TRS
2
3
SRST
RSTLN
HD-LINX GS1511
HDTV Serial Digital Formatter


Số phần tương tự - GS1511-CQRE3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS1510 GENNUM-GS1510 Datasheet
106Kb / 11P
   HDTV Serial Digital Deformatter
GS1510-CQR GENNUM-GS1510-CQR Datasheet
106Kb / 11P
   HDTV Serial Digital Deformatter
logo
DAESAN ELECTRONIC CORP.
GS1510FL DAESAN-GS1510FL Datasheet
394Kb / 2P
   STANDARD RECTIFIER
logo
Pan Jit International I...
GS1510FL-AU PANJIT-GS1510FL-AU Datasheet
545Kb / 5P
   SURFACE GENERAL PURPOSE RECTIFIERS
June 13,2017-REV.03
logo
Gennum Corporation
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
   HDTV Serial Digital Reclocker
More results

Mô tả tương tự - GS1511-CQRE3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS1501 GENNUM-GS1501 Datasheet
184Kb / 15P
   HDTV Serial Digital Formatter with ANC FIFOs
GS1532 GENNUM-GS1532 Datasheet
862Kb / 52P
   GS1532 HD-LINX-TM II Multi-Rate Serializer
GS1574 GENNUM-GS1574 Datasheet
279Kb / 17P
   GS1574 HD-LINX -TM II Adaptive Cable Equalizer
GS1531 GENNUM-GS1531 Datasheet
848Kb / 49P
   GS1531 HD-LINX-TM II Multi-Rate Serializer
GS7025 GENNUM-GS7025_09 Datasheet
1Mb / 23P
   PRO-LINX Serial Digital Receiver
GS1522 GENNUM-GS1522 Datasheet
414Kb / 20P
   HDTV Serial Digital Serializer
GS1510 GENNUM-GS1510 Datasheet
106Kb / 11P
   HDTV Serial Digital Deformatter
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
   HDTV Serial Digital Reclocker
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com