công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS1511-CQR bảng dữ liệu(PDF) 6 Page - Gennum Corporation

tên linh kiện GS1511-CQR
Giải thích chi tiết về linh kiện  HD-LINX -TM GS1511 HDTV Serial Digital Formatter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GENNUM [Gennum Corporation]
Trang chủ  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1511-CQR bảng dữ liệu(HTML) 6 Page - Gennum Corporation

  GS1511-CQR Datasheet HTML 1Page - Gennum Corporation GS1511-CQR Datasheet HTML 2Page - Gennum Corporation GS1511-CQR Datasheet HTML 3Page - Gennum Corporation GS1511-CQR Datasheet HTML 4Page - Gennum Corporation GS1511-CQR Datasheet HTML 5Page - Gennum Corporation GS1511-CQR Datasheet HTML 6Page - Gennum Corporation GS1511-CQR Datasheet HTML 7Page - Gennum Corporation GS1511-CQR Datasheet HTML 8Page - Gennum Corporation GS1511-CQR Datasheet HTML 9Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
GENNUM CORPORATION
52248 - 5
6 of 9
23
F
Synchronous
wrt PCLK_IN
Input
Control Signal Input. This signal indicates the ODD/EVEN field
of the input video data streams. Refer to Figure 4 for required
timing of F relative to LUMA (DATA_IN[19:10]) and CHROMA
(DATA_IN[9:0]). When the input video format is progressive
scan, F should remain low at all times.
26, 27, 28, 29,
30-34, 65, 66,
67,
71-75,
NC
N/A
No Connect. Do not connect these pins.
35
TN
N/A
TEST
Test pin. Used for test purposes only. This pin must be
connected to VDD for normal operation.
36
OEN
Non-
synchronous
Input
Control Signal Input. Used to enable the DATA_OUT[19:0]
output bus or set it to a high Z state. When OEN is low, the
DATA_OUT[19:0] bus is enabled. When OEN is high, the
DATA_OUT[19:0] bus is disabled and in a high Z state.
64, 63, 62, 61,
60, 57 56, 55,
54, 53, 52, 49,
48, 45, 44, 43,
42, 41, 40, 39
DATA_OUT[19:0]
Synchronous
wrt PCLK_IN
Outputs
Output Data Bus. The device generates a 20 bit wide data
stream running at 74.25 (or 74.25/1.001) MHz. DATA_OUT[19]
is the MSB and DATA_OUT[0] is the LSB.
70
TEST
N/A
TEST
Test Pin. Used for test purposes only. This pin must be
connected to GND for normal operation.
103,104,105,
106, 107, 108,
111, 112, 113,
114
DATA_IN [19:10]
(LUMA channel)
Synchronous
wrt PCLK_IN
Input
Input Data Bus. LUMA CHANNEL. DATA_IN [19] is the MSB of
the LUMA input signal (pin 103). DATA_IN [10] is the LSB of the
LUMA input signal (pin 114).
117, 118, 119,
120, 121, 122,
123, 124, 125,
126
DATA_IN [9:0]
(CHROMA channel)
Synchronous
wrt PCLK_IN
Input
CHROMA Input Data Bus. CHROMA CHANNEL DATA_IN [9] is
the MSB of the CHROMA signal (pin 117). DATA_IN [0] is the
LSB of the CHROMA signal (pin 126).
1.2 PIN DESCRIPTIONS
(Continued)
PIN NUMBER
NAME
TIMING
TYPE
DESCRIPTION


Số phần tương tự - GS1511-CQR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS1510 GENNUM-GS1510 Datasheet
106Kb / 11P
   HDTV Serial Digital Deformatter
GS1510-CQR GENNUM-GS1510-CQR Datasheet
106Kb / 11P
   HDTV Serial Digital Deformatter
logo
DAESAN ELECTRONIC CORP.
GS1510FL DAESAN-GS1510FL Datasheet
394Kb / 2P
   STANDARD RECTIFIER
logo
Pan Jit International I...
GS1510FL-AU PANJIT-GS1510FL-AU Datasheet
545Kb / 5P
   SURFACE GENERAL PURPOSE RECTIFIERS
June 13,2017-REV.03
logo
Gennum Corporation
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
   HDTV Serial Digital Reclocker
More results

Mô tả tương tự - GS1511-CQR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Gennum Corporation
GS1501 GENNUM-GS1501 Datasheet
184Kb / 15P
   HDTV Serial Digital Formatter with ANC FIFOs
GS1532 GENNUM-GS1532 Datasheet
862Kb / 52P
   GS1532 HD-LINX-TM II Multi-Rate Serializer
GS1574 GENNUM-GS1574 Datasheet
279Kb / 17P
   GS1574 HD-LINX -TM II Adaptive Cable Equalizer
GS1531 GENNUM-GS1531 Datasheet
848Kb / 49P
   GS1531 HD-LINX-TM II Multi-Rate Serializer
GS7025 GENNUM-GS7025_09 Datasheet
1Mb / 23P
   PRO-LINX Serial Digital Receiver
GS1522 GENNUM-GS1522 Datasheet
414Kb / 20P
   HDTV Serial Digital Serializer
GS1510 GENNUM-GS1510 Datasheet
106Kb / 11P
   HDTV Serial Digital Deformatter
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
   HDTV Serial Digital Reclocker
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com