công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

U05A30 bảng dữ liệu(PDF) 1 Page - Mospec Semiconductor

tên linh kiện U05A30
Giải thích chi tiết về linh kiện  Utra Fast Recovery Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOSPEC [Mospec Semiconductor]
Trang chủ  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

U05A30 bảng dữ liệu(HTML) 1 Page - Mospec Semiconductor

  U05A30 Datasheet HTML 1Page - Mospec Semiconductor U05A30 Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOSPEC
U05A30 thru U05A60
Utra Fast Recovery Rectifier Diodes
-- Designed for use in switching power supplies inverters and as free
wheeling diodes.
These state-of-the-art devices have the following
features:
*High Surge Capacity
*Low Power Loss, High efficiency
*Glass Passivated chip junctions
*150
OC Operating Junction Temperature
*Low Stored Charge Majority Carrier Conduction
*Low Forward Voltage, High Current Capability
*High-Switching Speed 35 Nanosecong Recovery Time
*Plastic Material used Carries Underwriters Laboratory
Flammability Classification 94V-O
MAXIMUM RATINGS
Characteristic
Symbol U05A30 U05A40
U05A50 U05A60
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
300
400
500
600
V
RMS Reverse Voltage
VR(RMS)
210
280
350
420
V
Average Rectifier Forward Current
Total Device (Rated VR), TC=55℃
IF(AV)
5.0
A
Non-Repetitive Peak Surge Current
(Surge applied at rate load conditions
halfware, single phase, 60Hz)
IFSM
100
A
Operating and Storage Junction
Temperature Range
TJ , Tstg
-65 to +150
ELECTRIAL CHARACTERISTICS
Characteristic
Symbol U05A30 U05A40
U05A50 U05A60
Unit
Maximum Instantaneous Forward Voltage
( IF =5.0 Amp TC = 25℃)
( IF =5.0 Amp TC = 125℃)
VF
1.30
1.16
1.50
1.39
V
Maximum Instantaneous Reverse Current
( Rated DC Voltage, TC = 25℃)
( Rated DC Voltage, TC = 125℃)
IR
5.0
200
uA
Reverse Recovery Time
( IF = 0.5 A, IR =1.0 , Irr =0.25 A )
Trr
50
ns
Typical Junction Capacitance
(Reverse Voltage of 4 volts & f=1 MHz)
CP
70
60
PF
ULTRA FAST
RECTIFIERS
5 AMPERES
300-600 VOLTS
TO-220A
MILLIMETERS
DIM
MIN
MAX
A
14.68
15.32
B
9.78
10.42
C
5.02
6.52
D
13.06
14.62
E
3.57
4.07
F
4.84
5.32
G
1.12
1.36
H
0.72
0.96
I
4.22
4.98
J
1.14
1.38
K
2.20
2.98
L
0.33
0.55
M
2.48
2.98
N
---
1.00
O
3.70
3.90


Số phần tương tự - U05A30

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mospec Semiconductor
U05A05 MOSPEC-U05A05 Datasheet
173Kb / 2P
   Utra Fast Recovery Rectifier Diodes
U05A10 MOSPEC-U05A10 Datasheet
173Kb / 2P
   Utra Fast Recovery Rectifier Diodes
U05A15 MOSPEC-U05A15 Datasheet
173Kb / 2P
   Utra Fast Recovery Rectifier Diodes
U05A20 MOSPEC-U05A20 Datasheet
173Kb / 2P
   Utra Fast Recovery Rectifier Diodes
U05A25 MOSPEC-U05A25 Datasheet
173Kb / 2P
   Utra Fast Recovery Rectifier Diodes
More results

Mô tả tương tự - U05A30

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mospec Semiconductor
UF10A60 MOSPEC-UF10A60 Datasheet
200Kb / 2P
   Utra Fast Recovery Rectifier Diodes
UF15A60 MOSPEC-UF15A60 Datasheet
199Kb / 2P
   Utra Fast Recovery Rectifier Diodes
UF30C60 MOSPEC-UF30C60 Datasheet
198Kb / 2P
   Utra Fast Recovery Rectifier Diodes
U05A05 MOSPEC-U05A05 Datasheet
173Kb / 2P
   Utra Fast Recovery Rectifier Diodes
UF20C60 MOSPEC-UF20C60 Datasheet
200Kb / 2P
   Utra Fast Recovery Rectifier Diodes
UF16C60 MOSPEC-UF16C60 Datasheet
194Kb / 2P
   Utra Fast Recovery Rectifier Diodes
UF08A60 MOSPEC-UF08A60 Datasheet
188Kb / 2P
   Utra Fast Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
FR201 EIC-FR201 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
MR850 EIC-MR850 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
RU2 EIC-RU2 Datasheet
39Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com