công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP4922-ESL bảng dữ liệu(PDF) 5 Page - Microchip Technology

tên linh kiện MCP4922-ESL
Giải thích chi tiết về linh kiện  12-Bit DAC with SPI??Interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4922-ESL bảng dữ liệu(HTML) 5 Page - Microchip Technology

  MCP4922-ESL Datasheet HTML 1Page - Microchip Technology MCP4922-ESL Datasheet HTML 2Page - Microchip Technology MCP4922-ESL Datasheet HTML 3Page - Microchip Technology MCP4922-ESL Datasheet HTML 4Page - Microchip Technology MCP4922-ESL Datasheet HTML 5Page - Microchip Technology MCP4922-ESL Datasheet HTML 6Page - Microchip Technology MCP4922-ESL Datasheet HTML 7Page - Microchip Technology MCP4922-ESL Datasheet HTML 8Page - Microchip Technology MCP4922-ESL Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
 2004 Microchip Technology Inc.
DS21897A-page 5
MCP4921/4922
Gain Error
gE
-0.10
% of FSR
Code 0xFFFh, not including offset
error
Gain Error Temperature
Coefficient
G/°C
-3
ppm/°C
Input Amplifier (VREF Input)
Input Range - Buffered Mode
VREF
0.040 to
VDD-
0.040
—V
Note 1
Code = 2048,
VREF = 0.2v p-p, f = 100 Hz and 1 kHz
Input Range - Unbuffered
Mode
VREF
0—
VDD
V
Input Impedance
RVREF
174
k
Unbuffered Mode
Input Capacitance -
Unbuffered Mode
CVREF
—7
pF
Multiplying Mode
-3 dB Bandwidth
fVREF
450
kHz
VREF = 2.5V ±0.1 Vp-p, Unbuffered,
G=1
fVREF
400
kHz
VREF = 2.5V ±0.1 Vp-p, Unbuffered,
G = 2
Multiplying Mode - Total
Harmonic Distortion
THDVREF
——
dB
VREF = 2.5V ±0.1Vp-p,
Frequency = 1 kHz
Output Amplifier
Output Swing
VOUT
0.010 to
VDD
0.040
Accuracy is better than 1 LSB for
VOUT = 10 mV to (VDD – 40 mV)
Phase Margin
θm
66
degrees
Slew Rate
SR
0.55
V/µs
Short Circuit Current
ISC
—17—
mA
Settling Time
tsettling
4.5
µs
Within 1/2 LSB of final value from 1/4
to 3/4 full-scale range
Dynamic Performance
DAC to DAC Crosstalk
10
nV-s
Note 2
Major Code Transition Glitch
45
nV-s
1 LSB change around major carry
(0111...1111 to 1000...0000)
Digital Feedthrough
10
nV-s
Note 2
Analog Crosstalk
10
nV-s
Note 2
5V EXTENDED TEMPERATURE SPECIFICATIONS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, VDD = 5V, AVSS = 0V, VREF = 2.048V, output buffer gain (G) = 2x, RL = 5 kΩ
to GND, CL = 100 pF. Typical values at +125°C by characterization or simulation.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note
1:
By design, not production tested.
2:
Too small to quantify.


Số phần tương tự - MCP4922-ESL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP4922-E/MS MICROCHIP-MCP4922-E/MS Datasheet
3Mb / 42P
   12-Bit DAC with SPI??Interface
2007
MCP4922-E/P MICROCHIP-MCP4922-E/P Datasheet
3Mb / 42P
   12-Bit DAC with SPI??Interface
2007
MCP4922-E/P MICROCHIP-MCP4922-E/P Datasheet
3Mb / 48P
   8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with SPI Interface
2010
MCP4922-E/SL MICROCHIP-MCP4922-E/SL Datasheet
3Mb / 42P
   12-Bit DAC with SPI??Interface
2007
MCP4922-E/SL MICROCHIP-MCP4922-E/SL Datasheet
3Mb / 48P
   8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with SPI Interface
2010
More results

Mô tả tương tự - MCP4922-ESL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Microchip Technology
MCP4921 MICROCHIP-MCP4921_07 Datasheet
3Mb / 42P
   12-Bit DAC with SPI??Interface
2007
logo
Maxim Integrated Produc...
MAX5113 MAXIM-MAX5113 Datasheet
8Mb / 27P
   9-Channel, 14-Bit Current DAC with SPI Interface
Rev 2; 5/13
MAX5110 MAXIM-MAX5110 Datasheet
47Kb / 2P
   9-Channel, 14-Bit Current DAC with SPI Interface
Rev 0; 2010-09-24
logo
Analog Devices
LTC2632 AD-LTC2632 Datasheet
518Kb / 24P
   Dual 12-/10-/8-Bit SPI DAC
AD5689 AD-AD5689 Datasheet
2Mb / 24P
   Dual, 16-/12-Bit nanoDAC with SPI Interface
REV. 0
AD5684ARUZ-RL7 AD-AD5684ARUZ-RL7 Datasheet
683Kb / 28P
   Quad, 16-/12-Bit nanoDAC with SPI Interface
REV. A
AD5452W AD-AD5452W Datasheet
500Kb / 24P
   12-Bit High Bandwidth Multiplying DAC with Serial Interface
REV. 0
logo
Microchip Technology
MCP4821 MICROCHIP-MCP4821 Datasheet
1Mb / 36P
   12-Bit DACs with Internal VREF and SPI??Interface
2005
logo
Maxim Integrated Produc...
MAX5316 MAXIM-MAX5316 Datasheet
4Mb / 33P
   16-Bit, ±1 LSB Accuracy Voltage Output DAC with SPI Interface
Rev 0; 1/12
logo
Analog Devices
AD5601 AD-AD5601_16 Datasheet
577Kb / 21P
   8-/10-/12-Bit nanoDAC, SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com