công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC1GH256DACA-2SA00 bảng dữ liệu(PDF) 9 Page - Samsung semiconductor

tên linh kiện MC1GH256DACA-2SA00
Giải thích chi tiết về linh kiện  SAMSUNG MultiMediaCard
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SAMSUNG [Samsung semiconductor]
Trang chủ  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MC1GH256DACA-2SA00 bảng dữ liệu(HTML) 9 Page - Samsung semiconductor

Back Button MC1GH256DACA-2SA00 Datasheet HTML 5Page - Samsung semiconductor MC1GH256DACA-2SA00 Datasheet HTML 6Page - Samsung semiconductor MC1GH256DACA-2SA00 Datasheet HTML 7Page - Samsung semiconductor MC1GH256DACA-2SA00 Datasheet HTML 8Page - Samsung semiconductor MC1GH256DACA-2SA00 Datasheet HTML 9Page - Samsung semiconductor MC1GH256DACA-2SA00 Datasheet HTML 10Page - Samsung semiconductor MC1GH256DACA-2SA00 Datasheet HTML 11Page - Samsung semiconductor MC1GH256DACA-2SA00 Datasheet HTML 12Page - Samsung semiconductor MC1GH256DACA-2SA00 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 102 page
background image
MultiMediaCardTM
9
Sep.22.2005
Revision 0.3
Multiple Block Mode
This mode is similar to the single block mode, but the host can read/write multiple data blocks (all have the same length)
which will be stored or retrived from contiguous memory addresses starting at the address specified in the command.
The operation is terminated with a stop transmission command. Misalignment and block length restrictions apply to multi-
ple blocks as well and are identical to the single block read/write operations. Multiple block read with pre-defined block is
supported.
Every sector is protected with an Error Correction Code (ECC). The ECC is generated (in the memory card) when the
sectors are written and validated when the data is read. IF defects are found, the data is corrected prior to transmission to
the host.
The MultiMediaCard can be considered error free and no additional data protection is needed. However, if an applciation
uses additional, exteranal, ECC protection, the data oragnization is defined in the user writeable section of the CSD regis-
ter.
3.8.6 Data Protection in the Flash Card
The smallest erasable unit in the MultiMediaCard is a erase group. In order to speed up the erase procedure, multiple
erase groups can be erased in the same time. The erase operation is divided into two stages.
Tagging - Selecting the Sectors for Erasing
To facilitate selection, a first command with the starting address is followed by a second command with the final address,
and all erase groups within this range will be selected for erase.
Erasing - Starting the Erase Process
Tagging can address erase groups. An arbitrary selection of erase groups may be erased at one time. Tagging and eras-
ing must follow a strict command sequence (refer to the MultiMediaCard standard sepcification for datails).
3.8.7 Erase
The content of an MultiMediaCard can be marked as an original or a copy using the copy bit in the CSD register. Once
the Copy bit is set (maked as a copy) it cannot be cleared.
The Copy bit of the MultiMediaCard is programmed (during test and formatting on the manufacturing floor) as a copy. The
MultiMediaCard can be purchased with the copy bit set (copy) or cleared, indicating the card is a master.
The One Time Programmable (OTP) characteristic of the Copy bit is implemented in the MultiMediaCard controller firm-
ware and not with a physical OTP cell.
3.8.9 Copy Bit
All the configuration information of the MultiMediaCard is stored in the CSD register. The MSB bytes of the register con-
tain manufacturer data and two least significant bytes contains the host controlled data - the card Copy and write protec-
tion and the user ECC register.
The host can read the CSD register and alter the host controlled data bytes using the SEND_CSD and PROGRAM_CSD
commands.
3.8.10 The CSD Register
3.8.8 Write Protection
Two-card level write-protection options are available: permanent and temporary. Both can be set using the
PROGRAM_CSD command (refer to CSD Programming, Section 6.2.8). The permanent write protect bit, once set, can-
not be clearded. This feature is implemented in the MultiMediaCard /RS-MultiMediaCard controller firmware and not with
a physical OTP cell.


Số phần tương tự - MC1GH256DACA-2SA00

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Samsung semiconductor
MC1GU016HACA SAMSUNG-MC1GU016HACA Datasheet
1Mb / 66P
   MultiMediaCard Specification
MC1GU016HACA-0QC00 SAMSUNG-MC1GU016HACA-0QC00 Datasheet
1Mb / 66P
   MultiMediaCard Specification
MC1GU016HACB-0QC00 SAMSUNG-MC1GU016HACB-0QC00 Datasheet
1Mb / 66P
   MultiMediaCard Specification
MC1GU016HACC-0QC00 SAMSUNG-MC1GU016HACC-0QC00 Datasheet
1Mb / 66P
   MultiMediaCard Specification
MC1GU016HAFA-0QC00 SAMSUNG-MC1GU016HAFA-0QC00 Datasheet
1Mb / 66P
   MultiMediaCard Specification
More results

Mô tả tương tự - MC1GH256DACA-2SA00

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OKI electronic componet...
MR57T00101F OKI-MR57T00101F Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Transcend Information. ...
TS128MMC TRANSCEND-TS128MMC Datasheet
266Kb / 10P
   MultiMediaCard
logo
Samsung semiconductor
S3F49DAX SAMSUNG-S3F49DAX Datasheet
202Kb / 44P
   MultiMediaCard Controllers
logo
OKI electronic componet...
MR57T01601J OKI-MR57T01601J Datasheet
147Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12U064HACA SAMSUNG-MC12U064HACA Datasheet
1Mb / 66P
   MultiMediaCard Specification
logo
OKI electronic componet...
MR57T00801G OKI-MR57T00801G Datasheet
148Kb / 24P
   P2ROM MultiMediaCard
MR57T00401J OKI-MR57T00401J Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Hitachi Semiconductor
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
HB288016MM1 HITACHI-HB288016MM1 Datasheet
233Kb / 79P
   MultiMediaCard 16 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com