công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG1213YRU bảng dữ liệu(PDF) 4 Page - Analog Devices

tên linh kiện ADG1213YRU
Giải thích chi tiết về linh kiện  1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG1213YRU bảng dữ liệu(HTML) 4 Page - Analog Devices

  ADG1213YRU Datasheet HTML 1Page - Analog Devices ADG1213YRU Datasheet HTML 2Page - Analog Devices ADG1213YRU Datasheet HTML 3Page - Analog Devices ADG1213YRU Datasheet HTML 4Page - Analog Devices ADG1213YRU Datasheet HTML 5Page - Analog Devices ADG1213YRU Datasheet HTML 6Page - Analog Devices ADG1213YRU Datasheet HTML 7Page - Analog Devices ADG1213YRU Datasheet HTML 8Page - Analog Devices ADG1213YRU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADG1211/ADG1212/ADG1213
Preliminary Technical Data
Rev. PrE | Page 4 of 16
Parameter
25°C
85°C
Y Version1
Unit
Test Conditions/Comments
IGND
0.001
µA typ
Digital Inputs = 0 V or VDD
5.0
µA max
IGND
0.001
µA typ
Digital Inputs = 5 V
5.0
µA max
1 Temperature range for Y Version is
−40°C to +125°C.
2 Guaranteed by design, not subject to production test.
VDD = 12 V ± 10%, VSS = 0 V, GND = 0 V, unless otherwise noted.
Table 2.
Parameter
25°C
85°C
Y Version1
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance (RON)
220
250
Ω typ
VS = +10 V, IS = −10 mA; Figure 20
Ω max
On Resistance Match between
Channels (∆RON)
1
Ω typ
VS = +10 V, IS = −10 mA
Ω max
On -Resistance Flatness (RFLAT(ON))
12
Ω typ
VS = −5 V/0 V/+5 V, IS = −10 mA
LEAKAGE CURRENTS
VDD = 12 V
Source Off Leakage, IS (Off)
±0.01
nA typ
VS = 1 V/10 V, VD = 10 V/0 V; Figure 21
±0.5
±2.5
nA max
Drain Off Leakage, ID (Off)
±0.01
nA typ
VS = 1 V/10 V, VD = 10 V/0 V; Figure 21
±0.5
±2.5
nA max
Channel On Leakage, ID, IS (On)
±0.04
nA typ
VS = VD = 1 V or 10 V; Figure 22
±1
±5
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINLor IINH
0.001
µA typ
VIN = VINL or VINH
±0.5
µA max
Digital Input Capacitance, CIN
5
pF typ
DYNAMIC CHARACTERISTICS2
tON
50
ns typ
RL = 300 Ω, CL = 35 pF
ns max
VS = 8 V; Figure 23
tOFF
15
ns typ
RL = 300 Ω, CL = 35 pF
ns max
VS = 8 V; Figure 23
Break-before-Make Time Delay, tD
15
ns typ
RL = 300 Ω, CL = 35 pF
1
ns min
VS1 = VS2 = 8 V; Figure 24
Charge Injection
5
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF; Figure 25
Off Isolation
75
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; Figure 267
Channel-to-Channel Crosstalk
85
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; Figure 27
−3 dB Bandwidth
100
MHz typ
RL = 50 Ω, CL = 5 pF; Figure 28
CS (Off)
2
pF typ
CD (Off)
2
pF typ
CD, CS (On)
4
pF typ


Số phần tương tự - ADG1213YRU

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1213YRUZ-REEL AD-ADG1213YRUZ-REEL Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1213YRUZ-REEL7 AD-ADG1213YRUZ-REEL7 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
More results

Mô tả tương tự - ADG1213YRU

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1211 AD-ADG1211_12 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1236 AD-ADG1236 Datasheet
225Kb / 16P
   2 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Dual SPDT Switch
Rev. PrD
ADG1204 AD-ADG1204 Datasheet
453Kb / 16P
   2 pF Off Capacitance, 1 pC Charge Injection, -15 V/12 V 4:1 iCMOS Multiplexer
Rev. PrD
ADG1204 AD-ADG1204_09 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
ADG1201 AD-ADG1201 Datasheet
293Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS SPST in SOT-23
REV. 0
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 15 V/12 V iCMOS Dual SPST Switches
REV. A
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS짰 Dual SPST Switches
REV. A
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1236YRUZ AD-ADG1236YRUZ Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS?? Dual SPDT Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com