công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS2905X33 bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers

tên linh kiện GS2905X33
Giải thích chi tiết về linh kiện  500mA CMOS LDO Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

GS2905X33 bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers

  GS2905X33 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS2905X33 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS2905X33 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS2905X33 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS2905X33 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS2905X33 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS2905X33 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS2905X33 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS2905X33 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
GS2905
Globaltech Semiconductor
www.globaltechsemi.com
3
GS2905
Absolute Maximum Ratings
Symbol
Parameter
Maximum
Unit
SOT-89
120
uJA
Thermal Resistance
SOT223
100
°C/W
VIN
Input Voltage
6.5
V
IOUT
Output Current
500
mA
VOUT
Output Voltage
VSS-0.3 to VIN+0.3
V
TJ
Operating Junction Temperature
0 to 70
°C
TSTG
Storage temperature Range
-65 to 150
°C
TLEAD
Lead Temperature (Soldering, 10 sec)
300
°C
Note: Stresses above those listed under “Absolute Maximum Ratings”may cause permanent damage to the device.
These are stress ratings only and functional operation of the device at these or any other conditions above those
indicated in the operation sections of the specifications is not implied.
Exposure to Absolute Maximum Ratings conditions for extended periods may affect device reliability.
Electrical Characteristics V
OUT (T) =2.0 (Note 1)
Parameter
Conditions
Test
Circuit
Min
Typ.
Max
Unit
Output Voltage Accuracy
IOUT = 1mA
IOUT = 0.1mA to 500mA (TA=25
°C)
-1.4%
-4.5%
-
-
1.4%
2.0%
V
Line regulation
V
OUT/( V
INX V
OUT)
IOUT = 1mA
(VOUT+0.1V)<VIN<6.5V
Fig. 1
-
0.1
0.3
%/V
Load Regulation (Note1)
VIN=6V
0.1mA<IOUT<500mA, COUT=1µF
Fig. 2
-
0.005
0.04
%/mA
Maximum output current
VIN=5V
VOUT>0.96 X VRATING
500
mA
Current Limit
500
mA
Ground Pin Current
IOUT= 0mA~500mA
Fig. 3
-
15
30
µ A
Dropout Voltage
For VOUT>2.5V
IOUT=100mA
IOUT=500mA
100
600
180
900
mV
For 2.0V<VOUT 2
.5V
IOUT=100mA
IOUT=500mA
150
750
300
900
mV
For VOUT 2
.0V
IOUT=100mA
IOUT=500mA
200
1100
400
1500
mV
Note1: Load Regulation is measured using pulse techniques with duty cycle<5%


Số phần tương tự - GS2905X33

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
GS2911 ETC1-GS2911 Datasheet
338Kb / 11P
   300mA CMOS Positive LDO Voltage Regulator
GS2911N15 ETC1-GS2911N15 Datasheet
338Kb / 11P
   300mA CMOS Positive LDO Voltage Regulator
GS2911N18 ETC1-GS2911N18 Datasheet
338Kb / 11P
   300mA CMOS Positive LDO Voltage Regulator
GS2911N20 ETC1-GS2911N20 Datasheet
338Kb / 11P
   300mA CMOS Positive LDO Voltage Regulator
GS2911N25 ETC1-GS2911N25 Datasheet
338Kb / 11P
   300mA CMOS Positive LDO Voltage Regulator
More results

Mô tả tương tự - GS2905X33

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Seaward Electronics Inc...
SE5218 SEAWARD-SE5218_16 Datasheet
233Kb / 7P
   500mA CMOS LDO Voltage Regulator
SE5218 SEAWARD-SE5218 Datasheet
181Kb / 7P
   500mA CMOS LDO Voltage Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
   500mA CMOS LDO Regulator
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
   500mA CMOS LDO Regulator
logo
Rohm
BU12TH5WNVX-1 ROHM-BU12TH5WNVX-1 Datasheet
2Mb / 24P
   FULL CMOS LDO Regulator (500mA)
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119 Datasheet
192Kb / 6P
   500mA CMOS LDO Linear Regulator
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
   Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
   500mA Low Noise CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com