công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STQ-2016-3 bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện STQ-2016-3
Giải thích chi tiết về linh kiện  700-2500 MHz Direct Quadrature Modulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

STQ-2016-3 bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  STQ-2016-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers STQ-2016-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers STQ-2016-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers STQ-2016-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers STQ-2016-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers STQ-2016-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers STQ-2016-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers STQ-2016-3 Datasheet HTML 8Page - List of Unclassifed Manufacturers STQ-2016-3 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
The information provided herein is believed to be reliable at press time. Sirenza Microdevices assumes no responsibility for inaccuracies or ommisions.
Sirenza Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice.
No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Sirenza Microdevices does not authorize or warrant any Sirenza Microdevices product for use in
life-support devices and/or systems.
Copyright 2001 Sirenza Microdevices, Inc. All worldwide rights reserved.
303 South Technology Court Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
1
EDS-104229 Rev B
The Sirenza Microdevices STQ-2016-3 is a direct quadrature
modulator targeted for use in W-CDMA applications. This
device features a 700-2500 MHz operating frequency band,
excellent carrier and sideband suppression, and a low broad-
band noise floor.
The STQ-2016-3 uses silicon germanium (SiGe) device
technology and delivers a typical channel power of -11 dBm
with adjacent channel power less than -65 dBc. A digital
input shut-down feature is included that, when enabled,
attenuates the output by 60 dB. The device is packaged in an
industry standard 16 pin TSSOP with exposed paddle for
superb RF and thermal ground. The STQ-2016-3Z is pack-
aged in a RoHs compliant and Green 16-pin TSSOP with
matte tin finish.
Functional Block Diagram
Product Features
Applications
Excellent carrier feedthrough, -40 dBm constant
with output power
+4.0 dBm output P1dB
Wide baseband input, DC - 500 MHz
Superb phase accuracy and amplitude balance,
±0.5 deg./±0.2 dB
Very low noise floor, -157 dBm/Hz
Low ACP, -65 dBc
W-CDMA Transmitters
Product Description
16 pin TSSOP with Exposed Ground Pad
Package Footprint: 0.197 x 0.252 inches, (5.0 x 6.4 mm)
Package Height: 0.039 inches (1.0 mm)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
BBQN
RFP
RFN
BBIN
BBQP
LOP
LON
BBIP
LO
QUADRATURE
GENERATOR
VCC
VEE
VEE
VCC
SD
VEE
VEE
VCC
Product Specifications – W-CDMA Modulation (See Table 1 for Test Conditions)
869-894 MHz
1930-1990 MHz
2110-2170 MHz
Parameters
Comments
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Type*
Channel Power
Guaranteed through
Output Power test as
specified on Page 2
dBm
-13
-11
-9
-14.5
-12.5
-10.5
-15
-13
-11
E
Power Flatness
Range across fre-
quency band
dB
0.25
0.5
0.25
0.5
0.25
0.5
C,D
Adjacent Channel Power
Guaranteed through
IM3 test as specified
on Page 2
dBc
-65
-63
-65
-63
-65
-63
E
First Alternate Channel
Power
dBc
-75
-68
-73
-68
-73
-68
C,D
Second Alternate Channel
Power
dBc
-75
-68
-73
-68
-73
-68
C,D
Broadband Noise Floor
60 MHz offset from
carrier
dBm/Hz
-157
-156
-157
-156
-156
-155
C,D
Signal-to-Noise Ratio
Noise Offset: 60 MHz,
Measured in a 3.84 MHz
bandwidth
dB
79
81
77
79
76
78
C,D
*Type Definition: A = 100% tested (see Table 2 for conditions), B = Sample tested, C = Characterized on samples over temperature
and Vcc, D = Design parameter, E = 100% tested through correlated CW parameter, I = Device input specification.
STQ-2016-3
Pb
RoHS Compliant
&
Package
Green
STQ-2016-3Z
700-2500 MHz Direct Quadrature Modulator


Số phần tương tự - STQ-2016-3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SIRENZA MICRODEVICES
STQ-2016-3 SIRENZA-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
STQ-2016-3Z SIRENZA-STQ-2016-3Z Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
More results

Mô tả tương tự - STQ-2016-3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SIRENZA MICRODEVICES
STQ-2016-3 SIRENZA-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
STQ-2016 SIRENZA-STQ-2016 Datasheet
389Kb / 8P
   700-2500 MHz Direct Quadrature Modulator
STQ-3016 SIRENZA-STQ-3016 Datasheet
904Kb / 8P
   2500 -4000 MHz Direct Quadrature Modulator
logo
Stanford Microdevices
STQ-3016 STANFORD-STQ-3016 Datasheet
222Kb / 8P
   2500 - 4000 MHz Direct Quadrature Modulator
logo
Skyworks Solutions Inc.
SKY73010 SKYWORKS-SKY73010 Datasheet
136Kb / 8P
   300 - 2500 MHz Direct Quadrature Modulator
logo
ATMEL Corporation
T0790 ATMEL-T0790 Datasheet
241Kb / 14P
   700 MHz - 2700 MHz Direct Quadrature Modulator
logo
Analog Devices
ADL5372ACPZ-R7 AD-ADL5372ACPZ-R7 Datasheet
809Kb / 24P
   1500 MHz to 2500 MHz Quadrature Modulator
REV. 0
ADL5372 AD-ADL5372_15 Datasheet
809Kb / 24P
   1500 MHz to 2500 MHz Quadrature Modulator
REV. 0
AD8349 AD-AD8349 Datasheet
969Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. 0
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com