công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STQ-2016-3 bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers

tên linh kiện STQ-2016-3
Giải thích chi tiết về linh kiện  700-2500 MHz Direct Quadrature Modulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

STQ-2016-3 bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers

  STQ-2016-3 Datasheet HTML 1Page - List of Unclassifed Manufacturers STQ-2016-3 Datasheet HTML 2Page - List of Unclassifed Manufacturers STQ-2016-3 Datasheet HTML 3Page - List of Unclassifed Manufacturers STQ-2016-3 Datasheet HTML 4Page - List of Unclassifed Manufacturers STQ-2016-3 Datasheet HTML 5Page - List of Unclassifed Manufacturers STQ-2016-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers STQ-2016-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers STQ-2016-3 Datasheet HTML 8Page - List of Unclassifed Manufacturers STQ-2016-3 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
303 S. Technology Court, Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
3
EDS-104229 Rev B
STQ-2016-3 Direct Quadrature Modulator
0
100
200
300
400
500
600
700
800
1.5
1
0.5
0
0.5
1
1.5
Sa mp les
Vp
Vpp
V
pp Diff
,
2Vpp
Plot of Single-Ended W-CDMA Baseband Signal (BBIP)
**Peak-to-Peak Differential (Vpp, Diff.) Baseband Voltage Definition:
Product Specifications – Baseband Modulation Input
Parameters
Additional Test Conditions/Comments
Unit
Min.
Typ.
Max.
Type*
Baseband Frequency Input
-3dB bandwidth, baseband inputs termi-
nated in 50 ohms
MHz
DC
500
I
Baseband Input Resistance
per pin
kohms
4.4
D
Baseband Input Capacitance
per pin
pF
0.5
D
Product Specifications – Shut-Down Input (Pin 7)
Parameters
Additional Test Conditions/Comments
Unit
Min.
Typ.
Max.
Type*
Shut-Down Current
mA
42
60
A
Shut-Down Attenuation
dB
60
D
Shut-Down Pin Resistance
@ 1MHz
kohm
11.9
D
Shut-Down Pin Capacitance
@ 1MHz
pF
5.2
D
Shut-down Control
Voltage Thresholds
Shut-down disabled (normal operation)
V
3.75
Vcc
I
Shut-down enabled
V
0.0
1.5
I
Shut-Down Settling Time
ns
<450
D
*Type Definition: A = 100% tested (see Table 2 for conditions), B = Sample tested, C = Characterized on samples over temperature
and Vcc, D = Design parameter, E = 100 % tested through correlated CW parameter, I = Device input specification.
Product Specifications – LO Input
Parameters
Additional Test Conditions/Comments
Unit
Min.
Typ.
Max.
Type*
LO Frequency
MHz
700
2500
I
LO Drive Level
Recommended/Optimum Levels
dBm
-1
+3
+7
I
LO Port Return Loss
matched to 50
Ω (see schematic on page
12)
dB
16
D


Số phần tương tự - STQ-2016-3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SIRENZA MICRODEVICES
STQ-2016-3 SIRENZA-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
STQ-2016-3Z SIRENZA-STQ-2016-3Z Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
More results

Mô tả tương tự - STQ-2016-3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SIRENZA MICRODEVICES
STQ-2016-3 SIRENZA-STQ-2016-3 Datasheet
533Kb / 16P
   700-2500 MHz Direct Quadrature Modulator
STQ-2016 SIRENZA-STQ-2016 Datasheet
389Kb / 8P
   700-2500 MHz Direct Quadrature Modulator
STQ-3016 SIRENZA-STQ-3016 Datasheet
904Kb / 8P
   2500 -4000 MHz Direct Quadrature Modulator
logo
Stanford Microdevices
STQ-3016 STANFORD-STQ-3016 Datasheet
222Kb / 8P
   2500 - 4000 MHz Direct Quadrature Modulator
logo
Skyworks Solutions Inc.
SKY73010 SKYWORKS-SKY73010 Datasheet
136Kb / 8P
   300 - 2500 MHz Direct Quadrature Modulator
logo
ATMEL Corporation
T0790 ATMEL-T0790 Datasheet
241Kb / 14P
   700 MHz - 2700 MHz Direct Quadrature Modulator
logo
Analog Devices
ADL5372ACPZ-R7 AD-ADL5372ACPZ-R7 Datasheet
809Kb / 24P
   1500 MHz to 2500 MHz Quadrature Modulator
REV. 0
ADL5372 AD-ADL5372_15 Datasheet
809Kb / 24P
   1500 MHz to 2500 MHz Quadrature Modulator
REV. 0
AD8349 AD-AD8349 Datasheet
969Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. 0
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com