công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
N02L1618C1AB-70I bảng dữ liệu(PDF) 4 Page - NanoAmp Solutions, Inc. |
|
N02L1618C1AB-70I bảng dữ liệu(HTML) 4 Page - NanoAmp Solutions, Inc. |
4 / 11 page Stock No. 23265-A 4 The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com. NanoAmp Solutions, Inc. N02L1618C1A Advance Information Absolute Maximum Ratings1 Item Symbol Rating Unit Voltage on any pin relative to VSS VIN,OUT –0.3 to VCC+0.3 V Voltage on VCC Supply Relative to VSS VCC –0.3 to 3.0 V Power Dissipation PD 500 mW Storage Temperature TSTG –40 to 125 oC Operating Temperature TA -40 to +85 oC Soldering Temperature and Time TSOLDER 240oC, 10sec(Lead only) oC 1. Stresses greater than those listed above may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operating section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. Operating Characteristics (Over Specified Temperature Range) Item Symbol Test Conditions Min. Typ1 1. Typical values are measured at Vcc=Vcc Typ., TA=25°C and are not 100% tested. Max Unit Supply Voltage VCC 1.65 1.8 2.2 V Data Retention Voltage VDR Chip Disabled2 1.2 2.2 V Input High Voltage VIH 0.7Vcc VCC+0.3 V Input Low Voltage VIL –0.3 0.3Vcc V Output High Voltage VOH IOH = 0.2mA VCC–0.2 V Output Low Voltage VOL IOL = -0.2mA 0.3 V Input Leakage Current ILI VIN = 0 to VCC 0.5 µA Output Leakage Current ILO OE = VIH or Chip Disabled 0.5 µA Read/Write Operating Supply Current @ 1 µs Cycle Time2 2. This parameter is specified with the outputs disabled to avoid external loading effects. The user must add current required to drive output capacitance expected in the actual system. ICC1 VCC=2.2 V, VIN=VIH or VIL Chip Enabled, IOUT = 0 1.4 3.0 mA Read/Write Operating Supply Current @ 70 ns Cycle Time2 ICC2 VCC=2.2 V, VIN=VIH or VIL Chip Enabled, IOUT = 0 8.0 17.0 mA Page Mode Operating Supply Current @ 70ns Cycle Time2 (Refer to Power Savings with Page Mode Operation diagram) ICC3 VCC=2.2V, VIN=VIH or VIL Chip Enabled, IOUT = 0 2.0 4.0 mA Read/Write Quiescent Operating Sup- ply Current3 3. This device assumes a standby mode if the chip is disabled (CE high). In order to achieve low standby current all inputs must be within 0.2 volts of either VCC or VSS ICC4 VCC=2.2V, VIN=VIH or VIL Chip Enabled, IOUT = 0, f = 0 0.1 mA Maximum Standby Current3 ISB1 VIN = VCC or 0V Chip Disabled tA= 85oC, VCC = 2.2 V 0.5 10.0 µA Maximum Data Retention Current3 IDR VCC = 1.2V, VIN = VCC or 0 Chip Disabled, tA= 85oC 5.0 µA |
Số phần tương tự - N02L1618C1AB-70I |
|
Mô tả tương tự - N02L1618C1AB-70I |